Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC877432A Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC877432A
Description  8 Bit Single Chip Microcontroller Incorporating 48K/40K/32K/24K Byte ROM and 1536 byte RAM on Chip
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC877432A Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC877432A Datasheet HTML 2Page - Sanyo Semicon Device LC877432A Datasheet HTML 3Page - Sanyo Semicon Device LC877432A Datasheet HTML 4Page - Sanyo Semicon Device LC877432A Datasheet HTML 5Page - Sanyo Semicon Device LC877432A Datasheet HTML 6Page - Sanyo Semicon Device LC877432A Datasheet HTML 7Page - Sanyo Semicon Device LC877432A Datasheet HTML 8Page - Sanyo Semicon Device LC877432A Datasheet HTML 9Page - Sanyo Semicon Device LC877432A Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LC877448A/40A/32A/24A
No.7776-6/22
Pin Assignment
S47/PF7
V3/PL6/AN14
V2/PL5/AN13
V1/PL4/AN12
COM0/PL0
COM1/PL1
COM2/PL2
COM3/PL3
P30/INT4/T1IN
P31/INT4/T1IN
VSS3
VDD3
P32/INT4/T1IN
P33/INT4/T1IN
P34/INT5/T1IN
P35/INT5/T1IN
P00
P01
P02
P03
P04
P05
P06
P07
P10/SO0
S23/PC7
S22/PC6
S21/PC5
S20/PC4
S19/PC3
S18/PC2
S17/PC1
S16/PC0
S15/PB7
S14/PB6
S13/PB5
S12/PB4
S11/PB3
S10/PB2
S9/PB1
S8/PB0
S7/PA7
S6/PA6
S5/PA5
S4/PA4
S3/PA3
S2/PA2
S1PA1
S0/PA0
P73/INT3/T0IN
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
LC877448A
LC877440A
LC877432A
LC877424A
Top view
SANYO : TQFP100


Similar Part No. - LC877432A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC877248A SANYO-LC877248A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC877256A SANYO-LC877256A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC877264A SANYO-LC877264A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC8772C8B SANYO-LC8772C8B Datasheet
765Kb / 24P
   8-Bit Single Chip Microcontroller with 128KB Flash Momory and 2048-Byte RAM On Chip?
LC877648B SANYO-LC877648B Datasheet
183Kb / 25P
   CMOS IC Internal 96K/80K/64K/48K-byte ROM 4096-byte RAM 8-bit 1-chip Microcontroller
More results

Similar Description - LC877432A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC875G32A SANYO-LC875G32A Datasheet
149Kb / 23P
   ROM 32K/24K/16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC875164A SANYO-LC875164A Datasheet
786Kb / 25P
   8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
LC875932A SANYO-LC875932A Datasheet
171Kb / 23P
   CMOS IC Internal 32K/24K/16K-byte ROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC875064B SANYO-LC875064B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
   8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com