Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM9932 Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APM9932
Description  Dual Enhancement Mode MOSFET (N-and P-Channel)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM9932 Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APM9932 Datasheet HTML 5Page - Anpec Electronics Coropration APM9932 Datasheet HTML 6Page - Anpec Electronics Coropration APM9932 Datasheet HTML 7Page - Anpec Electronics Coropration APM9932 Datasheet HTML 8Page - Anpec Electronics Coropration APM9932 Datasheet HTML 9Page - Anpec Electronics Coropration APM9932 Datasheet HTML 10Page - Anpec Electronics Coropration APM9932 Datasheet HTML 11Page - Anpec Electronics Coropration APM9932 Datasheet HTML 12Page - Anpec Electronics Coropration APM9932 Datasheet HTML 13Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Oct., 2002
www.anpec.com.tw
9
APM9932/C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1
10
1E-4
1E-3
0.01
0.1
1
10
0.01
0.1
1
30
0.01
0.1
1
10
0
20
40
60
80
30
Source-Drain Diode Forward Voltage
TJ=150°C
TJ=25°C
-VSD -Source-to-Drain Voltage (V)
Typical Characteristics (Cont.)
Single Pulse Power
Time (sec)
Square Wave Pulse Duration (sec)
Normalized Thermal Transient Impedence, Junction to Ambient
1.Duty Cycle, D=t1/t2
2.Per Unit Base=RthJA=50°C/W
3.TJM-TA=PDMZthJA
Duty Cycle=0.5
D=0.2
D=0.1
D=0.05
D=0.02
SINGLE PULSE
P-Channel


Similar Part No. - APM9932

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM9932CK ANPEC-APM9932CK Datasheet
150Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM9932CKC-TR ANPEC-APM9932CKC-TR Datasheet
150Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM9932CKC-TRL ANPEC-APM9932CKC-TRL Datasheet
150Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM9932CKC-TU ANPEC-APM9932CKC-TU Datasheet
150Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM9932CKC-TUL ANPEC-APM9932CKC-TUL Datasheet
150Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
More results

Similar Description - APM9932

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM4542K ANPEC-APM4542K Datasheet
153Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4548K ANPEC-APM4548K Datasheet
250Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4542 ANPEC-APM4542 Datasheet
270Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM9928 ANPEC-APM9928 Datasheet
292Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4532 ANPEC-APM4532 Datasheet
205Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
logo
Sinopower Semiconductor...
SM8403CSQ SINOPWER-SM8403CSQ Datasheet
279Kb / 14P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
SM3040CSU4 SINOPWER-SM3040CSU4 Datasheet
218Kb / 16P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
SM7309CSKP SINOPWER-SM7309CSKP Datasheet
326Kb / 16P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
SM1A40CSQ SINOPWER-SM1A40CSQ Datasheet
275Kb / 14P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
logo
Supertex, Inc
TC2320 SUTEX-TC2320_07 Datasheet
485Kb / 4P
   N- and P-Channel Enhancement-Mode Dual MOSFET
logo
Sinopower Semiconductor...
SM1A40CSK SINOPWER-SM1A40CSK Datasheet
219Kb / 16P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com