Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT8A2612P Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PT8A2612P
Description  PIR Sensor Light Switch Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A2612P Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PT8A2612P Datasheet HTML 1Page - Pericom Semiconductor Corporation PT8A2612P Datasheet HTML 2Page - Pericom Semiconductor Corporation PT8A2612P Datasheet HTML 3Page - Pericom Semiconductor Corporation PT8A2612P Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A2612P Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A2612P Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A2612P Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A2612P Datasheet HTML 8Page - Pericom Semiconductor Corporation PT8A2612P Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
PT8A261/262
PIR Sensor Light Switch Controller
PT0075(04/03)
Ver:5
5
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
Functional Descriptions
The PT8A261 and PT8A262 are CMOS LSI chips designed for
automatic PIR lamp control. They can operate in 2-wire con-
figuration for triac applications or in 3-wire configuration for
relay applications.
The device consists of operational amplifiers, a comparator,
timer, a zero crossing detector, control circuit, a voltage regu-
lator, a system oscillator, and an output timing oscillator.
The PIR sensor detects infrared power variations caused by
motion of a human body and transfer to a voltage variation. If
the PIR output voltage variation conforms to criteria, the lamp
is turned on for an adjustable duration. The PT8A261 (or 262)
offers three operating modes (ON, AUTO, OFF) which can be
set through a MODE pin. When the device is working in AUTO
mode, the user can override the mode to switch it to TEST
mode or manual ON mode, or return to the AUTO mode by
switching power switch.
OSCS and OSCD Pins
OSCS is a system oscillator I/O pin connected to an external
RC to generate system frequency of 16kHz.
OSCD is an output timing oscillator I/O pin. It’s connected to
an external RC to obtain the desired turn-on duration by se-
lecting various values of RC or using a variable resistor.FOSCD
is the frequency of OSCD pin, output timing can be caculated
as the formula:
TD = 21504/FOSCD
CDS Input Circuit
CDS is a CMOS schmitt trigger input pin. It is used to distin-
guish between day time and night time. When the input volt-
age of CDS is high the PIR input is enabled, when CDS low the
PIR input disabled. The input disable-to-enable debounce
time is 5 seconds. Connect this pin to V
CC when not using it.
The CDS input is ignored when the TRIAC or RELAY output
is active.
Figure 4. Output Timing Oscillator
Figure 5. CDS Input Circuit
CDS
Rp
V
CC
CDS
Schmitt
Driver
PT8A261/262
Control
Circuit
CDS
Figure 3. System Oscillator
OSCD
CD
RD
560K
200P
CS
RS
PT8A261/
262
OSCS
PT8A261/
262
TD = 21504/FOSCD
CDS
PIR
Disable
Enable
< 5s
> 5s
Enable
Figure 6. CDS Enable Debounce
CDS
Status
PIR
LOW
Day Time
Disabled
HIGH
Night
Enabled
Table 2. CDS Pin Function


Similar Part No. - PT8A2612P

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A261 PERICOM-PT8A261 Datasheet
100Kb / 13P
   PIR Sensor Light Switch Controller
PT8A2611 PERICOM-PT8A2611 Datasheet
110Kb / 13P
   PIR Sensor Light Switch Controller
PT8A2611DE PERICOM-PT8A2611DE Datasheet
110Kb / 13P
   PIR Sensor Light Switch Controller
PT8A2611P PERICOM-PT8A2611P Datasheet
110Kb / 13P
   PIR Sensor Light Switch Controller
PT8A2611W PERICOM-PT8A2611W Datasheet
110Kb / 13P
   PIR Sensor Light Switch Controller
More results

Similar Description - PT8A2612P

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A261 PERICOM-PT8A261 Datasheet
100Kb / 13P
   PIR Sensor Light Switch Controller
PT8A2621 PERICOM-PT8A2621 Datasheet
110Kb / 13P
   PIR Sensor Light Switch Controller
PT8A2641 PERICOM-PT8A2641 Datasheet
413Kb / 13P
   PIR Sensor Light Switch
logo
ELMOS Semiconductor AG
E931.98 ELMOS-E931.98 Datasheet
207Kb / 2P
   PIR CONTROLLER IC FOR LOAD SWITCH
logo
List of Unclassifed Man...
M2000C ETC1-M2000C Datasheet
202Kb / 5P
   PIR Light Controller for 3-Wire Applications
WT8072 ETC-WT8072 Datasheet
53Kb / 5P
   PIR CONTROLLER
M7610 ETC-M7610 Datasheet
106Kb / 3P
   PIR CONTROLLER
logo
Silvan Chip Electronics...
BISS0001 SILVAN-BISS0001 Datasheet
168Kb / 2P
   PIR CONTROLLER
CS9803 SILVAN-CS9803 Datasheet
170Kb / 3P
   PIR CONTROLLER
LP0001 SILVAN-LP0001 Datasheet
85Kb / 2P
   PIR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com