Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR-215ACP Datasheet(PDF) 8 Page - Exar Corporation

Part # XR-215ACP
Description  Monolithic Phase-Locked Loop
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR-215ACP Datasheet(HTML) 8 Page - Exar Corporation

Back Button XR-215ACP Datasheet HTML 4Page - Exar Corporation XR-215ACP Datasheet HTML 5Page - Exar Corporation XR-215ACP Datasheet HTML 6Page - Exar Corporation XR-215ACP Datasheet HTML 7Page - Exar Corporation XR-215ACP Datasheet HTML 8Page - Exar Corporation XR-215ACP Datasheet HTML 9Page - Exar Corporation XR-215ACP Datasheet HTML 10Page - Exar Corporation XR-215ACP Datasheet HTML 11Page - Exar Corporation XR-215ACP Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
XR-215A
8
Rev. 1.01
16
VCC
13
Op
Amp
Figure 4. Test Circuit for Split-Supply Operation
0.1
mF
+6V
0.1
mF
U1
XR-215A
5K
0.1
mF
2K
Signal
Input
50
W
2K
0.1
mF
2K
VCO
Output
Demodulated
Output
100pF
10K
10K
300pF
RF
100K
RP 10K
-6V
750
S4
-6V
2nF
2nF
50
50
Phase
Comp.
VCO
11
12
10
9
14
3 1
7
15
4
8
6
2
VEE
5
0.068
mF


Similar Part No. - XR-215ACP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-215ACP EXAR-XR-215ACP Datasheet
318Kb / 32P
   Monolithic Phase Locked Loop
More results

Similar Description - XR-215ACP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-215A EXAR-XR-215A Datasheet
318Kb / 32P
   Monolithic Phase Locked Loop
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
   PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
   PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
   PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
   PHASE-LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com