Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC00 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ALVC00
Description  Quad 2-input NAND gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC00 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVC00 Datasheet HTML 3Page - NXP Semiconductors 74ALVC00 Datasheet HTML 4Page - NXP Semiconductors 74ALVC00 Datasheet HTML 5Page - NXP Semiconductors 74ALVC00 Datasheet HTML 6Page - NXP Semiconductors 74ALVC00 Datasheet HTML 7Page - NXP Semiconductors 74ALVC00 Datasheet HTML 8Page - NXP Semiconductors 74ALVC00 Datasheet HTML 9Page - NXP Semiconductors 74ALVC00 Datasheet HTML 10Page - NXP Semiconductors 74ALVC00 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
2003 May 14
7
Philips Semiconductors
Product specification
Quad 2-input NAND gate
74ALVC00
AC CHARACTERISTICS
Note
1. All typical values are measured at Tamb =25 °C.
AC WAVEFORMS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 to +85 °C
tPHL/tPLH
propagation delay
nA, nB to nY
see Figs 6 and 7
1.65 to 1.95
1.0
2.8
4.4
ns
2.3 to 2.7
1.0
2.1
2.8
ns
2.7
1.0
2.6
3.2
ns
3.0 to 3.6
1.0
2.1
3.0
ns
handbook, halfpage
MNA218
tPHL
tPLH
VM
VM
nA, nB input
nY output
GND
VI
VOH
VOL
Fig.6 Inputs nA, nB to output nY propagation delay times.
VCC
VM
INPUT
VI
tr =tf
1.65 to 1.95 V
0.5
× VCC VCC
≤ 2.0 ns
2.3 to 2.7 V
0.5
× V
CC
VCC
≤ 2.0 ns
2.7 V
1.5 V
2.7 V
≤ 2.5 ns
3.0 to 3.6 V
1.5 V
2.7 V
≤ 2.5 ns
VOL and VOH are typical output voltage drop that occur with the output load.


Similar Part No. - 74ALVC00

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC00 FAIRCHILD-74ALVC00 Datasheet
89Kb / 5P
   Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
logo
ON Semiconductor
74ALVC00 ONSEMI-74ALVC00 Datasheet
200Kb / 6P
   Low Voltage Quad 2-Input NAND Gate
Revised February 2005
logo
Nexperia B.V. All right...
74ALVC00 NEXPERIA-74ALVC00 Datasheet
232Kb / 12P
   Quad 2-input NAND gate
Rev. 5 - 30 April 2021
74ALVC00-Q100 NEXPERIA-74ALVC00-Q100 Datasheet
770Kb / 14P
   Quad 2-input NAND gate
74ALVC00BQ NEXPERIA-74ALVC00BQ Datasheet
232Kb / 12P
   Quad 2-input NAND gate
Rev. 5 - 30 April 2021
More results

Similar Description - 74ALVC00

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com