Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL213EB Datasheet(PDF) 6 Page - Analog Devices

Part # ADXL213EB
Description  Low Cost 1.2 g Dual Axis Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL213EB Datasheet(HTML) 6 Page - Analog Devices

Back Button ADXL213EB Datasheet HTML 2Page - Analog Devices ADXL213EB Datasheet HTML 3Page - Analog Devices ADXL213EB Datasheet HTML 4Page - Analog Devices ADXL213EB Datasheet HTML 5Page - Analog Devices ADXL213EB Datasheet HTML 6Page - Analog Devices ADXL213EB Datasheet HTML 7Page - Analog Devices ADXL213EB Datasheet HTML 8Page - Analog Devices ADXL213EB Datasheet HTML 9Page - Analog Devices ADXL213EB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADXL213
Rev. 0 | Page 6 of 12
TEMPERATURE (°C)
46.0
53.0
52.5
52.0
51.5
51.0
50.0
50.5
49.0
49.5
48.0
48.5
47.0
46.5
47.5
53.5
54.0
Figure 9. Zero g Bias vs. Temperature – Parts Soldered to PCB
0
40.0
25.0
30.0
35.0
20.0
15.0
10.0
5.0
NOISE DENSITY (
µg√Hz)
Figure 10. X Axis Noise Density at 25°C
PERCENT SENSITIVITY (%)
0
30
25
20
15
10
5
35
40
Figure 11. Z vs. X Cross-Axis Sensitivity
TEMPERATURE (°C)
28.50
31.00
30.75
30.50
30.00
30.25
29.75
29.25
29.50
28.75
29.00
31.25
31.50
Figure 12. Sensitivity vs. Temperature – Parts Soldered to PCB
0
40.0
25.0
30.0
35.0
20.0
15.0
10.0
5.0
NOISE DENSITY (
µg√Hz)
Figure 13. Y Axis Noise Density at 25°C
PERCENT SENSITIVITY (%)
0
30
25
20
15
10
5
35
40
Figure 14. Z vs. Y Cross-Axis Sensitivity


Similar Part No. - ADXL213EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL213 AD-ADXL213_15 Datasheet
196Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
More results

Similar Description - ADXL213EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL213 AD-ADXL213_15 Datasheet
196Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
logo
List of Unclassifed Man...
MXD2002A ETC1-MXD2002A Datasheet
572Kb / 8P
   Low Cost, 짹10 g Dual Axis Accelerometer with Digital Outputs
logo
MEMSIC Semiconductor (T...
MXP7205VF MEMSIC-MXP7205VF Datasheet
603Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.E
logo
Analog Devices
ADXL210E AD-ADXL210E Datasheet
177Kb / 12P
   Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV. 0
logo
MEMSIC Semiconductor (T...
MXP7205VW MEMSIC-MXP7205VW Datasheet
553Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.D
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
   Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
MXS7205VW MEMSIC-MXS7205VW Datasheet
282Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.C
logo
Analog Devices
ADXL202E AD-ADXL202E_15 Datasheet
147Kb / 12P
   Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
logo
List of Unclassifed Man...
MXC6202XJ ETC1-MXC6202XJ Datasheet
285Kb / 11P
   Ultra Low Cost, 짹2.0 g Dual Axis Accelerometer With I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com