Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL213EB Datasheet(PDF) 3 Page - Analog Devices

Part # ADXL213EB
Description  Low Cost 1.2 g Dual Axis Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL213EB Datasheet(HTML) 3 Page - Analog Devices

  ADXL213EB Datasheet HTML 1Page - Analog Devices ADXL213EB Datasheet HTML 2Page - Analog Devices ADXL213EB Datasheet HTML 3Page - Analog Devices ADXL213EB Datasheet HTML 4Page - Analog Devices ADXL213EB Datasheet HTML 5Page - Analog Devices ADXL213EB Datasheet HTML 6Page - Analog Devices ADXL213EB Datasheet HTML 7Page - Analog Devices ADXL213EB Datasheet HTML 8Page - Analog Devices ADXL213EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADXL213
Rev. 0 | Page 3 of 12
SPECIFICATIONS
TA = –40°C to +85°C, VS = 5 V, CX = CY = 0.1 μF, Acceleration = 0 g, unless otherwise noted. All minimum and maximum specifications
are guaranteed. Typical specifications are not guaranteed.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
SENSOR INPUT
Each axis
Measurement Range1
±1.2
g
Nonlinearity
% of full scale
±0.5
%
Package Alignment Error
±1
Degrees
Alignment Error
X sensor to Y sensor
±0.1
Degrees
Cross Axis Sensitivity
±2
%
SENSITIVITY (Ratiometric)2
Each axis
Sensitivity at XOUT, YOUT
VS = 5 V
27
30
33
%/g
Sensitivity Change due to Temperature3
VS = 5 V
±0.3
%
ZERO g BIAS LEVEL (Ratiometric)
Each axis
0 g Voltage at XOUT, YOUT
VS = 5 V
±50
%
Initial 0 g Output Deviation from Ideal
VS = 5 V, 25°C
±2
%
0 g Offset vs. Temperature
±0.25
mg/°C
NOISE PERFORMANCE
Noise Density
@25°C
160
µg/√Hz rms
FREQUENCY RESPONSE4
CX, CY Range5
0.002
4.7
µF
RFILT Tolerance
22
32
42
kΩ
Sensor Resonant Frequency
5.5
kHz
SELF TEST6
Logic Input Low
1
V
Logic Input High
4
V
ST Input Resistance to Ground
30
50
kΩ
Output Change at XOUT, YOUT
Self test 0 to 1
23
%
PWM Output
FSET
RSET = 125 kΩ
1
kHz
T2 Drift versus Temperature
±0.3
%
POWER SUPPLY
Operating Voltage Range
3
6
V
Quiescent Supply Current
0.7
1.1
mA
Turn-On Time7
20
ms
1 Guaranteed by measurement of initial offset and sensitivity.
2 Sensitivity varies with VS. At VS = 3 V, sensitivity is typically 28%/g.
3 Defined as the output change from ambient-to-maximum temperature or ambient-to-minimum temperature.
4 Actual frequency response controlled by user-supplied external capacitor (CX, CY).
5 Bandwidth = 1/(2 × π × 32 kΩ × C). For CX, CY = 0.002 µF, Bandwidth = 2500 Hz. For CX, CY = 4.7 µF, Bandwidth = 1 Hz. Minimum/maximum values are not tested.
6 Self-test response changes with VS. At VS = 3 V, self-test output is typically 8%.
7 Larger values of CX, CY increase turn-on time. Turn-on time is approximately 160 × CX or CY + 4 ms, where CX, CY are in µF.


Similar Part No. - ADXL213EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL213 AD-ADXL213_15 Datasheet
196Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
More results

Similar Description - ADXL213EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL213 AD-ADXL213_15 Datasheet
196Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
logo
List of Unclassifed Man...
MXD2002A ETC1-MXD2002A Datasheet
572Kb / 8P
   Low Cost, 짹10 g Dual Axis Accelerometer with Digital Outputs
logo
MEMSIC Semiconductor (T...
MXP7205VF MEMSIC-MXP7205VF Datasheet
603Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.E
logo
Analog Devices
ADXL210E AD-ADXL210E Datasheet
177Kb / 12P
   Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV. 0
logo
MEMSIC Semiconductor (T...
MXP7205VW MEMSIC-MXP7205VW Datasheet
553Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.D
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
   Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
MXS7205VW MEMSIC-MXS7205VW Datasheet
282Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.C
logo
Analog Devices
ADXL202E AD-ADXL202E_15 Datasheet
147Kb / 12P
   Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
logo
List of Unclassifed Man...
MXC6202XJ ETC1-MXC6202XJ Datasheet
285Kb / 11P
   Ultra Low Cost, 짹2.0 g Dual Axis Accelerometer With I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com