Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-521A Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HDSP-521A
Description  14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-521A Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HDSP-521A Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-521A Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-521A Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-521A Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-521A Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-521A Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Description
The 14.22 mm (0.56 inch) LED
dual digit seven segment displays
use industry standard size
package and pinout. The device is
available in either common anode
or common cathode. These gray
face displays are suitable for
indoor use.
Agilent HDSP-521A/523A
14.22 mm (0.56 inch) Dual Digit General
Purpose Seven Segment Display
Data Sheet
Features
• Industry standard size
• Industry standard pinout
14.22 mm (0.56 inch)
DIP lead on 2.54 mm
• AlGaAs Red color
• Excellent appearance
Evenly lighted segments gray
package gives optimum contrast
± 50 ft. viewing angle
• Design flexibility
Common anode right hand deci-
mal point or common
cathode right hand decimal point
Applications
• Suitable for indoor use
• Not recommended for industrial
application, i.e., operating tem-
perature requirements exceeding
+85˚C or below –25˚C[1]
• Extreme temperature cycling not
recommended
Note:
1. For additional details, please contact your
local Agilent sales office or an authorized
distributor.
Devices
AlGaAs Red
Description
HDSP-521A
Common Anode Right Hand Decimal
HDSP-523A
Common Cathode Right Hand Decimal


Similar Part No. - HDSP-521A

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-521A AVAGO-HDSP-521A Datasheet
55Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
Broadcom Corporation.
HDSP-521A BOARDCOM-HDSP-521A Datasheet
131Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
More results

Similar Description - HDSP-521A

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-521A AVAGO-HDSP-521A Datasheet
55Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
Broadcom Corporation.
HDSP-521A BOARDCOM-HDSP-521A Datasheet
131Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-513E AVAGO-HDSP-513E Datasheet
78Kb / 9P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
Agilent(Hewlett-Packard...
HDSP-511X HP-HDSP-511X Datasheet
353Kb / 10P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-511X AVAGO-HDSP-511X Datasheet
78Kb / 9P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
Lite-On Technology Corp...
LTS-6680E LITEON-LTS-6680E Datasheet
127Kb / 5P
   0.56 inch (14.22 mm) digit height single digit seven-segment display.
logo
LUMEX INC.
LDD-A5643RI LUMEX-LDD-A5643RI Datasheet
59Kb / 1P
   0.56 SEVEN SEGMENT, DUAL DIGIT DISPLAY
LDD-A514RO LUMEX-LDD-A514RO Datasheet
59Kb / 1P
   0.56 SEVEN SEGMENT, DUAL DIGIT DISPLAY
LDD-A515RE LUMEX-LDD-A515RE Datasheet
60Kb / 1P
   0.56 SEVEN SEGMENT, DUAL DIGIT DISPLAY
LDD-A512RI LUMEX-LDD-A512RI Datasheet
61Kb / 1P
   0.56 SEVEN SEGMENT, DUAL DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com