Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA80FA120 Datasheet(PDF) 3 Page - International Rectifier

Part # HFA80FA120
Description  Ultrafast, Soft Recovery Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HFA80FA120 Datasheet(HTML) 3 Page - International Rectifier

  HFA80FA120 Datasheet HTML 1Page - International Rectifier HFA80FA120 Datasheet HTML 2Page - International Rectifier HFA80FA120 Datasheet HTML 3Page - International Rectifier HFA80FA120 Datasheet HTML 4Page - International Rectifier HFA80FA120 Datasheet HTML 5Page - International Rectifier HFA80FA120 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
HFA80FA120
Bulletin PD-20395 rev. A 01/02
www.irf.com
Fig. 1 - Typical Forward Voltage Drop Characteristics
Reverse Voltage - V
R (V)
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage
Forward Voltage Drop - V
FM (V)
Reverse Voltage - V
R (V)
Fig. 4 - Max. Thermal Impedance Z thJC Characteristics
t
1, Rectangular Pulse Duration (Seconds)
Fig. 2 - Typical Values Of Reverse Current
Vs. Reverse Voltage
0.0001
0.001
0.01
0.1
1
10
0
200
400
600
800 1000 1200
25˚C
125˚C
Tj = 150˚C
0.0001
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
Single Pulse
(Thermal Resistance)
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01
2
t
1
t
P
DM
Notes:
1. Duty factor D = t1/ t2
.
2. Peak Tj = Pdm x ZthJC + Tc
.
1
10
100
1
1.5
2
2.5
3
3.5
4
Tj = 150˚C
Tj = 125˚C
Tj = 25˚C
10
100
1000
1
10
100
1000
10000
Tj = 25˚C


Similar Part No. - HFA80FA120

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA80FA120P VISHAY-HFA80FA120P Datasheet
115Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 80 A
Revision: 28-Aug-08
HFA80FA120P VISHAY-HFA80FA120P Datasheet
136Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 80 A
Revision: 22-Jul-10
HFA80FA120P VISHAY-HFA80FA120P Datasheet
115Kb / 8P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 80 A
02-Oct-12
HFA80FA120P VISHAY-HFA80FA120P_10 Datasheet
136Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 80 A
Revision: 22-Jul-10
HFA80FA120P VISHAY-HFA80FA120P_V01 Datasheet
115Kb / 8P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 80 A
02-Oct-12
More results

Similar Description - HFA80FA120

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA25TB60 IRF-HFA25TB60 Datasheet
263Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA80NC40C IRF-HFA80NC40C Datasheet
192Kb / 5P
   Ultrafast, Soft Recovery Diode
150EBU04 IRF-150EBU04 Datasheet
150Kb / 6P
   Ultrafast Soft Recovery Diode
80EBU04 IRF-80EBU04 Datasheet
147Kb / 7P
   Ultrafast Soft Recovery Diode
HFA120MD40C IRF-HFA120MD40C Datasheet
298Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA15TB60 IRF-HFA15TB60 Datasheet
205Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA70NH60 IRF-HFA70NH60 Datasheet
325Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA40HF120C IRF-HFA40HF120C_15 Datasheet
142Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA45HI60C IRF-HFA45HI60C_15 Datasheet
137Kb / 3P
   Ultrafast, Soft Recovery Diode
HFB50HC20C IRF-HFB50HC20C_15 Datasheet
137Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA140NJ60D IRF-HFA140NJ60D Datasheet
319Kb / 5P
   Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com