Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6027RLRM Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2N6027RLRM
Description  Programmable Unijunction Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6027RLRM Datasheet(HTML) 3 Page - ON Semiconductor

  2N6027RLRM Datasheet HTML 1Page - ON Semiconductor 2N6027RLRM Datasheet HTML 2Page - ON Semiconductor 2N6027RLRM Datasheet HTML 3Page - ON Semiconductor 2N6027RLRM Datasheet HTML 4Page - ON Semiconductor 2N6027RLRM Datasheet HTML 5Page - ON Semiconductor 2N6027RLRM Datasheet HTML 6Page - ON Semiconductor 2N6027RLRM Datasheet HTML 7Page - ON Semiconductor 2N6027RLRM Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2N6027, 2N6028
http://onsemi.com
3
K
G
A
Programmable Unijunction
with “Program” Resistors
R1 and R2
1A –
VAK
+VB
IA
R1
R1 + R2
R1
R2
– VS =
VB
VAK
IA
+
VS
RG
RG =
R1 R2
R1 + R2
Equivalent Test Circuit for
Figure 1A used for electrical
characteristics testing
(also see Figure 2)
1B –
Adjust
for
Turn–on
Threshold
100k
1.0%
2N5270
VB
0.01
µF
20
R
R
RG = R/2
VS = VB/2
(See Figure 1)
+
IP (SENSE)
100
µV = 1.0 nA
Scope
Put
Under
Test
CC
510k
16k
27k
20
vo
+VB
+V
Vo
6 V
0.6 V
tf
t
IC – Electrical Characteristics
VA
VS
VF
VV
–VP
IA
IF
IV
IP
VT = VP – VS
IGAO
Figure 1. Electrical Characterization
Figure 2. Peak Current (IP) Test Circuit
Figure 3. Vo and tr Test Circuit


Similar Part No. - 2N6027RLRM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6027RLRA ONSEMI-2N6027RLRA Datasheet
77Kb / 6P
   Programmable Unijunction Transistor
May, 2006 ??Rev.6
2N6027RLRAG ONSEMI-2N6027RLRAG Datasheet
77Kb / 6P
   Programmable Unijunction Transistor
May, 2006 ??Rev.6
More results

Similar Description - 2N6027RLRM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BRY61 PHILIPS-BRY61 Datasheet
56Kb / 8P
   Programmable unijunction transistor
1999 Apr 27
logo
Central Semiconductor C...
CP622 CENTRAL-CP622 Datasheet
221Kb / 2P
   Programmable Unijunction Transistor
CP624 CENTRAL-CP624 Datasheet
223Kb / 2P
   Programmable Unijunction Transistor
logo
New Jersey Semi-Conduct...
2N6028 NJSEMI-2N6028 Datasheet
99Kb / 1P
   PROGRAMMABLE UNIJUNCTION TRANSISTOR
2N6117 NJSEMI-2N6117 Datasheet
89Kb / 1P
   PROGRAMMABLE UNIJUNCTION TRANSISTOR
BRY39 NJSEMI-BRY39 Datasheet
145Kb / 4P
   Programmable unijunction transistor
logo
Siemens Semiconductor G...
BRY56 SIEMENS-BRY56 Datasheet
110Kb / 5P
   PROGRAMMABLE UNIJUNCTION TRANSISTOR
logo
Unisonic Technologies
2N6027 UTC-2N6027 Datasheet
141Kb / 3P
   PROGRAMMABLE UNIJUNCTION TRANSISTOR
logo
List of Unclassifed Man...
2N6027 ETC-2N6027 Datasheet
177Kb / 6P
   PROGRAMMABLE UNIJUNCTION TRANSISTOR
logo
NXP Semiconductors
BRY56A PHILIPS-BRY56A Datasheet
56Kb / 8P
   Programmable unijunction transistor
1999 May 31
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com