Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61523FP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M61523FP
Description  Electronic Volume with Scf Type Tone Control To 6 Speakers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61523FP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M61523FP Datasheet HTML 2Page - Renesas Technology Corp M61523FP Datasheet HTML 3Page - Renesas Technology Corp M61523FP Datasheet HTML 4Page - Renesas Technology Corp M61523FP Datasheet HTML 5Page - Renesas Technology Corp M61523FP Datasheet HTML 6Page - Renesas Technology Corp M61523FP Datasheet HTML 7Page - Renesas Technology Corp M61523FP Datasheet HTML 8Page - Renesas Technology Corp M61523FP Datasheet HTML 9Page - Renesas Technology Corp M61523FP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
M61523FP
Rev.1.00, Sep.04.2003, page 6 of 23
Electical Characteristics
Unless otherwise noted, V
CC=9V, Ta=25°C, RL=10KΩ, Input selector : IN1
Vi=1Vrms, f=1KHz, Input gain control/Loudness/Volume/Tone control/FADER/Non FADER=0dB
Limits
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Input selector, Input gain control
Zin
Input resistance
1,2,3,4,5,6pin
50
100
150
k
Sin
Input selector channel
separation
DIN-AUDIO
Input pin to GND with the capacitance
65
75
dB
CMRR
Common mode rejection
ratio
7,8pin / 9,10pin
DIN-AUDIO
At the time of common mode
40
50
dB
Vo (differential)
Output voltage of differential
amplifier
7,9pin : Vi = 1.5Vrms
When it is
8,10pin : Vi = 1.5Vrms
}
(Reverse mode of 7,9pin)
inputted
selector : differential input
1.6
2.0
2.4
Vrms
Vi max
Maximum output voltage
400Hz to 30KHz BPF THD=1%
2.0
2.4
Vrms
Gv max
Maximum gain
Vi = 0.1Vrms, Gv=20dB
18
20
22
dB
Gv = 0dB to 14dB
1
dB
G
STEP
Gain step
Gv = 14dB to 20dB
2
dB
Loudness
A
TT max
Maximum attenuation
f = 10KHz, A
TT = –15dB
–17
–15
–13
dB
G
STEP
Gain step
1
dB
Volume
Gv max
Maximum gain
A
TT = +6dB
DIN-AUDIO
+4
+6
+8
dB
A
TT max
Maximum attenuation
A
TT = –∞dB
DIN-AUDIO
80
90
dB
G
STEP
Gain step
1
dB
∆A
TT
Attenuation error
Gv = 0dB
–2
0
2
dB
Fader
A
TT max
Maximum attenuation
A
TT = –∞dB
DIN-AUDIO
80
90
dB
G
STEP
Gain step
2
dB
∆A
TT
Attenuation error
Gv = 0dB
–2
0
2
dB
Non Fader
Gv max
Maximum gain
Gv = +12dB
DIN-AUDIO
+10
+12
+14
dB
A
TT max
Maximum attenuation
A
TT = –∞dB
DIN-AUDIO
80
90
dB
G
STEP
Gain step
Gv = +12dB to –26dB
2
dB


Similar Part No. - M61523FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61520FP RENESAS-M61520FP Datasheet
244Kb / 16P
   6ch Electronic Volume with Tone Control
logo
MTRONPTI
M61521SFCN MTRONPTI-M61521SFCN Datasheet
1Mb / 7P
   5.0 x 7.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave, Precision TCXO/TCVCXO
M61521SFSN MTRONPTI-M61521SFSN Datasheet
1Mb / 7P
   5.0 x 7.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave, Precision TCXO/TCVCXO
M61521STCN MTRONPTI-M61521STCN Datasheet
1Mb / 7P
   5.0 x 7.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave, Precision TCXO/TCVCXO
M61521STSN MTRONPTI-M61521STSN Datasheet
1Mb / 7P
   5.0 x 7.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave, Precision TCXO/TCVCXO
More results

Similar Description - M61523FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61541FP RENESAS-M61541FP Datasheet
331Kb / 16P
   6ch Electronic Volume with Tone Control
M61520FP RENESAS-M61520FP Datasheet
244Kb / 16P
   6ch Electronic Volume with Tone Control
logo
Mitsubishi Electric Sem...
M62446AFP MITSUBISHI-M62446AFP Datasheet
5Mb / 19P
   6CH ELECTRONIC VOLUME WITH TONE CONTROL
logo
Renesas Technology Corp
M61539FP RENESAS-M61539FP Datasheet
147Kb / 18P
   6ch Electronic Volume with Tone Control
M62446AFP RENESAS-M62446AFP Datasheet
240Kb / 19P
   6ch Electronic Volume with Tone Control
logo
List of Unclassifed Man...
REJ03F0057_M61520FP ETC-REJ03F0057_M61520FP Datasheet
244Kb / 16P
   6ch Electronic Volume with Tone Control
logo
Sanyo Semicon Device
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
   Car Stereo Electronic Tone and Volume Control
logo
Mitsubishi Electric Sem...
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M62495AFP RENESAS-M62495AFP Datasheet
167Kb / 12P
   TONE CONTROL/VOLUME CONTROL
logo
Mitsubishi Electric Sem...
M61500FP MITSUBISHI-M61500FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com