Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3900 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS3900
Description  Serial Communications Module For Evaluation Kits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3900 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS3900 Datasheet HTML 1Page - Maxim Integrated Products DS3900 Datasheet HTML 2Page - Maxim Integrated Products DS3900 Datasheet HTML 3Page - Maxim Integrated Products DS3900 Datasheet HTML 4Page - Maxim Integrated Products DS3900 Datasheet HTML 5Page - Maxim Integrated Products DS3900 Datasheet HTML 6Page - Maxim Integrated Products DS3900 Datasheet HTML 7Page - Maxim Integrated Products DS3900 Datasheet HTML 8Page - Maxim Integrated Products DS3900 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The DS3900 provides bidirectional communication with
2-wire and 3-wire devices using a PC’s serial
port. In addition, it can also be used as a general-pur-
pose digital I/O interface with 11 I/O signals that can
evaluate a wide variety of ICs.
The DS3900 is intended for evaluation purposes only.
Applications
Prototyping 2-Wire and 3-Wire Device Designs
Evaluating 2-Wire and 3-Wire Devices
Building Test Software for Systems Containing
2-Wire or 3-Wire Devices
Communicating With ICs that Require up to 11 I/O
Signals
Features
♦ Communicates from PCs to ICs Through a
Serial Port
♦ Fast Communication to 2-Wire Devices
♦ Eleven General-Purpose Digital I/O Pins,
Including SDA and SCL
♦ Built-in Pullup Resistors for SDA and SCL
Minimize Required External Hardware
♦ Connection to Standard Prototyping Boards
Possible Using Header Connectors
♦ Operates from 3.0V to 5.5V
Serial Communications Module
For Evaluation Kits
______________________________________________ Maxim Integrated Products
1
Ordering Information
Rev 1; 7/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Typical Operating Circuit appears at end of data sheet.
PART
DESCRIPTION
DS3900EVKIT
DS3900 Module
DS3900 Photo
R1.0
U1
C4
C6
C1
X1
R2
R3
SCL
SDA
JP1
JP2
C5
P1
P2
P3
(N.C.) RESET
GND
P4
P5
GND
P11 / SDA
P10 / SCL
GND
VCC
P9
P8
P7
P6
DS3900
Pin Configuration


Similar Part No. - DS3900

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3900 DALLAS-DS3900 Datasheet
876Kb / 15P
   Serial Communications Module For Evaluation Kits
DS3900EVKIT DALLAS-DS3900EVKIT Datasheet
876Kb / 15P
   Serial Communications Module For Evaluation Kits
logo
Maxim Integrated Produc...
DS3900H2 MAXIM-DS3900H2 Datasheet
1Mb / 14P
   USB HID Communications Module for Evaluation Kits
Rev 0; 6/13
DS3900H2EVKIT MAXIM-DS3900H2EVKIT Datasheet
1Mb / 14P
   USB HID Communications Module for Evaluation Kits
Rev 0; 6/13
DS3900P2 MAXIM-DS3900P2 Datasheet
1Mb / 9P
   USB HID Communications Module for I2C Programming
Rev 0; 8/13
More results

Similar Description - DS3900

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3900 DALLAS-DS3900 Datasheet
876Kb / 15P
   Serial Communications Module For Evaluation Kits
logo
Maxim Integrated Produc...
DS3900H2 MAXIM-DS3900H2 Datasheet
1Mb / 14P
   USB HID Communications Module for Evaluation Kits
Rev 0; 6/13
MAX2387 MAXIM-MAX2387 Datasheet
278Kb / 6P
   Evaluation Kits
Rev 1; 5/01
MAX2560 MAXIM-MAX2560 Datasheet
1Mb / 22P
   Evaluation Kits
Rev 0; 7/04
MAX2361 MAXIM-MAX2361 Datasheet
906Kb / 13P
   Evaluation Kits
Rev 2; 5/01
MAX2643EVKIT MAXIM-MAX2643EVKIT Datasheet
135Kb / 4P
    Evaluation Kits
Rev 0; 4/00
MAX2430 MAXIM-MAX2430_1 Datasheet
125Kb / 6P
   Evaluation Kits
Rev 2; 1/98
MAX3541 MAXIM-MAX3541_09 Datasheet
581Kb / 10P
   Evaluation Kits
Rev 0; 2/09
MAX17300 MAXIM-MAX17300 Datasheet
9Mb / 41P
   Evaluation Kits
Rev 4; 3/21
MAX32650-EVKIT MAXIM-MAX32650-EVKIT Datasheet
1Mb / 16P
   Evaluation Kits
Rev 8; 4/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com