Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2374EBT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2374EBT
Description  SiGe, Variable IIP3, Low-Noise Amplifier in UCSP Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2374EBT Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2374EBT Datasheet HTML 1Page - Maxim Integrated Products MAX2374EBT Datasheet HTML 2Page - Maxim Integrated Products MAX2374EBT Datasheet HTML 3Page - Maxim Integrated Products MAX2374EBT Datasheet HTML 4Page - Maxim Integrated Products MAX2374EBT Datasheet HTML 5Page - Maxim Integrated Products MAX2374EBT Datasheet HTML 6Page - Maxim Integrated Products MAX2374EBT Datasheet HTML 7Page - Maxim Integrated Products MAX2374EBT Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SiGe, Variable IIP3, Low-Noise Amplifier
in UCSP Package
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V, RBIAS = 20k
Ω, VGAIN = high, LNAOUT = VCC, no input signals at LNAIN, TA = -40°C to +85°C. Typical values
are at VCC = +2.75V, TA = +25°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................-0.3V to +6.0V
GAIN, BIAS Voltage to GND...................-0.3V to (VCC + 0.3V)
GAIN, BIAS Current ......................................................±10mA
RF Input Power
LNAIN .........................................................................+10dBm
LNAOUT to GND ....................................-0.3V to (VCC + 0.6V)
Continuous Power Dissipation (TA = +85°C) ...................540mW
Operating Temperature Range
MAX2374 .........................................................-40°C to +85°C
Storage Temperature.........................................-65°C to +150°C
Junction Temperature ......................................................+150°C
VCC = 2.75V
GAIN = 0.6V, VCC = 2.75V
BIAS = open circuit
VCC = 5.5V
RBIAS = 10k
RBIAS = 43k
CONDITIONS
V
VCC -
1.16
BIAS Pin Voltage (Note 2)
µA
-5
5
Input Current
V
0.6
Input Logic Voltage Low
V
1.5
Input Logic Voltage High
µA
0.1
1
Shutdown Supply Current
8.5
10.5
V
2.7
5.5
Supply Voltage
mA
4.5
5.5
Supply Current
10.5
15
4.5
UNITS
MIN
TYP
MAX
PARAMETER
AC ELECTRICAL CHARACTERISTICS
(Typical Application Circuit, VCC = +2.7V to +5.5V, PLNAIN = -30dBm, VGAIN = high, fLNAIN = 881MHz, RBIAS = 20k
Ω, TA = +25°C.
Typical values are at VCC = +2.75V, unless otherwise noted.) (Note 2)
VCC = 2.75V
All modes, f
≤ 6.5GHz
Input and output ports externally matched to 50
VGAIN = high
CONDITIONS
10:1
Maximum Stable Load VSWR
MHz
750
1000
Recommended Operating Frequency
Range (Note 3)
dBm
-3.5
Output 1dB Compression
dB
14
Input and Output Return Loss
-20
6
UNITS
MIN
TYP
MAX
PARAMETER
VGAIN = high
VGAIN = low
VGAIN = low
dB
-9
Reverse Isolation
SUPPLY
GAIN CONTROL INPUT


Similar Part No. - MAX2374EBT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2374EVKIT MAXIM-MAX2374EVKIT Datasheet
133Kb / 4P
   Evaluation Kit
Rev 0; 6/00
More results

Similar Description - MAX2374EBT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2648 MAXIM-MAX2648 Datasheet
146Kb / 8P
   5GHz to 6GHz Low-Noise Amplifier in 6-Pin UCSP
Rev 0; 1/01
MAX2240 MAXIM-MAX2240 Datasheet
181Kb / 10P
   2.5GHz, 20dBm Power Amplifier IC in UCSP Package
Rev 2; 2/03
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
   Variable Gain Low Noise Amplifier
logo
Maxim Integrated Produc...
MAX8532 MAXIM-MAX8532_12 Datasheet
315Kb / 8P
   Low-Noise, Low-Dropout,200mA Linear Regulator in UCSP
Rev 1; 2/12
logo
Renesas Technology Corp
RQL1001JLAQH RENESAS-RQL1001JLAQH Datasheet
274Kb / 9P
   SiGe MMIC High Frequency Low Noise Amplifier
RQL1001JLAQH RENESAS-RQL1001JLAQH Datasheet
274Kb / 9P
   SiGe MMIC High Frequency Low Noise Amplifier
logo
Maxim Integrated Produc...
MAX8532 MAXIM-MAX8532 Datasheet
280Kb / 8P
   Low-Noise, Low-Dropout, 200mA Linear Regulator in UCSP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com