Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L-516EIR1BC Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # L-516EIR1BC
Description  RECEIVER MODULE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

L-516EIR1BC Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  L-516EIR1BC Datasheet HTML 1Page - List of Unclassifed Manufacturers L-516EIR1BC Datasheet HTML 2Page - List of Unclassifed Manufacturers L-516EIR1BC Datasheet HTML 3Page - List of Unclassifed Manufacturers L-516EIR1BC Datasheet HTML 4Page - List of Unclassifed Manufacturers L-516EIR1BC Datasheet HTML 5Page - List of Unclassifed Manufacturers L-516EIR1BC Datasheet HTML 6Page - List of Unclassifed Manufacturers L-516EIR1BC Datasheet HTML 7Page - List of Unclassifed Manufacturers L-516EIR1BC Datasheet HTML 8Page - List of Unclassifed Manufacturers L-516EIR1BC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
B-5
PL - IRM0208-A538 RECEIVER MODULE
1.All dimension are in millimeters(inches).
2.Tolerance is
0.25mm(0.01")unless otherwise specified.
ABSOLUTE MAXIMUN RATING:(
Ta=25
ºC)
PARAMETER
Test Conditions
Symbol
Value
Unit
Supply Voltage
Output Voltage
Output Current
Junction Temperature
Storage Temperature Range
Operating Temperature Range
Power Consumption
Soldering Temperature
-
-
-
-
-
-
-
t
10s,1mm from case
Vcc
Vout
lo
Ti
Tstg
Totr
Ptot
Tsd
4.5~5.5
4.5~5.5
5
100
-25ºC to 85ºC
-25ºC to 85ºC
50
260
V
V
mA
ºC
ºC
ºC
mw
ºC
ELECTRO-OPTICAL CHARACTERISTICS:(Ta=25
ºC)
Supply Current
Max. Input Current
Max. Voltage Gain
Frequency Range
Low Level
Output Voltage
Hight Level
Output Voltage
Arrival Distance
Iin=0 uA
-
-
-
L-514EIR1C
I =300 mA
Symbol
Min
Typ
lcc
lin(max)
Av
f
tPW1
tPW2
Vol
Voh
d
0.9
-
50
-
500
500
-
4.5
-
1.2
1
52
38.0
600
600
0.20
35
Max
1.5
-
53
-
700
700
0.25
5.5
-
Unit
mA
mA
dB
KHz
us
us
V
V
m
Fin=37.9 KHz
Vin=30 uVp-p
AGC off
Fin=37.9 KHz burst wave
Vin=500 uVp-p
Fin=37.9 KHz burst wave
Vin=50 uVp-p
Parameter
Conditions
Output Pulse Width
Vin
0V ; Vs=5V
Tamb=25


Similar Part No. - L-516EIR1BC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L-511ED ETC1-L-511ED Datasheet
110Kb / 1P
   5.0mm Dia FLANGELESS LED LAMP
L-511GD ETC1-L-511GD Datasheet
110Kb / 1P
   5.0mm Dia FLANGELESS LED LAMP
L-511HD ETC1-L-511HD Datasheet
110Kb / 1P
   5.0mm Dia FLANGELESS LED LAMP
L-511SRD ETC1-L-511SRD Datasheet
110Kb / 1P
   5.0mm Dia FLANGELESS LED LAMP
L-511YD ETC1-L-511YD Datasheet
110Kb / 1P
   5.0mm Dia FLANGELESS LED LAMP
More results

Similar Description - L-516EIR1BC

ManufacturerPart #DatasheetDescription
logo
AUK corp
SRM356VF AUK-SRM356VF Datasheet
59Kb / 5P
   Receiver Module
logo
List of Unclassifed Man...
RWS-PO929 ETC2-RWS-PO929 Datasheet
606Kb / 2P
   Receiver Module
logo
Everlight Electronics C...
EAIRMLA2 EVERLIGHT-EAIRMLA2 Datasheet
699Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMMA0 EVERLIGHT-EAIRMMA0 Datasheet
597Kb / 8P
   Infrared Receiver Control Receiver Module
EAIRMHA1 EVERLIGHT-EAIRMHA1 Datasheet
752Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMIA3 EVERLIGHT-EAIRMIA3 Datasheet
530Kb / 8P
   Infrared Receiver Control Receiver Module
EAIRMLA1 EVERLIGHT-EAIRMLA1 Datasheet
679Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMLA3 EVERLIGHT-EAIRMLA3 Datasheet
606Kb / 10P
   Infrared Receiver Control Receiver Module
EAIRMIA0 EVERLIGHT-EAIRMIA0 Datasheet
712Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMJA0 EVERLIGHT-EAIRMJA0 Datasheet
601Kb / 8P
   Infrared Receiver Control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com