Electronic Components Datasheet Search |
|
2N6349 Datasheet(PDF) 1 Page - ON Semiconductor |
|
2N6349 Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 8 page © Semiconductor Components Industries, LLC, 1999 March, 2000 – Rev. 1 1 Publication Order Number: 2N6344/D 2N6344, 2N6349 Preferred Device Triacs Silicon Bidirectional Thyristors Designed primarily for full-wave ac control applications, such as light dimmers, motor controls, heating controls and power supplies; or wherever full–wave silicon gate controlled solid–state devices are needed. Triac type thyristors switch from a blocking to a conducting state for either polarity of applied main terminal voltage with positive or negative gate triggering. • Blocking Voltage to 800 Volts • All Diffused and Glass Passivated Junctions for Greater Parameter Uniformity and Stability • Small, Rugged, Thermowatt Construction for Low Thermal Resistance, High Heat Dissipation and Durability • Gate Triggering Guaranteed in all Four Quadrants • For 400 Hz Operation, Consult Factory • Device Marking: Logo, Device Type, e.g., 2N6344, Date Code MAXIMUM RATINGS (TJ = 25°C unless otherwise noted) Rating Symbol Value Unit * Peak Repetitive Off–State Voltage(1) (TJ = –40 to +110°C, Sine Wave 50 to 60 Hz, Gate Open) 2N6344 2N6349 VDRM, VRRM 600 800 Volts *On–State RMS Current (TC = +80°C) Full Cycle Sine Wave 50 to 60 Hz (TC = +90°C) IT(RMS) 8.0 4.0 Amps *Peak Non–Repetitive Surge Current (One Full Cycle, Sine Wave 60 Hz, TC = +25°C) Preceded and followed by rated current ITSM 100 Amps Circuit Fusing Consideration (t = 8.3 ms) I2t 40 A2s *Peak Gate Power (TC = +80°C, Pulse Width = 2 µs) PGM 20 Watts *Average Gate Power (TC = +80°C, t = 8.3 ms) PG(AV) 0.5 Watt *Peak Gate Current (TC = +80°C, Pulse Width = 2.0 µs) IGM 2.0 Amps *Peak Gate Voltage (TC = +80°C, Pulse Width = 2.0 µs) VGM 10 Volts *Operating Junction Temperature Range TJ – 40 to +125 °C *Storage Temperature Range Tstg – 40 to +150 °C (1) VDRM and VRRM for all types can be applied on a continuous basis. Blocking voltages shall not be tested with a constant current source such that the voltage ratings of the devices are exceeded. TRIACS 8 AMPERES RMS 600 thru 800 VOLTS Device Package Shipping ORDERING INFORMATION 2N6344 TO220AB 500/Box 2N6349 TO220AB TO–220AB CASE 221A STYLE 4 1 2 3 4 PIN ASSIGNMENT 1 2 3 Gate Main Terminal 1 Main Terminal 2 4 Main Terminal 2 http://onsemi.com 500/Box MT1 G MT2 Preferred devices are recommended choices for future use and best overall value. |
Similar Part No. - 2N6349 |
|
Similar Description - 2N6349 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |