Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6660EVKIT Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6660EVKIT
Description  MAX6660 Evaluation System/Evaluation Kit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6660EVKIT Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6660EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX6660EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX6660EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX6660EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX6660EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX6660EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX6660EVKIT Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
General Description
The MAX6660 evaluation system (EV system) consists of a
MAX6660 evaluation kit (EV kit) and a companion Maxim
System Management Bus (SMBus)™ interface board.
The MAX6660 EV kit is an assembled and tested PC
board that demonstrates the MAX6660 remote temper-
ature sensor and fan-speed regulator. It monitors the
junction temperature of an external diode-connected
transistor, and converts the temperature to 8-bit or 11-
bit (extended resolution mode), 2-wire serial data. A
2N3906 temperature-sensor transistor comes soldered
to the board in a SOT23 package, but it can be
removed. The board can then be connected through a
twisted pair to a remote diode close to your system.
The MAX6660 also incorporates a closed-loop fan con-
troller that regulates fan speed with tachometer feed-
back. Note: Use this EV kit data sheet in conjunction
with the MAX6660 data sheet.
The Maxim SMBus interface board (MAXSMBUS)
allows an IBM-compatible PC to use its parallel port to
emulate an SMBus 2-wire interface. Windows®
95/98/2000-compatible software provides a user-friend-
ly interface to exercise the features of the MAX6660.
The program is menu driven and offers a graphic inter-
face with control buttons and status display. (Note:
Windows 2000 requires the installation of a driver; refer
to Win2000.pdf or Win2000.txt located on the diskette.)
Order the MAX6660EVSYS for a complete IBM PC-based
evaluation of the MAX6660. Order the MAX6660EVKIT if
you already have an SMBus interface.
Features
o Measures and Displays Remote-Sensor
Temperature
o Controls Fan Speed
o Programmable Alarms and Configuration
o Operating Temperature Ranges
-40°C to +125°C (Remote Sensor)
0°C to +70°C (Board)
o I2C/SMBus Compatible
o Easy-to-use Menu-Driven Software
o Assembled and Tested
o Includes Windows 95/98/2000-Compatible
Software and Demo PC Board
MAX6660 Evaluation System/Evaluation Kit
________________________________________________________________ Maxim Integrated Products
1
DESIGNATION QTY
DESCRIPTION
C1, C4
2
0.1µF, 16V X7R ceramic capacitors
Murata GRM39X7R104K016
Taiyo Yuden EMK107BJ104KA
TDK C1608X7R1E104K
C2
1
2200pF, 50V X7R ceramic capacitor
(0603)
C3, C5
2
10µF, 35V aluminum electrolytic
capacitors
J1
1
2 x 10 right-angle female receptacle
JU1, JU2, JU3,
JU5
4
3-pin headers
MAX6660EV Kit Component List
Ordering Information
19-2350; Rev 0; 1/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
SMBus is a trademark of Intel Corp.
Windows is a registered trademark of Microsoft Corp.
I2C is a trademark of Philips Corp.
PART
TEMP
RANGE
SMBus
INTERFACE
TYPE
MAX6660EVKIT
0°C to +70°C
Not included
MAX6660EVSYS
0°C to +70°C
MAXSMBUS
The MAX6660 EV kit software is provided with the
MAX6660EVKIT. However, the MAXSMBUS board is required to
interface the EV kit to the computer when using the software.
DESIGNATION QTY
DESCRIPTION
JU4
0
Not installed
Q1
1
PNP bipolar transistor (SOT23)
Central Semiconductor CMPT3906
Diodes Inc. MMBT3906
Fairchild MMBT3906
General Semiconductor MMBT3906
R1
1
100k
Ω ±5% resistor
R2
0
Not installed
R3
1
4.99k
Ω ±1% resistor
R4
1
51
Ω ±5% resistor
S1
1
Slide switch
U1
1
MAX6660AEE (16-pin QSOP)
None
3
Shunts for JU1, JU2, and JU3
PART
QTY
DESCRIPTION
MAX6660EVKIT
1
MAX6660 evaluation kit
MAXSMBUS
1
SMBus interface board
MAX6660EVSYS Component List


Similar Part No. - MAX6660EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6660 MAXIM-MAX6660 Datasheet
204Kb / 21P
   Remote-Junction Temperature-Controlled Fan-Speed Regulator with SMBus Interface
Rev 0; 10/01
MAX6660AEE MAXIM-MAX6660AEE Datasheet
204Kb / 21P
   Remote-Junction Temperature-Controlled Fan-Speed Regulator with SMBus Interface
Rev 0; 10/01
MAX6660AEE MAXIM-MAX6660AEE Datasheet
483Kb / 21P
   Remote-Junction Temperature-Controlled Fan-Speed Regulator with SMBus Interface
2006
MAX6660 MAXIM-MAX6660_V01 Datasheet
483Kb / 21P
   Remote-Junction Temperature-Controlled Fan-Speed Regulator with SMBus Interface
2006
More results

Similar Description - MAX6660EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6884 MAXIM-MAX6884 Datasheet
758Kb / 12P
   Evaluation System/Evaluation Kit
Rev 2; 3/21
MAX6652 MAXIM-MAX6652_07 Datasheet
134Kb / 8P
   Evaluation System/Evaluation Kit
Rev 1; 3/07
MAX5581EVKIT MAXIM-MAX5581EVKIT Datasheet
263Kb / 15P
   MAX5581 Evaluation Kit/Evaluation System
Rev 0; 6/05
MAX9723D MAXIM-MAX9723D Datasheet
298Kb / 10P
   MAX9723D Evaluation Kit/Evaluation System
19-0662; Rev 0; 11/06
MAX6960EVKIT MAXIM-MAX6960EVKIT Datasheet
1Mb / 24P
   MAX6960 Evaluation Kit/Evaluation System
Rev 0; 10/05
MAX17061EVKIT MAXIM-MAX17061EVKIT Datasheet
432Kb / 12P
   MAX17061 Evaluation Kit/Evaluation System
Rev 1; 10/08
MAX17105EVKIT MAXIM-MAX17105EVKIT Datasheet
712Kb / 14P
   MAX17105 Evaluation Kit/Evaluation System
Rev 0; 4/09
MAX9590EVKIT MAXIM-MAX9590EVKIT Datasheet
723Kb / 9P
   MAX9590 Evaluation Kit/Evaluation System
19-0561; Rev 0; 5/06
MAX5661EVKIT MAXIM-MAX5661EVKIT Datasheet
306Kb / 13P
   MAX5661 Evaluation Kit/Evaluation System
Rev 0; 3/09
MAX7306EVKIT MAXIM-MAX7306EVKIT Datasheet
184Kb / 8P
   MAX7306 Evaluation Kit/Evaluation System
Rev 0; 8/07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com