Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD5F1GQ4REFIG Datasheet(PDF) 31 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD5F1GQ4REFIG
Description  SPI(x1/x2/x4) NAND Flash
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F1GQ4REFIG Datasheet(HTML) 31 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD5F1GQ4REFIG Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIG Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
SPI(x1/x2/x4) NAND Flash
1G
31
11 ERASE OPERATIONS
11.1 Block Erase (D8H)
Figure11-1. Block Erase Sequence Diagram
Command
0
1
2
3
4
5
6
7
D8H
CS#
SCLK
SI
SO
High-Z
8
9 10
28 29 30 31
3
2
1
0
23 22 21
24-bit address
CS#
get feature
0
1
2
3
4
5
6
7
0FH
CS#
SLK
SI
SO
High-Z
8
9 10 11 12 13 14 15
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
MSB
Status register address
Status register data out
MSB
SCLK
SI
SO
tCS
16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34
7
6
5
4
3
2
1
0
Status register data out
7
6
MSB
The BLOCK ERASE (D8H) command is used to erase at the block level. The blocks are organized as 64 pages per block,
2176 bytes per page (2048 + 128 bytes). Each block is 136 Kbytes. The BLOCK ERASE command (D8H) operates on
one block at a time. The command sequence for the BLOCK ERASE operation is as follows:
• 06H (WRITE ENBALE command)
• D8H (BLOCK ERASE command)
• 0FH (GET FEATURES command to read the status register)
Prior to performing the BLOCK ERASE operation, a WRITE ENABLE (06H) command must be issued. As with any
command that changes the memory contents, the WRITE ENABLE command must be executed in order to set the WEL
bit. If the WRITE ENABLE command is not issued, then the rest of the erase sequence is ignored. A WRITE ENABLE
command must be followed by a BLOCK ERASE (D8H) command. This command requires a 24-bit address. After the row
address is registered, the control logic automatically controls timing and erase-verify operations. The device is busy for
tERS time during the BLOCK ERASE operation. The GET FEATURES (0FH) command can be used to monitor the status of
the operation.
When
a
block
erase
operation
is
in
progress,
user
can
issue
normal
read
from
cache
commands
(03H/0BH/3BH/6BH/BBH/EBH) to read the data in the cache.


Similar Part No. - GD5F1GQ4REFIG

ManufacturerPart #DatasheetDescription
logo
GigaDevice Semiconducto...
GD5F1GQ4REFIH GIGADEVICE-GD5F1GQ4REFIH Datasheet
1Mb / 51P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4REFIS GIGADEVICE-GD5F1GQ4REFIS Datasheet
1Mb / 60P
   SPI(x1/x2/x4) NAND Flash
More results

Similar Description - GD5F1GQ4REFIG

ManufacturerPart #DatasheetDescription
logo
GigaDevice Semiconducto...
GD5F2GQ4RFZIH GIGADEVICE-GD5F2GQ4RFZIH Datasheet
1Mb / 47P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4REFIH GIGADEVICE-GD5F1GQ4REFIH Datasheet
1Mb / 51P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4REFIS GIGADEVICE-GD5F1GQ4REFIS Datasheet
1Mb / 60P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4REZIG GIGADEVICE-GD5F2GQ4REZIG Datasheet
1Mb / 50P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4RFZIG GIGADEVICE-GD5F2GQ4RFZIG Datasheet
1Mb / 46P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4RFZIS GIGADEVICE-GD5F2GQ4RFZIS Datasheet
1Mb / 57P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4RFFIG GIGADEVICE-GD5F1GQ4RFFIG Datasheet
1Mb / 50P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4RFFIH GIGADEVICE-GD5F1GQ4RFFIH Datasheet
1Mb / 49P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4RFFIS GIGADEVICE-GD5F1GQ4RFFIS Datasheet
1Mb / 59P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4REZIH GIGADEVICE-GD5F2GQ4REZIH Datasheet
1Mb / 49P
   SPI(x1/x2/x4) NAND Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com