Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1701 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP1701
Description  2uA Low Dropoout Positive Voltage Refulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1701 Datasheet(HTML) 4 Page - Microchip Technology

  MCP1701 Datasheet HTML 1Page - Microchip Technology MCP1701 Datasheet HTML 2Page - Microchip Technology MCP1701 Datasheet HTML 3Page - Microchip Technology MCP1701 Datasheet HTML 4Page - Microchip Technology MCP1701 Datasheet HTML 5Page - Microchip Technology MCP1701 Datasheet HTML 6Page - Microchip Technology MCP1701 Datasheet HTML 7Page - Microchip Technology MCP1701 Datasheet HTML 8Page - Microchip Technology MCP1701 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MCP1701
DS21874A-page 4
 2004 Microchip Technology Inc.
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range (I)
TA
-40
+85
°C
Storage Temperature Range
TA
-40
+125
°C
Package Thermal Resistances
Thermal Resistance, 3L-SOT-23A
θJA
335
°C/W
Minimum trace width single
layer application.
230
°C/W
Typical FR4, 4-layer
application.
Thermal Resistance, 3L-SOT-89
θJA
52
°C/W
Typical when mounted on
1 square inch of copper.
Thermal Resistance, 3L-TO-92
θJA
131.9
°C/W
EIA/JEDEC JESD51-751-7
4-layer board.


Similar Part No. - MCP1701

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1701A MICROCHIP-MCP1701A Datasheet
606Kb / 22P
   2關A Low-Dropout Positive Voltage Regulator
2007
MCP1701A-1802I/CB MICROCHIP-MCP1701A-1802I/CB Datasheet
606Kb / 22P
   2關A Low-Dropout Positive Voltage Regulator
2007
MCP1701A-1802I/MB MICROCHIP-MCP1701A-1802I/MB Datasheet
606Kb / 22P
   2關A Low-Dropout Positive Voltage Regulator
2007
MCP1701A-1802I/TO MICROCHIP-MCP1701A-1802I/TO Datasheet
606Kb / 22P
   2關A Low-Dropout Positive Voltage Regulator
2007
MCP1701A-2502I/CB MICROCHIP-MCP1701A-2502I/CB Datasheet
606Kb / 22P
   2關A Low-Dropout Positive Voltage Regulator
2007
More results

Similar Description - MCP1701

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH0075 NSC-LH0075 Datasheet
164Kb / 5P
   LH0075 Positive Precision Programmable Refulator
logo
TECH PUBLIC Electronics...
TPLP5907MFX TECHPUBLIC-TPLP5907MFX Datasheet
6Mb / 10P
   300mA 2uA Higt PSRR Voltage Regulator
TP132C18D4 TECHPUBLIC-TP132C18D4 Datasheet
3Mb / 12P
   300mA 2uA Higt PSRR Voltage Reaulalorsl
TPRT9080-18GJ5 TECHPUBLIC-TPRT9080-18GJ5 Datasheet
36Mb / 9P
   600mA,2uA, Higt PSRR Voltage Reaulators
TPMIC5255-3.3YM5 TECHPUBLIC-TPMIC5255-3.3YM5 Datasheet
2Mb / 6P
   300mA 2uA Higt PSRR Voltage Reaulator
TPS793 TECHPUBLIC-TPS793 Datasheet
6Mb / 10P
   300mA 2uA Higt PSRR Voltage Regulator
TPMIC5235-5.0YM5 TECHPUBLIC-TPMIC5235-5.0YM5 Datasheet
2Mb / 8P
   24V,300mA,2uA, Higt PSRR Voltage Reaulator
TPMIC5233-3.3YM5 TECHPUBLIC-TPMIC5233-3.3YM5 Datasheet
6Mb / 9P
   36V,200mA,2uA, Higt PSRR Voltage Reaulators
XC6204B252MR TECHPUBLIC-XC6204B252MR Datasheet
2Mb / 8P
   24V ,300mA,2uA, Higt PSRR Voltage Reaulator|
TPLP2985-25DBVR TECHPUBLIC-TPLP2985-25DBVR Datasheet
2Mb / 6P
   20V ,150mA,2uA, Higt PSRR Voltage Reaulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com