Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB1227CNG Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TB1227CNG
Description  VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL / NTSC / SECAM SYSTEM COLOR TV
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB1227CNG Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TB1227CNG Datasheet HTML 1Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 2Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 3Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 4Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 5Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 6Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 7Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 8Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 94 page
background image
TB1227CNG
2004-05-24
5
PIN
No.
PIN NAME
FUNCTION
INTERFACE CIRCUIT
INPUT / OUTPUT
SIGNAL
7
Coincident Det.
To connect filter for detecting
presence of H. synchronizing signal
or V. synchronizing signal.
8
VDD (5V)
VDD terminal of the LOGIC block.
Connect 5V (Typ.) to this pin.
9
SCL
SCL terminal of I
2
C bus.
10 SDA
SDA terminal of I
2
C bus.
11 Digital GND
Grounding terminal of LOGIC block.
12
13
14
B Output
G Output
R Output
R, G, B output terminals.
15 TEXT GND
Grounding terminal of TEXT block.
16 ABCL
External unicolor brightness control
terminal. Sensitivity and start point
of ABL can be set through the bus.
6.4V at Open
17 RGB-VCC (9V)
VCC terminal of TEXT block.
Connect 9V (Typ.) to this pin.
——


Similar Part No. - TB1227CNG

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1227A TAI-SAW-TB1227A Datasheet
207Kb / 7P
   IF SAW Filter 173.075MHz SMD 7.0X5.0mm
logo
Toshiba Semiconductor
TB1227BN TOSHIBA-TB1227BN Datasheet
4Mb / 92P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TV
More results

Similar Description - TB1227CNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB1227BN TOSHIBA-TB1227BN Datasheet
4Mb / 92P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TV
TB1226DNG TOSHIBA-TB1226DNG Datasheet
3Mb / 99P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC/ SECAM SYSTEM COLOR TV
TB1226EN TOSHIBA-TB1226EN Datasheet
2Mb / 100P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL / NTSC / SECAM SYSTEM COLOR TV
2001-07-26
TB1229DN TOSHIBA-TB1229DN Datasheet
4Mb / 94P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC SYSTEM COLOR TV
TB1230AN TOSHIBA-TB1230AN Datasheet
4Mb / 88P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC SYSTEM COLOR TV
TB1226DN TOSHIBA-TB1226DN Datasheet
4Mb / 98P
   VIDEO, CHROMA AND WYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TV
TB1274BFG TOSHIBA-TB1274BFG Datasheet
840Kb / 37P
   LUMINANCE, CHROMA AND SYNCHRONIZING SIGNALS PROCESSOR IC FOR PAL / NTSC / SECAM COLOR TV
TA8759BN TOSHIBA-TA8759BN Datasheet
2Mb / 58P
   VIDEO CHROMA AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TELEVISION
TA8880CN TOSHIBA-TA8880CN Datasheet
1Mb / 38P
   VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC/SECAM-SYSTEM COLOR TELEVISIONS
logo
NEC
UPC1423 NEC-UPC1423 Datasheet
694Kb / 11P
   FOR COLOR TV COLOR SIGNALS, VIDEO SIGNAL, AND SYNCHRONIZING SIGNAL OF PAL/NTSC SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com