Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US5A10AS17120 Datasheet(PDF) 2 Page - NEC

Part # US5A10AS17120
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
Download  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

US5A10AS17120 Datasheet(HTML) 2 Page - NEC

  US5A10AS17120 Datasheet HTML 1Page - NEC US5A10AS17120 Datasheet HTML 2Page - NEC US5A10AS17120 Datasheet HTML 3Page - NEC US5A10AS17120 Datasheet HTML 4Page - NEC US5A10AS17120 Datasheet HTML 5Page - NEC US5A10AS17120 Datasheet HTML 6Page - NEC US5A10AS17120 Datasheet HTML 7Page - NEC US5A10AS17120 Datasheet HTML 8Page - NEC US5A10AS17120 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 289 page
background image
NOTES FOR CMOS DEVICES
1
PRECAUTION AGAINST ESD FOR SEMICONDUCTORS
Note:
Strong electric field, when exposed to a MOS device, can cause destruction of the gate oxide
and ultimately degrade the device operation. Steps must be taken to stop generation of static
electricity as much as possible, and quickly dissipate it once, when it has occurred. Environ-
mental control must be adequate. When it is dry, humidifier should be used. It is recommended
to avoid using insulators that easily build static electricity. Semiconductor devices must be
stored and transported in an anti-static container, static shielding bag or conductive material.
All test and measurement tools including work bench and floor should be grounded. The
operator should be grounded using wrist strap. Semiconductor devices must not be touched
with bare hands. Similar precautions need to be taken for PW boards with semiconductor
devices on it.
2
HANDLING OF UNUSED INPUT PINS FOR CMOS
Note:
No connection for CMOS device inputs can be cause of malfunction.
If no connection is
provided to the input pins, it is possible that an internal input level may be generated due to
noise, etc., hence causing malfunction. CMOS devices behave differently than Bipolar or NMOS
devices. Input levels of CMOS devices must be fixed high or low by using a pull-up or pull-down
circuitry. Each unused pin should be connected to VDD or GND with a resistor, if it is considered
to have a possibility of being an output pin. All handling related to the unused pins must be
judged device by device and related specifications governing the devices.
3
STATUS BEFORE INITIALIZATION OF MOS DEVICES
Note:
Power-on does not necessarily define initial status of MOS device. Production process of MOS
does not define the initial operation status of the device. Immediately after the power source
is turned ON, the devices with reset function have not yet been initialized. Hence, power-on
does not guarantee out-pin levels, I/O settings or contents of registers. Device is not initialized
until the reset signal is received. Reset operation must be executed immediately after power-
on for devices having reset function.
SIMPLEHOST is a trademark of NEC Corporation.
MS-DOSTM and WINDOWSTM are trademarks of Microsoft Corporation.
PC/AT and PC DOS are trademarks of IBM Corporation.


Similar Part No. - US5A10AS17120

ManufacturerPart #DatasheetDescription
logo
Semikron International
US5A SEMIKRON-US5A Datasheet
232Kb / 2P
   Ultrafast silicon rectifier diodes
logo
Guangdong Juxing Electr...
US5A JUXING-US5A Datasheet
1Mb / 2P
   Surface Mount Ultra Fast Rectifiers
logo
Shenzhen Luguang Electr...
US5A LUGUANG-US5A Datasheet
192Kb / 2P
   Surface Mount Rectifiers
logo
Bytesonic Electronics C...
US5A BYTESONIC-US5A Datasheet
184Kb / 2P
   5.0AMPHIGH EFFICIENCY RECTIFIERS
logo
Formosa MS
US5A FORMOSA-US5A Datasheet
119Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
More results

Similar Description - US5A10AS17120

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75P0076 NEC-UPD75P0076 Datasheet
410Kb / 62P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P4308 NEC-UPD75P4308 Datasheet
271Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD754302 NEC-UPD754302 Datasheet
316Kb / 74P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P036 NEC-UPD75P036 Datasheet
376Kb / 52P
   4-BIT SINGLE-CHIP MICROCONTROLLER
logo
Sanyo Semicon Device
LC573010A SANYO-LC573010A Datasheet
154Kb / 12P
   4-bit Single Chip Microcontroller
logo
NEC
UPD753104 NEC-UPD753104 Datasheet
547Kb / 90P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD753304 NEC-UPD753304 Datasheet
374Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3116 NEC-UPD75P3116 Datasheet
351Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3216 NEC-UPD75P3216 Datasheet
362Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD750104 NEC-UPD750104 Datasheet
525Kb / 80P
   4 BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com