Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFDU6108-TT3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TFDU6108-TT3
Description  Fast Infrared Transceiver Module (4 Mbit/s), IrDA Serial Interface Compatible, 2.7 V to 5.5 V Supply Voltage Range
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFDU6108-TT3 Datasheet(HTML) 3 Page - Vishay Siliconix

  TFDU6108-TT3 Datasheet HTML 1Page - Vishay Siliconix TFDU6108-TT3 Datasheet HTML 2Page - Vishay Siliconix TFDU6108-TT3 Datasheet HTML 3Page - Vishay Siliconix TFDU6108-TT3 Datasheet HTML 4Page - Vishay Siliconix TFDU6108-TT3 Datasheet HTML 5Page - Vishay Siliconix TFDU6108-TT3 Datasheet HTML 6Page - Vishay Siliconix TFDU6108-TT3 Datasheet HTML 7Page - Vishay Siliconix TFDU6108-TT3 Datasheet HTML 8Page - Vishay Siliconix TFDU6108-TT3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
VISHAY
TFDU6108
Document Number 82537
Rev. 1.6, 25-Jun-04
Vishay Semiconductors
www.vishay.com
3
Pinout
TFDU6108
weight 200 mg
Definitions:
In the Vishay transceiver data sheets the following nomenclature is
used for defining the IrDA operating modes:
SIR: 2.4 kbit/s to 115.2 kbit/s, equivalent to the basic serial infrared
standard with the physical layer version IrPhy 1.0
MIR 576 kbit/s to 1152 kbit/s
FIR 4 Mbit/s
VFIR 16 Mbit/s
MIR and FIR were implemented with IrPhy 1.1, followed by IrPhy
1.2, adding the SIR Low Power Standard. IrPhy 1.3 extended the
Low Power Option to MIR and FIR and VFIR was added with IrPhy
1.4. A new version of the standard in any obsoletes the former ver-
sion.
Absolute Maximum Ratings
Reference point Ground (pin 8) unless otherwise noted.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
*) Due to the internal measures the device is a "class1" device. It will not exceed the IrDA intensity limit of 500 mW/sr.
"U" Option BabyFace
(Universal)
IRED
Detector
12 3 4 5 6
7 8
17087
Parameter
Test Conditions
Symbol
Min
Typ.
Max
Unit
Supply voltage range,
transceiver
0 V < VCC2 < 6 V
VCC1
- 0.5
+ 6
V
Supply voltage range,
transmitter
0 V < VCC1 < 6 V
VCC2
- 0.5
+ 6
V
Supply voltage range,
transceiver logic
0 V < VCC1 < 6 V
Vlogic
- 0.5
+ 6
V
Input currents
for all pins, except IRED anode
pin
10
mA
Output sinking current
25
mA
Junction temperature
TJ
125
°C
Power dissipation
see derating curve, figure 4
PD
350
mW
Ambient temperature range
(operating)
Tamb
- 25
+ 85
°C
Storage temperature range
Tstg
- 40
+ 100
°C
Soldering temperature
see recommended solder profile
(see figure 3)
240
°C
Average output current
IIRED (DC)
130
mA
Repetitive pulse output current
< 90
µs, ton < 20 %
IIRED (RP)
600
mA
IRED anode voltage
VIREDA
- 0.5
+ 6
V
Transmitter data input voltage
VTxd
- 0.5
Vlogic + 0.5
V
Receiver data output voltage
VRxd
- 0.5
Vlogic + 0.5
V
Virtual source size
Method: (1 - 1/e) encircled
energy
d2.5
2.8
mm
Maximum Intensity for Class 1
Operation of IEC825-1 or
EN60825-1, edition Jan. 2001*)
IrDA specified maximum limit
unidirectional operation, worst
case IrDA FIR pulse pattern
Internally
limited to
class 1
500
mW/sr


Similar Part No. - TFDU6108-TT3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU6108 VISHAY-TFDU6108 Datasheet
820Kb / 27P
   Very Fast Infrared Transceiver Module (VFIR, 16 Mbit/s), Serial Interface Compatible, 2.7 V to 5.5 V Supply Voltage Range
Rev. 1.6, 12-Aug-04
More results

Similar Description - TFDU6108-TT3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU8108 VISHAY-TFDU8108 Datasheet
820Kb / 27P
   Very Fast Infrared Transceiver Module (VFIR, 16 Mbit/s), Serial Interface Compatible, 2.7 V to 5.5 V Supply Voltage Range
Rev. 1.6, 12-Aug-04
TFDU6102 VISHAY-TFDU6102_05 Datasheet
295Kb / 18P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.7 V to 5.5 V Operation
Rev. 1.6, 05-Dec-05
TFDU6102 VISHAY-TFDU6102 Datasheet
420Kb / 16P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.7 V to 5.5 V Operation
Rev. 1.5, 24-Jun-04
TFDU6103 VISHAY-TFDU6103 Datasheet
265Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 5.5 V Operation
Rev. 1.3, 03-Jul-08
TFDU6103 VISHAY-TFDU6103_09 Datasheet
236Kb / 13P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 5.5 V Operation
Rev. 1.4, 29-Jul-09
TFDU6102E VISHAY-TFDU6102E Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
TFBS4710 VISHAY-TFBS4710 Datasheet
208Kb / 12P
   Serial Infrared Transceiver SIR, 115.2 kbit/s, 2.7 V to 5.5 V Operation
Rev. 1.5, 23-Feb-06
TFBS4711 VISHAY-TFBS4711_06 Datasheet
202Kb / 12P
   Serial Infrared Transceiver SIR, 115.2 kbit/s, 2.7 V to 5.5 V Operation
Rev. 1.9, 07-Nov-06
TFDU6101E VISHAY-TFDU6101E Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
TFDU4100 VISHAY-TFDU4100_05 Datasheet
307Kb / 15P
   Serial Infrared Transceiver SIR, 115.2 kbit/s, 2.7 V to 5.5 V Operation
Rev. 1.6, 05-Dec-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com