Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-0771 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HDSP-0771
Description  Hexadecimal and Numeric Displays for Industrial Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-0771 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HDSP-0771 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-0771 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-0771 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-0771 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-0771 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-0771 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-0771 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-0771 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Hexadecimal and Numeric
Displays for Industrial
Applications
Technical Data
Features
• Three Colors
High-Efficiency Red
Yellow
High Performance Green
• Two High-Efficiency Red
Options
Low Power
High Brightness
• Three Character Options
Numeric
Hexadecimal
Over Range
• Performance Guaranteed over
Temperature
• Memory Latch/Decoder/
Driver
TTL Compatible
• 4 x 7 Dot Matrix Character
• Categorized for Luminous
Intensity
• Yellow and Green
Categorized for Color
Typical Applications
• Industrial Equipment
• Computer Peripherals
• Instrumentation
• Telecommunication
Equipment
Device Selection Guide
Part Number
Front
HDSP-
Color
Description
View
0760
High-Efficiency
Numeric, Right Hand DP
A
0761
Red
Numeric, Left Hand DP
B
0762
Low Power
Hexadecimal
C
0763
Over Range
± 1D
0770
High-Efficiency
Numeric, Right Hand DP
A
0771
Red
Numeric, Left Hand DP
B
0772
High Brightness
Hexadecimal
C
0763
Over Range
± 1D
0860
Yellow
Numeric, Right Hand DP
A
0861
Numeric, Left Hand DP
B
0862
Hexadecimal
C
0863
Over Range
± 1D
0960
Green
Numeric, Right Hand DP
A
0961
Numeric, Left Hand DP
B
0962
Hexadecimal
C
0963
Over Range
± 1D
Description
These solid state display devices
are designed and tested for use in
adverse industrial environments.
The character height is 7.4 mm
(0.29 inch). The numeric and
hexadecimal devices incorporate
an on-board IC that contains the
data memory, decoder and display
driver functions.
The numeric devices decode
positive BCD logic into characters
“0-9”, a “–” sign, decimal point,
and a test pattern. The hexadeci-
mal devices decode positive BCD
logic into 16 characters, “0-9, A-F.”
An input is provided on the hexa-
decimal devices to blank the
display (all LEDs off) without
losing the contents of the memory.
The over range device displays
±1” and right hand decimal point
and is typically driven via external
switching transistors.
HDSP-076x Series
HDSP-077x Series
HDSP-086x Series
HDSP-096x Series


Similar Part No. - HDSP-0771

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0771 AVAGO-HDSP-0771 Datasheet
148Kb / 9P
   Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0771 AVAGO-HDSP-0771 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
More results

Similar Description - HDSP-0771

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-076X AVAGO-HDSP-076X Datasheet
148Kb / 9P
   Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0760 AVAGO-HDSP-0760_08 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-076X HP-HDSP-076X Datasheet
202Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0781 AVAGO-HDSP-0781 Datasheet
151Kb / 9P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
HDSP-0781 AVAGO-HDSP-0781_08 Datasheet
221Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-078X HP-HDSP-078X Datasheet
124Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-078X AVAGO-HDSP-078X Datasheet
207Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Micropac Industries
67023 MICROPAC-67023 Datasheet
133Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL DISPLAYS
logo
Opto Electronics Co,. L...
4N51 E-OEC-4N51 Datasheet
135Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL
logo
Agilent(Hewlett-Packard...
5082-7300 HP-5082-7300 Datasheet
145Kb / 6P
   Hexadecimal and Numeric Indicators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com