Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-0762 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HDSP-0762
Description  Hexadecimal and Numeric Displays for Industrial Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-0762 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  HDSP-0762 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-0762 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-0762 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-0762 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-0762 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-0762 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-0762 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-0762 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Absolute Maximum Ratings
Description
Symbol
Min.
Max.
Unit
Storage Temperature, Ambient
TS
-65
+100
°C
Operating Temperature, Ambient
TA
-55
+85
°C
Forward Current, Each LED
IF
10
mA
Reverse Voltage, Each LED
VR
5V
Recommended Operating Conditions V
CC = 5.0 V
Forward
Resistor Value
Current Per
Device
LED, mA
R1
R2
R3
HDSP-0763
Low Power
2.8
1300
200
300
High Brightness
8
360
47
68
HDSP-0863
8
360
36
56
HDSP-0963
8
360
30
43
Luminous Intensity per LED
(Digit Average)[3,4] at TA = 25°C
Device
Test Conditions
Min.
Typ.
Units
HDSP-0763
IF = 2.8 mA
65
140
µcd
IF = 8 mA
620
µcd
HDSP-0863
IF = 8 mA
215
490
µcd
HDSP-0963
IF = 8 mA
298
1100
µcd
Figure 3. Typical Driving Circuit.


Similar Part No. - HDSP-0762

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0762 AVAGO-HDSP-0762 Datasheet
148Kb / 9P
   Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0762 AVAGO-HDSP-0762 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
More results

Similar Description - HDSP-0762

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-076X AVAGO-HDSP-076X Datasheet
148Kb / 9P
   Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0760 AVAGO-HDSP-0760_08 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-076X HP-HDSP-076X Datasheet
202Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0781 AVAGO-HDSP-0781 Datasheet
151Kb / 9P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
HDSP-0781 AVAGO-HDSP-0781_08 Datasheet
221Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-078X HP-HDSP-078X Datasheet
124Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-078X AVAGO-HDSP-078X Datasheet
207Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Micropac Industries
67023 MICROPAC-67023 Datasheet
133Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL DISPLAYS
logo
Opto Electronics Co,. L...
4N51 E-OEC-4N51 Datasheet
135Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL
logo
Agilent(Hewlett-Packard...
5082-7300 HP-5082-7300 Datasheet
145Kb / 6P
   Hexadecimal and Numeric Indicators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com