Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6519 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2N6519
Description  High Voltage Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6519 Datasheet(HTML) 3 Page - ON Semiconductor

  2N6519 Datasheet HTML 1Page - ON Semiconductor 2N6519 Datasheet HTML 2Page - ON Semiconductor 2N6519 Datasheet HTML 3Page - ON Semiconductor 2N6519 Datasheet HTML 4Page - ON Semiconductor 2N6519 Datasheet HTML 5Page - ON Semiconductor 2N6519 Datasheet HTML 6Page - ON Semiconductor 2N6519 Datasheet HTML 7Page - ON Semiconductor 2N6519 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NPN 2N6515 2N6517 PNP 2N6520
http://onsemi.com
3
Figure 1. DC Current Gain – NPN 2N6515
IC, COLLECTOR CURRENT (mA)
100
1.0
2.0 3.0
5.0 7.0 10
20
30
50 70
200
100
20
30
50
70
VCE = 10 V
TJ = 125°C
25°C
-55°C
Figure 2. DC Current Gain – NPN 2N6517
IC, COLLECTOR CURRENT (mA)
100
1.0
2.0 3.0
5.0 7.0 10
20
30
50 70
200
100
10
20
50
70
VCE = 10 V
TJ = 125°C
25°C
-55°C
IC, COLLECTOR CURRENT (mA)
-100
-1.0
-2.0 -3.0 -5.0 -7.0 -10
-20 -30
-50 -70
VCE = -10 V
TJ = 125°C
25°C
-55°C
IC, COLLECTOR CURRENT (mA)
100
1.0
2.0 3.0
5.0 7.0 10
20 30
50 70
100
20
30
50
70
IC, COLLECTOR CURRENT (mA)
-100
-1.0
-2.0 -3.0 -5.0 -7.0 -10
-20 -30
-50 -70
10
100
20
30
50
70
10
TJ = 25°C
VCE = 20 V
f = 20 MHz
TJ = 25°C
VCE = -20 V
f = 20 MHz
30
200
100
10
20
50
70
30
Figure 3. DC Current Gain – PNP 2N6520
Figure 4. Current–Gain – Bandwidth Product – NPN
2N6515, 2N6517
Figure 5. Current–Gain – Bandwidth Product – PNP
2N6520


Similar Part No. - 2N6519

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6519 SAMSUNG-2N6519 Datasheet
37Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
2N6519 FAIRCHILD-2N6519 Datasheet
26Kb / 3P
   PNP Epitaxial Silicon Transistor
logo
Micro Commercial Compon...
2N6519 MCC-2N6519 Datasheet
427Kb / 6P
   High Voltage Transistor 625mW
2N6519 MCC-2N6519 Datasheet
295Kb / 7P
   High Voltage Transistor 625mW
logo
Continental Device Indi...
2N6519 CDIL-2N6519 Datasheet
220Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - 2N6519

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA42 MOTOROLA-MPSA42 Datasheet
121Kb / 4P
   High Voltage Transistors
logo
Leshan Radio Company
LMBT6517LT1G LRC-LMBT6517LT1G_15 Datasheet
253Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA92L ONSEMI-MMBTA92L Datasheet
103Kb / 4P
   High Voltage Transistors
October, 2016 ??Rev. 11
logo
Leshan Radio Company
LMBT5550LT1 LRC-LMBT5550LT1 Datasheet
114Kb / 5P
   High Voltage Transistors
logo
List of Unclassifed Man...
2SC507 ETC1-2SC507 Datasheet
79Kb / 1P
   High Voltage Transistors
logo
Guangdong Kexin Industr...
MMBT5550 KEXIN-MMBT5550 Datasheet
43Kb / 2P
   High Voltage Transistors
logo
Zowie Technology Corpor...
MMBT5550G ZOWIE-MMBT5550G Datasheet
218Kb / 4P
   High Voltage Transistors
logo
ON Semiconductor
BSP16T1G ONSEMI-BSP16T1G Datasheet
118Kb / 3P
   High Voltage Transistors
September, 2010 -- Rev. 7
logo
Motorola, Inc
BC450 MOTOROLA-BC450 Datasheet
243Kb / 6P
   High Voltage Transistors
MMBT5550LT1 MOTOROLA-MMBT5550LT1 Datasheet
199Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA42L ONSEMI-MMBTA42L Datasheet
95Kb / 6P
   High Voltage Transistors
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com