Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1200P60 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1200P60
Description  PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1200P60 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1200P60 Datasheet HTML 6Page - ON Semiconductor NCP1200P60 Datasheet HTML 7Page - ON Semiconductor NCP1200P60 Datasheet HTML 8Page - ON Semiconductor NCP1200P60 Datasheet HTML 9Page - ON Semiconductor NCP1200P60 Datasheet HTML 10Page - ON Semiconductor NCP1200P60 Datasheet HTML 11Page - ON Semiconductor NCP1200P60 Datasheet HTML 12Page - ON Semiconductor NCP1200P60 Datasheet HTML 13Page - ON Semiconductor NCP1200P60 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NCP1200
http://onsemi.com
10
Time
Internal
Fault
Flag
Time
Time
Drv
VCC
Driver
Pulses
Driver
Pulses
11.4 V
9.8 V
6.3 V
Regulation
Occurs Here
Latchoff
Phase
Fault is
Relaxed
Fault Occurs Here
Startup Phase
Figure 20. If the fault is relaxed during the VCC natural fall down sequence, the IC automatically resumes.
If the fault persists when VCC reached UVLOL, then the controller cuts everything off until recovery.
Calculating the VCC Capacitor
As the above section describes, the fall down sequence
depends upon the VCC level: how long does it take for the
VCC line to go from 11.4 V to 9.8 V? The required time
depends on the startup sequence of your system, i.e. when
you first apply the power to the IC. The corresponding
transient fault duration due to the output capacitor charging
must be less than the time needed to discharge from 11.4 V
to 9.8 V, otherwise the supply will not properly start. The test
consists in either simulating or measuring in the lab how
much time the system takes to reach the regulation at full
load. Let’s suppose that this time corresponds to 6ms.
Therefore a VCC fall time of 10 ms could be well
appropriated in order to not trigger the overload detection
circuitry. If the corresponding IC consumption, including
the MOSFET drive, establishes at 1.5 mA, we can calculate
the required capacitor using the following formula:
Dt + DV @ C
i
, with
DV = 2V. Then for a wanted Dt of 10 ms,
C equals 8
mF or 10 mF for a standard value. When an
overload condition occurs, the IC blocks its internal
circuitry and its consumption drops to 350
mA typical. This
appends at VCC = 9.8 V and it remains stuck until VCC
reaches 6.5 V: we are in latchoff phase. Again, using the
calculated 10
mF and 350 mA current consumption, this
latchoff phase lasts: 109 ms.
Protecting the Controller Against Negative Spikes
As with any controller built upon a CMOS technology, it
is the designer’s duty to avoid the presence of negative
spikes on sensitive pins. Negative signals have the bad habit
to forward bias the controller substrate and induce erratic
behaviors. Sometimes, the injection can be so strong that
internal
parasitic
SCRs
are
triggered,
engendering
irremediable damages to the IC if they are a low impedance
path is offered between VCC and GND. If the current sense
pin is often the seat of such spurious signals, the
high−voltage pin can also be the source of problems in
certain circumstances. During the turn−off sequence, e.g.
when the user unplugs the power supply, the controller is still
fed by its VCC capacitor and keeps activating the MOSFET
ON and OFF with a peak current limited by Rsense.
Unfortunately, if the quality coefficient Q of the resonating
network formed by Lp and Cbulk is low (e.g. the MOSFET
Rdson + Rsense are small), conditions are met to make the
circuit resonate and thus negatively bias the controller. Since
we are talking about ms pulses, the amount of injected
charge (Q = I x t) immediately latches the controller which
brutally discharges its VCC capacitor. If this VCC capacitor
is of sufficient value, its stored energy damages the
controller. Figure 21 depicts a typical negative shot
occurring on the HV pin where the brutal VCC discharge
testifies for latchup.


Similar Part No. - NCP1200P60

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1200P60 ONSEMI-NCP1200P60 Datasheet
225Kb / 16P
   PWM Current?묺ode Controller for Low?뭁ower Universal Off?묹ine Supplies
September, 2006 ??Rev. 15
NCP1200P60G ONSEMI-NCP1200P60G Datasheet
225Kb / 16P
   PWM Current?묺ode Controller for Low?뭁ower Universal Off?묹ine Supplies
September, 2006 ??Rev. 15
NCP1200P60G ONSEMI-NCP1200P60G Datasheet
432Kb / 18P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 - Rev. 19
More results

Similar Description - NCP1200P60

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
NCP1200 ONSEMI-NCP1200_V01 Datasheet
432Kb / 18P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 - Rev. 19
NCP1200 ONSEMI-NCP1200_09 Datasheet
359Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2009 ??Rev. 17
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1216 ONSEMI-NCP1216 Datasheet
182Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
September, 2004 ??Rev. 8
NCP1216 ONSEMI-NCP1216_10 Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216AP100G ONSEMI-NCP1216AP100G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1200A ONSEMI-NCP1200A Datasheet
136Kb / 16P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
October, 2004??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com