Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1200D60R2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1200D60R2G
Description  PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1200D60R2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1200D60R2G Datasheet HTML 1Page - ON Semiconductor NCP1200D60R2G Datasheet HTML 2Page - ON Semiconductor NCP1200D60R2G Datasheet HTML 3Page - ON Semiconductor NCP1200D60R2G Datasheet HTML 4Page - ON Semiconductor NCP1200D60R2G Datasheet HTML 5Page - ON Semiconductor NCP1200D60R2G Datasheet HTML 6Page - ON Semiconductor NCP1200D60R2G Datasheet HTML 7Page - ON Semiconductor NCP1200D60R2G Datasheet HTML 8Page - ON Semiconductor NCP1200D60R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2004
December, 2004 − Rev. 13
1
Publication Order Number:
NCP1200/D
NCP1200
PWM Current−Mode
Controller for Low−Power
Universal Off−Line Supplies
Housed in SOIC−8 or PDIP−8 package, the NCP1200 represents a
major leap toward ultra−compact Switchmode Power Supplies. Due to
a novel concept, the circuit allows the implementation of a complete
offline battery charger or a standby SMPS with few external
components. Furthermore, an integrated output short−circuit
protection lets the designer build an extremely low−cost AC−DC wall
adapter associated with a simplified feedback scheme.
With an internal structure operating at a fixed 40 kHz, 60 kHz or
100 kHz, the controller drives low gate−charge switching devices like
an IGBT or a MOSFET thus requiring a very small operating power.
Due to current−mode control, the NCP1200 drastically simplifies the
design of reliable and cheap offline converters with extremely low
acoustic generation and inherent pulse−by−pulse control.
When the current setpoint falls below a given value, e.g. the output
power demand diminishes, the IC automatically enters the skip cycle
mode and provides excellent efficiency at light loads. Because this
occurs at low peak current, no acoustic noise takes place.
Finally, the IC is self−supplied from the DC rail, eliminating the
need of an auxiliary winding. This feature ensures operation in
presence of low output voltage or shorts.
Features
No Auxiliary Winding Operation
Internal Output Short−Circuit Protection
Extremely Low No−Load Standby Power
Current−Mode with Skip−Cycle Capability
Internal Leading Edge Blanking
250 mA Peak Current Source/Sink Capability
Internally Fixed Frequency at 40 kHz, 60 kHz and 100 kHz
Direct Optocoupler Connection
Built−in Frequency Jittering for Lower EMI
SPICE Models Available for TRANsient and AC Analysis
Internal Temperature Shutdown
Pb−Free Packages are Available
Typical Applications
AC−DC Adapters
Offline Battery Chargers
Auxiliary/Ancillary Power Supplies (USB, Appliances, TVs, etc.)
PDIP−8
P SUFFIX
CASE 626
1
8
1
8
SOIC−8
D SUFFIX
CASE 751
18
5
3
4
(Top View)
Adj
CS
HV
PIN CONNECTIONS
7
6
2
NC
FB
GND
Drv
VCC
MARKING
DIAGRAMS
See detailed ordering and shipping information in the package
dimensions section on page 14 of this data sheet.
ORDERING INFORMATION
xxx
= Device Code: 40, 60 or 100
y
= Device Code:
4 for 40
6 for 60
1 for 100
A
= Assembly Location
L
= Wafer Lot
Y, YY
= Year
W, WW = Work Week
200Dy
ALYW
1200Pxxx
AWL
YYWW
1
8
http://onsemi.com
1
8


Similar Part No. - NCP1200D60R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1200D60R2G ONSEMI-NCP1200D60R2G Datasheet
225Kb / 16P
   PWM Current?묺ode Controller for Low?뭁ower Universal Off?묹ine Supplies
September, 2006 ??Rev. 15
NCP1200D60R2G ONSEMI-NCP1200D60R2G Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
NCP1200D60R2G ONSEMI-NCP1200D60R2G Datasheet
432Kb / 18P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 - Rev. 19
More results

Similar Description - NCP1200D60R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
NCP1200 ONSEMI-NCP1200_V01 Datasheet
432Kb / 18P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 - Rev. 19
NCP1200 ONSEMI-NCP1200_09 Datasheet
359Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2009 ??Rev. 17
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1216 ONSEMI-NCP1216 Datasheet
182Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
September, 2004 ??Rev. 8
NCP1216 ONSEMI-NCP1216_10 Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216AP100G ONSEMI-NCP1216AP100G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1200A ONSEMI-NCP1200A Datasheet
136Kb / 16P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
October, 2004??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com