Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT73L03 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT73L03
Description  3 CHANNEL E3/DS3/STS-1 LINE INTERFCE UNIT
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73L03 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT73L03 Datasheet HTML 3Page - Exar Corporation XRT73L03 Datasheet HTML 4Page - Exar Corporation XRT73L03 Datasheet HTML 5Page - Exar Corporation XRT73L03 Datasheet HTML 6Page - Exar Corporation XRT73L03 Datasheet HTML 7Page - Exar Corporation XRT73L03 Datasheet HTML 8Page - Exar Corporation XRT73L03 Datasheet HTML 9Page - Exar Corporation XRT73L03 Datasheet HTML 10Page - Exar Corporation XRT73L03 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
áç
áç
áç
áç
3 CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L03
PRELIMINARY
REV. P1.0.13
4
PIN DESCRIPTIONS
PIN DESCRIPTION
PIN #SIGNAL NAME
TYPE
DESCRIPTION
1
TNData2
I
Transmit Negative Data Input - Channel 2:
Refer to the description of pin 32 TNData1
2
TPData2
I
Transmit Positive Data Input - Channel 2:
Refer to the description of pin 33 TPData1
3
TxClk2
I
Transmit Clock Input for TPData and TNData - Channel 2:
Refer to the description of pin 34 TxClk1
4
MRing2
I
Monitor Ring Input - Channel 2:
Refer to the description of pin 31 MRing1
5
MTIP2
I
Monitor Tip Input - Channel 2:
Refer to the description of pin 30 MTIP1
6
TAOS2
I
Transmit All Ones Select - Channel 2:
Refer to description of pin 36 TAOS1
7
TAOS3
I
Transmit All Ones Select - Channel 3:
Refer to description of pin 36 TAOS1
8
TxLEV2
I
Transmit Line Build-Out Enable/Disable Select - Channel 2:
Refer to the description of 35 TxLEV1
9
TxLEV3
I
Transmit Line Build-Out Enable/Disable Select - Channel 3:
Refer to the description of 35 TxLEV1
10
TTIP2
O
Transmit TTIP Output - Channel 2:
Refer to the description of pin 29 TTIP1
11
TxAVDD2
****
Transmitter Analog 3.3V+ 5% VDD - Transmitter 2
12
TRing2
O
Transmit Ring Output - Channel 2:
Refer to the description of pin 27 TRing1
13
TxAGND2
****
Transmitter Analog GND - Transmitter 2
14
TxAGND3
****
Transmitter Analog GND - Channel 3
15
MRing3
I
Monitor Ring Input - Channel 3:
Refer to the description of pin 31 MRing1
16
MTIP3
I
Monitor Tip Input - Channel 3:
Refer to the description of pin 30 MTIP1
17
TxAGND3
****
Transmitter Analog GND - Transmitter 3
18
TRing3
O
Transmit Ring Output - Channel 3:
Refer to the description of pin 27 TRing1
19
TxAVDD3
****
Transmitter Analog 3.3V+ 5% VDD - Transmitter 3
20
TTIP3
O
Transmit TTIP Output - Channel 3:
Refer to the description of pin 29 TTIP1
21
DMO3
O
Drive Monitor Output - Channel 3:
Refer to the description of pin 38 DMO1


Similar Part No. - XRT73L03

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73L03A EXAR-XRT73L03A Datasheet
837Kb / 62P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73L03AIV EXAR-XRT73L03AIV Datasheet
837Kb / 62P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73L03B EXAR-XRT73L03B Datasheet
667Kb / 61P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73L03BIV EXAR-XRT73L03BIV Datasheet
667Kb / 61P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
More results

Similar Description - XRT73L03

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73L03A EXAR-XRT73L03A Datasheet
837Kb / 62P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73LC03A EXAR-XRT73LC03A_08 Datasheet
413Kb / 61P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73LC03A EXAR-XRT73LC03A Datasheet
720Kb / 61P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73L03B EXAR-XRT73L03B Datasheet
667Kb / 61P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
logo
M/A-COM Technology Solu...
28333-BRF-001-A MA-COM-28333-BRF-001-A_15 Datasheet
120Kb / 4P
   DS3/E3/STS-1 Line lnterface Unit
28333-BRF-001-A MA-COM-28333-BRF-001-A Datasheet
120Kb / 4P
   DS3/E3/STS-1 Line lnterface Unit
logo
Exar Corporation
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com