Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M467400DTP-5S Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M5M467400DTP-5S
Description  FAST PAGE MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M467400DTP-5S Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M5M467400DTP-5S Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M467400DTP-5S Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M467400DTP-5S Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M467400DTP-5S Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M467400DTP-5S Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M467400DTP-5S Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M467400DTP-5S Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M467400DTP-5S Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M467400DTP-5S Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
FAST PAGE MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
FAST PAGE MODE 67108864-BIT (8388608-WORD BY 8-BIT) DYNAMIC RAM
FAST PAGE MODE 67108864-BIT (4194304-WORD BY 16-BIT) DYNAMIC RAM
M5M467400/465400DJ,DTP -5,-6,-5S,-6S
M5M467800/465800DJ,DTP -5,-6,-5S,-6S
M5M465160DJ,DTP -5,-6,-5S,-6S
MITSUBISHI ELECTRIC
Aug. 1999
MITSUBISHI LSIs
(Rev. 1.0)
1
Standard 32 pin SOJ, 32 pin TSOP
Standard 50 pin SOJ, 50 pin TSOP
Single 3.3
0.3V supply
Low stand-by power dissipation
1.8mW (Max)
LVCMOS input level
Low operating power dissipation
M5M467400Dxx-5,5S / M5M467800Dxx-5,5S
360.0mW (Max)
M5M467400Dxx-6,6S / M5M467800Dxx-6,6S
324.0mW (Max)
M5M465400Dxx-5,5S / M5M465800Dxx-5,5S
468.0mW (Max)
M5M465400Dxx-6,6S / M5M465800Dxx-6,6S
432.0mW (Max)
M5M465160Dxx-5,5S
504.0mW (Max)
M5M465160Dxx-6,6S
468.0mW (Max)
Self refresh capability*
Self refresh current
400µA (Max)
Fast-page mode , Read-modify-write, CAS before RAS refresh, Hidden refresh capabilities
Early-write mode and OE to control output buffer impedance
All inputs, outputs LVTTL compatible and low capacitance
:Applicable to self refresh version(M5M467400/465400/467800/465800/465160DJ,DTP-5S,-6S:option) only
APPLICATION
Main memory unit for computers, Microcomputer memory, Refresh memory for CRT
±
*
ADDRESS
M5M465400Dxx
M5M467400Dxx
Part No.
XX=J,TP
FEATURES
Type name
M5M467400DXX-5,5S
M5M467800DXX-5,5S
M5M467400DXX-6,6S
M5M467800DXX-6,6S
M5M465400DXX-5,5S
M5M465800DXX-5,5S
M5M465400DXX-6,6S
M5M465800DXX-6,6S
access
time
(max.ns)
RAS
access
time
(max.ns)
CAS
(max.ns)
access
time
Address
time
(min.ns)
Cycle
dissipa-
(typ.mW)
Power
tion
50
60
50
13
15
13
25
30
25
90
110
90
300
250
390
13
15
13
access
time
(max.ns)
OE
60
15
30
110
325
15
Type name
access
time
(max.ns)
RAS
access
time
(max.ns)
CAS
(max.ns)
access
time
Address
time
(min.ns)
Cycle
access
time
(max.ns)
OE
M5M465160DXX-6,6S
M5M465160DXX-5,5S
50
60
13
15
25
30
90
110
13
15
dissipa-
(typ.mW)
Power
tion
420
390
(M5M467400Dxx/M5M465400Dxx/M5M467800Dxx/M5M465800Dxx)
(M5M465160Dxx)
M5M465800Dxx
M5M467800Dxx
M5M465160Dxx
A0-A12
Row Add. Col. Add.
Refresh
Refresh Cycle
RAS Only Ref,Normal R/W
CBR Ref,Hidden Ref
RAS Only Ref,Normal R/W
CBR Ref,Hidden Ref
A0-A10
A0-A11
A0-A11
8192/64ms
4096/64ms
4096/64ms
8192/128ms
4096/128ms
4096/128ms
Normal
S-version
A0-A12
RAS Only Ref,Normal R/W
CBR Ref,Hidden Ref
RAS Only Ref,Normal R/W
CBR Ref,Hidden Ref
A0-A9
A0-A11
A0-A10
8192/64ms
4096/64ms
4096/64ms
8192/128ms
4096/128ms
4096/128ms
RAS Only Ref,Normal R/W
CBR Ref,Hidden Ref
A0-A11
A0-A9
4096/64ms 4096/128ms
DESCRIPTION
The M5M467400/465400DJ,DTP is a 16777216-word by 4-bit, M5M467800/465800DJ,DTP is a 8388608-word by 8-bit, and
M5M465160DJ,DTP is a 4194304-word by 16-bit dynamic RAMs, fabricated with the high performance CMOS process, and are
suitable for large-capacity memory systems with high speed and low power dissipation.
PRELIMINARY
Some of contents are subject to change without notice.


Similar Part No. - M5M467400DTP-5S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M467400BJ MITSUBISHI-M5M467400BJ Datasheet
392Kb / 37P
   FAST PAGE MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M467400J-5 MITSUBISHI-M5M467400J-5 Datasheet
392Kb / 37P
   FAST PAGE MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M467400J-5S MITSUBISHI-M5M467400J-5S Datasheet
392Kb / 37P
   FAST PAGE MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M467400J-6 MITSUBISHI-M5M467400J-6 Datasheet
392Kb / 37P
   FAST PAGE MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M467400J-6S MITSUBISHI-M5M467400J-6S Datasheet
392Kb / 37P
   FAST PAGE MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
More results

Similar Description - M5M467400DTP-5S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M467400BJ MITSUBISHI-M5M467400BJ Datasheet
392Kb / 37P
   FAST PAGE MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M467405BTP-5 MITSUBISHI-M5M467405BTP-5 Datasheet
403Kb / 39P
   EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M467405DTP-5 MITSUBISHI-M5M467405DTP-5 Datasheet
273Kb / 39P
   EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M417400CJ MITSUBISHI-M5M417400CJ Datasheet
514Kb / 22P
   FAST PAGE MODE 16777216-BIT (4194304-WORD BY 4-BIT) DYNAMIC RAM
MH16V72AWJ-5 MITSUBISHI-MH16V72AWJ-5 Datasheet
195Kb / 20P
   FAST PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V64AWJ-5 MITSUBISHI-MH16V64AWJ-5 Datasheet
186Kb / 20P
   FAST PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16V644AWJ-5 MITSUBISHI-MH16V644AWJ-5 Datasheet
186Kb / 20P
   FAST PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16V724AWJ-5 MITSUBISHI-MH16V724AWJ-5 Datasheet
189Kb / 20P
   FAST PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V6445BWJ-5 MITSUBISHI-MH16V6445BWJ-5 Datasheet
127Kb / 22P
   HYPER PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16V725BATJ-5 MITSUBISHI-MH16V725BATJ-5 Datasheet
149Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com