Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4250HISTR Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC4250HISTR
Description  Negative Voltage Hot Swap Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4250HISTR Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC4250HISTR Datasheet HTML 4Page - Semtech Corporation SC4250HISTR Datasheet HTML 5Page - Semtech Corporation SC4250HISTR Datasheet HTML 6Page - Semtech Corporation SC4250HISTR Datasheet HTML 7Page - Semtech Corporation SC4250HISTR Datasheet HTML 8Page - Semtech Corporation SC4250HISTR Datasheet HTML 9Page - Semtech Corporation SC4250HISTR Datasheet HTML 10Page - Semtech Corporation SC4250HISTR Datasheet HTML 11Page - Semtech Corporation SC4250HISTR Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4250
Typical Characteristics (Cont.)
The following set of snapshots demonstrates effectiveness of SC4250 circuit in the case where connection to the
live back plane is very “bouncy”, which is usually the situation with manual replacements of the power cards.
For all figures, Ch1: V
DRAIN; Ch2: VGATE; Ch3: PWRGD (referenced to VDRAIN); Ch4: VR4 (Input current)
Figure 7. Start-up with no load.
Figure 8. Start-up with 1A load.
Figure 9. Start-up with “over the limit” load.
Figure 10. Over-current/Short circuit.


Similar Part No. - SC4250HISTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4250HISTR SEMTECH-SC4250HISTR Datasheet
251Kb / 12P
   Negative Voltage Hot Swap Controller
SC4250HISTRT SEMTECH-SC4250HISTRT Datasheet
251Kb / 12P
   Negative Voltage Hot Swap Controller
More results

Similar Description - SC4250HISTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
   NEGATIVE VOLTAGE HOT SWAP CONTROLLER
logo
Linear Technology
LT1640L LINER-LT1640L_1 Datasheet
192Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L Datasheet
292Kb / 12P
   Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Semtech Corporation
SC4150 SEMTECH-SC4150 Datasheet
352Kb / 12P
   Negative Voltage Hot Swap Controller
SC4250 SEMTECH-SC4250_05 Datasheet
251Kb / 12P
   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL_15 Datasheet
326Kb / 16P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com