Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RV4391N Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # RV4391N
Description  Inverting and Step-Down Switching Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RV4391N Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button RV4391N Datasheet HTML 6Page - Fairchild Semiconductor RV4391N Datasheet HTML 7Page - Fairchild Semiconductor RV4391N Datasheet HTML 8Page - Fairchild Semiconductor RV4391N Datasheet HTML 9Page - Fairchild Semiconductor RV4391N Datasheet HTML 10Page - Fairchild Semiconductor RV4391N Datasheet HTML 11Page - Fairchild Semiconductor RV4391N Datasheet HTML 12Page - Fairchild Semiconductor RV4391N Datasheet HTML 13Page - Fairchild Semiconductor RV4391N Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
PRODUCT SPECIFICATION
RC4391
10
Step-Down Design Procedure
1. Select an operating frequency.
2. Determine the maximum on time TON as in the inverting
design procedure.
3. Calculate IMAX:
4. Calculate LX:
Alternate Design Procedure
The design equations above will not work for certain input/
output voltage ratios, and for these circuits another method
of defining component values must be used. If the slope of
the current discharge waveform is much less than the slope
of the current charging waveform, then the inductor current
will become continuous (never discharging completely), and
the equations will become extremely complex. So, if the
voltage applied across the inductor during the charge time is
greater than during the discharge time, use the design proce-
dure below. For example, a step-down circuit with 20V input
and 5V output will have approximately 15V across the
inductor when charging, and approximately 5V when dis-
charging. So in this example the inductor current will be con-
tinuous and the alternate procedure will be necessary. The
alternate procedure may also be used for discontinuous cir-
cuits.
1. Select an operating frequency based on efficiency and
component size requirements (a value between 10kHz
and 50kHz is typical).
2. Build the circuit and apply the worst case conditions to
it, i.e., the lowest battery voltage and the highest load
current at the desired output voltage.
3. Adjust the inductor value down until the desired output
voltage is achieved, then decrease its value by 30% to
cover manufacturing tolerances.
4. Check the output voltage with an oscilloscope for ripple,
at high supply voltages, at voltages as high as are
expected. Also check for efficiency by monitoring supply
and output voltages and currents:
5. If the efficiency is poor, go back to Step 1 and start over.
If the ripple is excessive, then increase the output filter
capacitor value or start over.
I
MAX
2I
L
F
O
() T
ON
()
V
S
V
OUT
()
V
OUT
V
D
()
---------------------------------
1
+
-----------------------------------------------------------------------------
=
L
X(Henries)
V
S
V
SW
I
MAX
-------------------------
èø
æö T
ON
()
=
eff
V
OUT
() I
OUT
()
+V
S
() I
SY
()x100
------------------------------------------
=
èø
æö
Compensation
When large values (> 50 k
W) are used for the voltage setting
resistors (R1 and R2 of Figure 8) stray capacitance at the
VFB input can add lag to the feedback response, destabiliz-
ing the regulator, increasing low frequency ripple, and lower-
ing efficiency. This can often be avoided by minimizing the
stray capacitance at the VFB node. It can also be remedied by
adding a lead compensation capacitor of 100 pF to 10 nF. In
inverting applications, the capacitor connects between
-VOUT and VFB; for step-down circuits it connects between
ground and VFB. Most applications do not require this
capacitor.
Inductors
Efficiency and load regulation will improve if a quality high
Q inductor is used. A ferrite pot core is recommended; the
wind-yourself type with an air gap adjustable by washers or
spacers is very useful for bread-boarding prototypes. Care
must be taken to choose a core with enough permeability to
handle the magnetic flux produced at IMAX. If the core satu-
rates, then efficiency and output current capability are
severely degraded and excessive current will flow through
the switch transistor. A pot core inductor design section is
provided later in this datasheet.
An isolated AC current probe for an oscilloscope (example:
Tektronix P6042) is an excellent tool for saturation prob-
lems; with it the inductor current can be monitored for non-
linearity at the peaks (a sign of saturation).
Low Battery Detector
An open collector signal transistor Q2 with comparator C2
provides the designer with a method of signaling a display or
computer whenever the battery voltage falls below a pro-
grammed level (see Figure 13). This level is determined by
the +1.25V reference level and by the selection of two exter-
nal resistors according to the equation:
When the battery drops below this threshold Q2 will turn on
and sink typically 600
mA. The low battery detection circuit
can also be used for other less conventional applications such
as the voltage dependent oscillator circuit of Figure 18.
Figure 13. Low Battery Detector
V
TH
V
REF
R4
R5
-------1
+
èø
æö
=
+Vs
R4
R5
1
C2
V
1.25V
REF
Q2
2
I LBD
65-1651A
LBR
LBD


Similar Part No. - RV4391N

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RV431K05 SEI-RV431K05 Datasheet
3Mb / 27P
   Standard and High Energy Metal Oxide Varistor
2/14/2022
RV431K07 SEI-RV431K07 Datasheet
3Mb / 27P
   Standard and High Energy Metal Oxide Varistor
2/14/2022
RV431K10 SEI-RV431K10 Datasheet
3Mb / 27P
   Standard and High Energy Metal Oxide Varistor
2/14/2022
RV431K14 SEI-RV431K14 Datasheet
3Mb / 27P
   Standard and High Energy Metal Oxide Varistor
2/14/2022
RV431K20 SEI-RV431K20 Datasheet
3Mb / 27P
   Standard and High Energy Metal Oxide Varistor
2/14/2022
More results

Similar Description - RV4391N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL497A TI-TL497A_15 Datasheet
830Kb / 20P
[Old version datasheet]   500-mA PEAK STEP-UP STEP-DOWN,INVERTING SWITCHING VOLTAGE REGULATOR
TL497A TI-TL497A_06 Datasheet
446Kb / 16P
[Old version datasheet]   500-mA PEAK STEP-UP, STEP-DOWN, INVERTING SWITCHING VOLTAGE REGULATOR
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
logo
Sanyo Semicon Device
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
   Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com