Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1089LU-4CL Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1089LU-4CL
Description  3.3V Center SpreadSpectrum EconOscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1089LU-4CL Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS1089LU-4CL Datasheet HTML 2Page - Maxim Integrated Products DS1089LU-4CL Datasheet HTML 3Page - Maxim Integrated Products DS1089LU-4CL Datasheet HTML 4Page - Maxim Integrated Products DS1089LU-4CL Datasheet HTML 5Page - Maxim Integrated Products DS1089LU-4CL Datasheet HTML 6Page - Maxim Integrated Products DS1089LU-4CL Datasheet HTML 7Page - Maxim Integrated Products DS1089LU-4CL Datasheet HTML 8Page - Maxim Integrated Products DS1089LU-4CL Datasheet HTML 9Page - Maxim Integrated Products DS1089LU-4CL Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Pin Description
PIN
NAME
FUNCTION
1
OUT
Oscillator Output
2
SPRD
Dither Enable. When the pin is high, the dither is enabled. When the pin is low, the dither is disabled.
3VCC
Power Supply
4
GND
Ground
5OE
Output Enable. When the pin is high, the output buffer is enabled. When the pin is low, the output is disabled
but the internal master oscillator is still on.
6
PDN
Power-Down. When the pin is high, the master oscillator is enabled. When the pin is low, the master oscillator
and the output buffer are disabled (power-down mode).
7
SDA
I
2C Serial Data. This pin is for serial data transfer to and from the device.
8
SCL
I
2C Serial Clock. This pin is used to clock data into and out of the device.
3.3V Center Spread-Spectrum EconOscillator™
6
_____________________________________________________________________
48
50
54
52
56
58
-40
10
-15
35
60
85
DUTY CYCLE vs. TEMPERATURE
TEMPERATURE (
°C)
66MHz
50MHz
130kHz
33MHz
VCC = 3.3V
48
50
54
52
56
58
DUTY CYCLE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2.7
3.0
3.3
3.6
66MHz
50MHz
130kHz
33MHz
TA = +25
°C
-90
-70
-80
-40
-50
-60
-10
-20
-30
0
44
48
46
50
52
54
56
SPECTRUM COMPARISON
(120kHz BW, SAMPLE DETECT)
FREQUENCY (MHz)
NO SPREAD
±1%
±2%
±4%
±8%
fMOSC = 50MHz,
DITHER RATE = fMOSC / 4096
Typical Operating Characteristics (continued)
(VCC = 3.3V, TA = +25
°C, unless otherwise noted.)


Similar Part No. - DS1089LU-4CL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1089LU-4CL MAXIM-DS1089LU-4CL Datasheet
1Mb / 13P
   3.3V Center Spread-Spectrum EconOscillator?
19-7501; Rev 3; 2/15
More results

Similar Description - DS1089LU-4CL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1089L MAXIM-DS1089L_V01 Datasheet
1Mb / 13P
   3.3V Center Spread-Spectrum EconOscillator?
19-7501; Rev 3; 2/15
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
   3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
logo
Micrel Semiconductor
SY89529L MICREL-SY89529L Datasheet
169Kb / 11P
   3.3V 200MHz PRECISION SPREADSPECTRUM CLOCK SYNTHESIZER
logo
Dallas Semiconductor
DS1087L DALLAS-DS1087L Datasheet
154Kb / 12P
   3.3V Spread-Spectrum EconOscillator
logo
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L_07 Datasheet
225Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 9/07
DS1085L MAXIM-DS1085L Datasheet
325Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
021403
DS1085L MAXIM-DS1085L_V01 Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
DS1087L MAXIM-DS1087L Datasheet
160Kb / 12P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 11/03
logo
Dallas Semiconductor
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
   EconOscillator/Divider
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com