Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3965 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A3965
Description  DMOS Dual Full-Bridge PWM Motor Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3965 Datasheet(HTML) 5 Page - Allegro MicroSystems

  A3965 Datasheet HTML 1Page - Allegro MicroSystems A3965 Datasheet HTML 2Page - Allegro MicroSystems A3965 Datasheet HTML 3Page - Allegro MicroSystems A3965 Datasheet HTML 4Page - Allegro MicroSystems A3965 Datasheet HTML 5Page - Allegro MicroSystems A3965 Datasheet HTML 6Page - Allegro MicroSystems A3965 Datasheet HTML 7Page - Allegro MicroSystems A3965 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3965 DMOS Dual Full Bridge
PWM Motor Driver
4
ELECTRICAL CHARACTERISTICS at TA = +25°C, VBB = 20V, VDD = 3.0 V, VSENSE = 0.5 V (unless noted otherwise)
Limits
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Control Logic
Reference Input Current
IREF
VREF = VDD
-1
0
1
µA
VREF input voltage range
VREF
0
VDD- .1
Reference Divider Ratio
VREF/VS
6
VREF = 1.5V
-5
5
%
GM Error
VERR
(Note 3)
VREF = .5V
-10
10
%
Propagation Delay
tPD
PWM CHANGE TO SOURCE OFF
150
ns
PWM CHANGE TO SINK OFF
150
ns
PWM CHANGE TO SOURCE ON
1000
ns
PWM CHANGE TO SINK ON
1000
ns
DISABLE TO SOURCE ON
200
ns
DISABLE TO SINK ON
200
ns
tCOD
300
850
1200
ns
PWM RC Frequency
fOSC
R = 1000pf, C = 20K
47.4
Khz
Blank Time
tBLANK
R = 1000pf, C = 20K
.8
1.21
1.6
µs
Thermal Shutdown Temp.
TJ
165
°C
Thermal Shutdown Hysteresis
∆TJ
15
°C
UVLO Enable Threshold
Rising VDD
2.5
2.8
V
UVLO Hysteresis
0.05
0.10
V
NOTES: 1. Typical Data is for design information only.
2. Negative current is defined as coming out of (sourcing) the specified device pin.
3. VERR =((VREF/6) – VSENSE)/(VREF/6)


Similar Part No. - A3965

ManufacturerPart #DatasheetDescription
logo
3M Electronics
A3960-0000T 3M-A3960-0000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3960-0010T 3M-A3960-0010T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3960-2000T 3M-A3960-2000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3960-2010T 3M-A3960-2010T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
logo
Allegro MicroSystems
A3961SB ALLEGRO-A3961SB Datasheet
91Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results

Similar Description - A3965

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4954 ALLEGRO-A4954 Datasheet
248Kb / 9P
   Dual Full-Bridge DMOS PWM Motor Driver
3965 ALLEGRO-3965 Datasheet
186Kb / 7P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
12/4/2002
A4954 ALLEGRO-A4954_16 Datasheet
247Kb / 9P
   Dual Full-Bridge DMOS PWM Motor Driver
A5995 ALLEGRO-A5995 Datasheet
715Kb / 12P
   DMOS Dual Full-Bridge PWM Motor Driver
3974 ALLEGRO-3974 Datasheet
178Kb / 12P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
3974 ALLEGRO-3974_1 Datasheet
617Kb / 12P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3974 ALLEGRO-A3974 Datasheet
470Kb / 12P
   DMOS Dual Full-Bridge PWM Motor Driver
A3995 ALLEGRO-A3995 Datasheet
939Kb / 9P
   DMOS Dual Full Bridge PWM Motor Driver
A3959SLB-T ALLEGRO-A3959SLB-T Datasheet
562Kb / 12P
   DMOS Full-Bridge PWM Motor Driver
A4950KLJTR-T ALLEGRO-A4950KLJTR-T Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com