Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUF12800AIPWPR Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # BUF12800AIPWPR
Description  REFERENCE VOLTAGE GENERATOR for LCD GAMMA CORRECTION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

BUF12800AIPWPR Datasheet(HTML) 3 Page - Burr-Brown (TI)

  BUF12800AIPWPR Datasheet HTML 1Page - Burr-Brown (TI) BUF12800AIPWPR Datasheet HTML 2Page - Burr-Brown (TI) BUF12800AIPWPR Datasheet HTML 3Page - Burr-Brown (TI) BUF12800AIPWPR Datasheet HTML 4Page - Burr-Brown (TI) BUF12800AIPWPR Datasheet HTML 5Page - Burr-Brown (TI) BUF12800AIPWPR Datasheet HTML 6Page - Burr-Brown (TI) BUF12800AIPWPR Datasheet HTML 7Page - Burr-Brown (TI) BUF12800AIPWPR Datasheet HTML 8Page - Burr-Brown (TI) BUF12800AIPWPR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
BUF12800
SBOS315 − DECEMBER 2004
www.ti.com
3
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = −40°C to +85°C.
At TA = +25°C, VS = 18V, VSD = 5V, VREFH = 17V, VREFL = 1V, RL = 1.5kΩ connected to ground, and CL = 200pF, unless otherwise noted.
BUF12800
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG
Buffer Output Swing—High
Buffers A-F, Code = 1023, Sourcing 10mA, VREFH = 17.8
17.7
17.8
V
Buffers G-L, Code = 1023, Sourcing 10mA, VREFH = 17.8
16.3
16.98
V
Buffer Output Swing—Low
Buffers A-F, Code = 0, Sinking 10mA, VREFL = 0.2
1.0
1.1
V
Buffers G-L, Code = 0, Sinking 10mA, VREFL = 0.2
0.2
0.3
V
Buffer Output Reset and Power-Up Value
Buffer A
Code 3E0h (11 1110 0000)
16.452
16.502
16.552
V
Buffer B
Code 360h (11 0110 0000)
14.450
14.500
14.550
V
Buffer C
Code 320h (11 0010 0000)
13.450
13.500
13.550
V
Buffer D
Code 300h (11 0000 0000)
12.952
13.002
13.052
V
Buffer E
Code 2C0h (10 1100 0000)
11.952
12.002
12.052
V
Buffer F
Code 240h (10 0100 0000)
9.950
10.000
10.050
V
Buffer G
Code 1C0h (01 1100 0000)
7.955
8.005
8.055
V
Buffer H
Code 140h (01 0100 0000)
5.958
6.008
6.058
V
Buffer I
Code 100h (01 0000 0000)
4.957
5.007
5.057
V
Buffer J
Code 0E0h (00 1110 0000)
4.459
4.509
4.559
V
Buffer K
Code 0A0h (00 1010 0000)
3.457
3.507
3.557
V
Buffer L
Code 020h (00 0010 0000)
1.457
1.507
1.557
V
REFH Input Range
4
VS − 0.2
V
REFL Input Range
0.2
VS − 4
V
Integral Nonlinearity
INL
0.3
Bits
Differential Nonlinearity
DNL
0.3
Bits
Gain Error
0.12
%
Program to Out Delay
tD
5
µs
Output Accuracy
±20
±50
mV
vs Temperature
VREFH and VREFL Held Constant
±25
µV/°C
Input Resistance at VREFH and VREFL
RINH
100
M
Load Regulation, 10mA, All Buffers
REG
VOUT = VS/2, IOUT = +5mA to −5mA Step
0.5
1.5
mV/mA
50mA, Buffers A-F
VOUT = VS/2, ISINKING = 50mA, ISOURCING = 50mA
0.5
1.5
mV/mA
ANALOG POWER SUPPLY
Operating Voltage Range
VS
7
18
V
Total Analog Supply Current
IS
Outputs at Reset Values, No Load
9
15
mA
over Temperature
15
mA
DIGITAL
Logic 1 Input Voltage
0.7(VSD)
V
Logic 0 Input Voltage
0.3(VSD)
V
Logic 0 Output Voltage
ISINK = 3mA
0.15
0.4
V
Input Leakage
±0.01
±10
µA
Clock Frequency
fCLK
Standard/Fast Mode
400
kHz
High-Speed Mode
3.4
MHz
DIGITAL POWER SUPPLY
Operating Voltage Range
VSD
2.7
5.5
V
Digital Supply Current(1)
ISD
Outputs at Reset Values, No-Load, Two-Wire Bus Inactive
25
50
µA
over Temperature
100
µA
TEMPERATURE RANGE
Specified Range
−40
+85
°C
Operating Range
Junction Temperature < 125
°C
−40
+95
°C
Storage Range
−65
+150
°C
Thermal Resistance, TSSOP-24(2)
Junction-to-Ambient
qJA
30.13
°C/W
Junction-to-Case
qJC
0.92
°C/W
(1) See the typical characteristic Digital Supply Current vs Two-Wire Bus Activity.
(2) PowerPAD attached to PCB, 0lfm airflow, and 76mm x 76mm copper area.


Similar Part No. - BUF12800AIPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF12800 TI1-BUF12800 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF12800 TI1-BUF12800 Datasheet
1Mb / 32P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF12800 TI1-BUF12800 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM
BUF12800 TI1-BUF12800 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator
More results

Similar Description - BUF12800AIPWPR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5679 MAXIM-MAX5679 Datasheet
82Kb / 2P
   Digitally Programmable LCD Gamma Reference Generator with Digital Voltage Reference
11/9/2009
logo
Sony Corporation
CXA2111R SONY-CXA2111R Datasheet
357Kb / 18P
   LCD Signal Processor (Gamma Correction)
logo
Texas Instruments
BUF07703 TI1-BUF07703_16 Datasheet
1Mb / 32P
[Old version datasheet]   Multi-Channel LCD Gamma Correction Buffer
logo
Burr-Brown (TI)
BUF11702 BURR-BROWN-BUF11702 Datasheet
517Kb / 24P
   MULTI CHANNEL LCD GAMMA CORRECTION BUFFER
logo
Texas Instruments
BUF11702 TI1-BUF11702_16 Datasheet
673Kb / 28P
[Old version datasheet]   MULTI-CHANNEL LCD GAMMA CORRECTION BUFFER
logo
ON Semiconductor
NCS12802 ONSEMI-NCS12802 Datasheet
1,021Kb / 21P
   Programmable Gamma Voltage Reference Generator with Integrated Auto-read
June, 2012 ??Rev. 0
logo
Texas Instruments
BUF12840 TI1-BUF12840_15 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator
BUF12840 TI-BUF12840 Datasheet
378Kb / 8P
[Old version datasheet]   Programmable Gamma-Voltage Generator
BUF16821-Q1 TI1-BUF16821-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Programmable Gamma-Voltage Generator
BUF08630 TI-BUF08630 Datasheet
430Kb / 8P
[Old version datasheet]   Programmable Gamma-Voltage Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com