Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEDL-5505-A06 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HEDL-5505-A06
Description  Encoder Line Drivers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDL-5505-A06 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HEDL-5505-A06 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDL-5505-A06 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDL-5505-A06 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDL-5505-A06 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Waveforms
Block Diagram
Pinouts
Line Driver Base Parts Available:
Refer to the following encoder data sheet for
100
°C Line Driver
additional information and option codes
Base Part
Channels
(XXX = resolution and/or shaft size)
HEDL-5500#XXX
A, B
HEDS-5500#XXX
HEDL-5505#XXX
A, B
HEDS-5505#XXX
HEDL-5540#XXX
A, B, I
HEDS-5540#XXX
HEDL-5600#XXX
A, B
HEDS-5600#XXX
HEDL-5605#XXX
A, B
HEDS-5605#XXX
HEDL-5640#XXX
A, B, I
HEDS-5640#XXX
HEDL-5645#XXX
A, B, I
HEDS-5645#XXX
HEDL-9000#XXX
A, B
HEDS-9000#XXX
HEDL-9040#XXX
A, B, I
HEDS-9040#XXX
HEDL-9100#XXX
A, B
HEDS-9100#XXX
HEDL-9140#XXX
A, B, I
HEDS-9140#XXX
Ordering Information:
For option code selection, refer to
the data sheet for the
corresponding “HEDS” part
number (see right column).
Note: I/I only available on three channel encoders.
A
B
I
A
B
I
VCC
G
GND
VCC
GND
A
B
I
HEDS-9000/9100/9200
-9040/9140
-556X/554X
-560X/564X
26LS31
1
2
9
10 POSITION IDC CONNECTOR
CENTER POLARIZED.
NO.
COLOR
PARAMETER
1
2
3
4
5
6
7
8
9
10
BROWN
RED
ORANGE
YELLOW
GREEN
BLUE
VIOLET
GREY
WHITE
BLACK
NC
VCC (+ 5 V)
GND
NC
A
A
B
B
I (INDEX)
I (INDEX)
10-PIN CONNECTOR
10
ROTATION
A
A
B
B
I
I


Similar Part No. - HEDL-5505-A06

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDL-5505 AVAGO-HEDL-5505 Datasheet
140Kb / 4P
   Available on Both Encoder Modules (HEDS-9000 Series) and Encoder Kit Housing (HEDS-5500 Series)
logo
Agilent(Hewlett-Packard...
HEDL-5505 HP-HEDL-5505 Datasheet
73Kb / 4P
   Encoder Line Drivers
More results

Similar Description - HEDL-5505-A06

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDL-550X HP-HEDL-550X Datasheet
73Kb / 4P
   Encoder Line Drivers
logo
AVAGO TECHNOLOGIES LIMI...
HEDL-556X AVAGO-HEDL-556X Datasheet
179Kb / 4P
   Encoder Line Drivers
HEDL-550X AVAGO-HEDL-550X Datasheet
123Kb / 4P
   Encoder Line Drivers
logo
Texas Instruments
SN74128NSR TI1-SN74128NSR Datasheet
842Kb / 16P
[Old version datasheet]   LINE DRIVERS
SN54128 TI-SN54128 Datasheet
128Kb / 4P
[Old version datasheet]   LINE DRIVERS
SN55110A TI-SN55110A Datasheet
148Kb / 10P
[Old version datasheet]   DUAL LINE DRIVERS
SN55121 TI-SN55121 Datasheet
117Kb / 7P
[Old version datasheet]   DUAL LINE DRIVERS
MC1488 TI-MC1488_06 Datasheet
525Kb / 16P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
logo
National Semiconductor ...
DS75110A NSC-DS75110A Datasheet
306Kb / 7P
   Dual Line Drivers
logo
Texas Instruments
MC1488 TI-MC1488 Datasheet
133Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com