Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCB-H1812D800TR Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # NCB-H1812D800TR
Description  Ferrite Chip Beads
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NCB-H1812D800TR Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  NCB-H1812D800TR Datasheet HTML 1Page - List of Unclassifed Manufacturers NCB-H1812D800TR Datasheet HTML 2Page - List of Unclassifed Manufacturers NCB-H1812D800TR Datasheet HTML 3Page - List of Unclassifed Manufacturers NCB-H1812D800TR Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NIC COMPONENTS
www.niccomp.com
www.lowESR.com
www.RFpassives.com
252
®
NIC COMPONENTS
www.niccomp.com
www.lowESR.com
www.RFpassives.com 253
®
Ferrite Chip Beads
NCB & NCB-H Series
REEL DIMENSIONS
RECOMMENDED LAND PATTERN (mm)
DIMENSIONS (mm)
A
TR
Part Thickness Max: A=1.1mm, B=1.3mm, C=1.5mm, D=1.7mm, E=1.8mm, K=2.8mm, L=3.1mm, R=0.95mm
Packaging: TR = Tape and Reel
PART NUMBERING SYSTEM
0805
Size
NCB
Series
121
Impedance at 100Mhz
3 digit code; first two digits are significant third digit is no. of zeros
TAPE DIMENSIONS (mm)
G ±0.05
4.0±0.1
8.0±0.1
A±0.1
Fig. 2
+0.1
∅1.5-0
0.30 ±0.05
T ±0.05
B
A
A
C
E
w
∅C
∅D
∅A
t
R
e
z
i
S
A
B
C
3
0
6
0
0
.
1
6
.
0
8
.
0
5
0
8
0
0
.
1
2
.
1
2
.
1
6
0
2
1
0
0
.
1
0
8
.
1
0
0
.
2
0
1
2
1
0
0
.
1
0
7
.
2
0
0
.
2
6
0
8
1
5
0
.
1
0
8
.
1
0
3
.
3
2
1
8
1
5
0
.
1
0
5
.
3
0
3
.
3
2
1
6
1
0
7
.
1
0
0
.
2
0
2
.
2
2
1
3
3
0
7
.
1
0
0
.
2
0
6
.
6
9
1
1
3
0
7
.
1
0
0
.
2
0
8
.
5
m
i
D
,
5
0
8
0
,
3
0
6
0
:
e
z
i
S
0
1
2
1
,
6
0
2
1
2
1
6
1
,
2
1
8
1
,
6
0
8
1
:
e
z
i
S
9
1
3
3
,
2
1
3
3
:
e
z
i
S
A
8
7
1
± 2
8
7
1
± 2
8
7
1
± 2
B
0
6 ± 1
0
6 ± 1
0
6 ± 1
C
0
.
3
1
± 5
.
0
0
.
3
1
± 5
.
0
0
.
3
1
± 5
.
0
D
0
.
1
2
± 8
.
0
0
.
1
2
± 8
.
0
0
.
1
2
± 8
.
0
E
0
.
2 ± 5
.
0
0
.
2 ± 5
.
0
0
.
2 ± 5
.
0
W
0
.
0
1
± 0
.
1
0
.
4
1
± 0
.
1
0
.
8
1
± 0
.
1
t
0
.
2 ± 5
.
0
0
.
2 ± 5
.
0
0
.
2 ± 5
.
0
R
0
.
1
0
.
1
0
.
1
s
n
o
i
s
n
e
m
i
D
R
3
0
6
0
B
C
N
A
5
0
8
0
B
C
N
B
6
0
2
1
B
C
N
E
6
0
2
1
B
C
N
C
0
1
2
1
B
C
N
E
6
0
8
1
B
C
N
D
2
1
8
1
B
C
N
K
2
1
6
1
B
C
N
K
2
1
3
3
B
C
N
L
9
1
1
3
B
C
N
A
4
1
.
1
4
5
.
1
4
9
.
1
4
9
.
1
0
8
.
2
4
9
.
1
4
6
.
3
5
6
.
3
5
4
.
3
5
2
.
5
B
5
7
.
1
2
3
.
2
4
5
.
3
4
6
.
3
2
4
.
3
4
9
.
4
4
9
.
4
0
4
.
5
0
3
.
9
5
7
.
8
T
5
1
.
1
5
1
.
1
9
2
.
1
0
9
.
1
4
6
.
1
0
9
.
1
0
8
.
1
5
0
.
3
5
0
.
3
0
7
.
3
W
0
.
8
0
.
8
0
.
8
0
.
8
0
.
8
0
.
2
1
0
.
2
1
0
.
2
1
0
.
6
1
0
.
6
1
E
5
.
3
5
.
3
5
.
3
5
.
3
5
.
3
5
.
5
5
.
5
5
.
5
5
.
7
0
.
8
F
5
7
.
1
5
7
.
1
5
7
.
1
5
7
.
1
5
7
.
1
5
7
.
1
5
7
.
1
5
7
.
1
0
.
2
0
.
2
G
0
.
2
0
.
2
0
.
2
0
.
2
0
.
2
0
.
2
0
.
2
0
.
2
0
.
4
0
.
4
l
e
e
R
/
s
p
i
h
C
0
0
0
4
0
0
0
4
0
0
0
3
0
0
0
2
0
0
5
2
0
0
0
2
0
0
0
1
0
0
5
0
0
5
0
0
5
.
g
i
F
1
1
1
1
1
1
2
2
2
2
STYLE 2
1.27mm
B
C
D
A
STYLE 1 (EIA Size Chips)
T ±0.05
G ±0.05
4.0±0.1
4.0±0.1
A±0.1
Fig. 1
+0.1
∅1.5-0
0.20 ±0.05
TERMINATION:
(Nickel Barrier
With Solder Plate Finish)
D
D
A
B
C


Similar Part No. - NCB-H1812D800TR

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NCB-H1812D800TR600F NIC-NCB-H1812D800TR600F Datasheet
92Kb / 4P
   High Current Ferrite Chip Beads
More results

Similar Description - NCB-H1812D800TR

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
logo
Superworld Electronics
ZA_SERIES SUPERWORLD-ZA_SERIES Datasheet
179Kb / 7P
   FERRITE CHIP BEADS
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
   FERRITE CHIP BEADS
Z4K300-RN-10 SUPERWORLD-Z4K300-RN-10 Datasheet
372Kb / 9P
   FERRITE CHIP BEADS
logo
Murata Manufacturing Co...
BLM15AG121SN1D MURATA-BLM15AG121SN1D Datasheet
47Kb / 2P
   Chip Ferrite Beads
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com