Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PST621 Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # PST621
Description  System Reset (with battery back-up) Monolithic IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST621 Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  PST621 Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST621 Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST621 Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST621 Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST621 Datasheet HTML 5Page - Mitsumi Electronics, Corp. PST621 Datasheet HTML 6Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MITSUMI
System Reset (with battery back-up) PST620, 621
PST621
Pin No.
Pin name
Function
1
VAC
Has +2.0V detection voltage to detect AC power supply and
stable power supply primary side, for quick power outage detection.
2
VCC1
+5V main power supply
3
VCC2
Back-up power supply (back-up capacitor connected)
4
TC
Pulse width setting pin for pulse shaver
(capacitor and resistor connected)
5
RE
---------------------------------------------------------------
Reset output
6
MODE
Switches 1-chip microcomputer mode with pulse
shaver output signal
7
CE
Chip enable signal output (power outage detection signal)
8
GND
GND
Block Diagram
PST620
PST621
Absolute Maximum Ratings (Ta=25°C)
Item
Symbol
Rating
Storage temperature
TSTG
-40~+125°C
Operating temperature
TOPR
-20~+70°C
Power supply voltage
VCC max.
-0.3~+10V
TC input input voltage
VC max.
VCC1+0.3V
Allowable loss
Pd
450mW


Similar Part No. - PST621

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST623 MITSUMI-PST623 Datasheet
102Kb / 4P
   System Reset
More results

Similar Description - PST621

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1025 MITSUMI-MM1025 Datasheet
63Kb / 6P
   System Reset (with battery back-up) Monolithic IC
MM1027 MITSUMI-MM1027 Datasheet
121Kb / 11P
   System Reset (with battery back-up) Monolithic IC
MM1106 MITSUMI-MM1106 Datasheet
89Kb / 5P
   System Reset (with watchdog timerbattery back-up)
logo
Mitsubishi Electric Sem...
M62021L MITSUBISHI-M62021L Datasheet
112Kb / 9P
   SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
M62023L MITSUBISHI-M62023L Datasheet
47Kb / 4P
   SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
logo
Renesas Technology Corp
M62023L RENESAS-M62023L_07 Datasheet
207Kb / 13P
   System Reset IC with Switch for 3V Memory Back-up
logo
Mitsumi Electronics, Co...
PST600 MITSUMI-PST600 Datasheet
118Kb / 5P
   System Reset Monolithic IC
PST573 MITSUMI-PST573 Datasheet
134Kb / 6P
   SYSTEM RESET Monolithic IC
PST92XX MITSUMI-PST92XX Datasheet
66Kb / 6P
   IC for System Reset Monolithic IC
PST90XX MITSUMI-PST90XX Datasheet
47Kb / 3P
   IC for System Reset Monolithic IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com