Electronic Components Datasheet Search
Selected language     English  â–¼


AD590JF Datasheet(PDF) 1 Page - Analog Devices

Part No. AD590JF
Description  Two-Twrminal IC Temperature Transducer
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 
 1 page
background image
Two-Terminal IC
Temperature Transducer
AD590
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.
FEATURES
Linear current output: 1 µA/K
Wide temperature range: −55°C to +150°C
Probe compatible ceramic sensor package
2-terminal device: voltage in/current out
Laser trimmed to ±0.5°C calibration accuracy (AD590M)
Excellent linearity: ±0.3°C over full range (AD590M)
Wide power supply range: 4 V to 30 V
Sensor isolation from case
Low cost
–
+
TO-52
SOIC-8
NC = NO CONNECT
TOP VIEW
(Not to Scale)
NC 1
V+ 2
V– 3
NC 4
NC
NC
NC
NC
8
7
6
5
FLATPACK
+–
Figure 1. Pin Designations
GENERAL DESCRIPTION
The AD590 is a 2-terminal integrated circuit temperature
transducer that produces an output current proportional to
absolute temperature. For supply voltages between 4 V and 30 V
the device acts as a high-impedance, constant current regulator
passing 1 µA/K. Laser trimming of the chip’s thin-film resistors
is used to calibrate the device to 298.2 µA output at 298.2 K
(25°C).
The AD590 should be used in any temperature-sensing
application below 150°C in which conventional electrical
temperature sensors are currently employed. The inherent low
cost of a monolithic integrated circuit combined with the
elimination of support circuitry makes the AD590 an attractive
alternative for many temperature measurement situations.
Linearization circuitry, precision voltage amplifiers, resistance
measuring circuitry, and cold junction compensation are not
needed in applying the AD590.
In addition to temperature measurement, applications include
temperature compensation or correction of discrete
components, biasing proportional to absolute temperature, flow
rate measurement, level detection of fluids and anemometry.
The AD590 is available in chip form, making it suitable for
hybrid circuits and fast temperature measurements in protected
environments.
The AD590 is particularly useful in remote sensing applications.
The device is insensitive to voltage drops over long lines due to
its high impedance current output. Any well-insulated twisted
pair is sufficient for operation at hundreds of feet from the
receiving circuitry. The output characteristics also make the
AD590 easy to multiplex: the current can be switched by a
CMOS multiplexer or the supply voltage can be switched by a
logic gate output.
PRODUCT HIGHLIGHTS
1.
The AD590 is a calibrated, 2-terminal temperature sensor
requiring only a dc voltage supply (4 V to 30 V). Costly
transmitters, filters, lead wire compensation, and
linearization circuits are all unnecessary in applying the
device.
2.
State-of-the-art laser trimming at the wafer level in
conjunction with extensive final testing ensures that
AD590 units are easily interchangeable.
3.
Superior interface rejection occurs, because the output is a
current rather than a voltage. In addition, power
requirements are low (1.5 mWs @ 5 V @ 25°C). These
features make the AD590 easy to apply as a remote sensor.
4.
The high output impedance (>10 MΩ) provides excellent
rejection of supply voltage drift and ripple. For instance,
changing the power supply from 5 V to 10 V results in only
a 1 µA maximum current change, or 1°C equivalent error.
5.
The AD590 is electrically durable: it withstands a forward
voltage of up to 44 V and a reverse voltage of 20 V.
Therefore, supply irregularities or pin reversal does not
damage the device.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD590Two-Terminal IC Temperature Transducer 1 2 3 4 5 MoreAnalog Devices
AD592Low Cost Precision IC Temperature Transducer 1 2 3 4 5 MoreAnalog Devices
TMP17Low Cost Current Output Temperature Transducer 1 2 3 4 5 MoreAnalog Devices
AD5902-Wire Current Output Temperature Transducer 1 2 3 4 5 MoreIntersil Corporation
REF025 V Precision Voltage Reference/Temperature Transducer 1 2 3 4 5 MoreAnalog Devices
AD590TWO-TERMINAL TEMPERATURE TRANSDUCER 1 2 Sensitron
LM50SOT-23 Single-Supply Centigrade Temperature Sensor 1 2 3 4 5 MoreNational Semiconductor (TI)
NTE16000-ECGPolymeric Positive Temperature Coefficient PTC Resettable Fuses 1 2 3 4 NTE Electronics
1N4001GRectifiers Rugged glass package using a high temperature alloyed construction 1 2 3 4 5 NXP Semiconductors
THMC10REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl