Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U6046B-FP Datasheet(PDF) 8 Page - ATMEL Corporation

Part # U6046B-FP
Description  REAR WINDOW HEATING TIMER / LONG-TERM TIMER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U6046B-FP Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button U6046B-FP Datasheet HTML 4Page - ATMEL Corporation U6046B-FP Datasheet HTML 5Page - ATMEL Corporation U6046B-FP Datasheet HTML 6Page - ATMEL Corporation U6046B-FP Datasheet HTML 7Page - ATMEL Corporation U6046B-FP Datasheet HTML 8Page - ATMEL Corporation U6046B-FP Datasheet HTML 9Page - ATMEL Corporation U6046B-FP Datasheet HTML 10Page - ATMEL Corporation U6046B-FP Datasheet HTML 11Page - ATMEL Corporation U6046B-FP Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
U6046B
4674A–AUTO–01/03
Electrical Characteristics
VBatt =13.5 V, Tamb = 25°C, reference point ground, Figure 2, unless otherwise specified
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
1.1
Operating voltage
R
1 ³ 510 W
t< 5min
t< 60 min
V
Batt
616
24
18
V
1.2
5 V supply
Without R
1, C1, Figure 4
7, 8
V
8, V7
4.3
6.0
V
1.3
Stabilized voltage
V
Batt = 12 V
7
V
7
5.0
5.2
5.4
V
1.4
Undervoltage threshold
Power on reset
V
8
3.0
4.2
V
1.5
Supply current
All push buttons open
8
I
8
1.3
2.0
mA
1.6
Internal Z-diode
I
8 = 10 mA
8
V
8
13.5
14
16
V
2
Relay Control Output
2
2.1
Saturation voltage
I
2 = 200 mA
I
2 = 300 mA
V
2
1.2
1.5
V
2.2
Leakage current
V
2 = 14 V
I
2
2100
µA
2.3
Output current
I
2
300
mA
3
Ouput Pulse Current
3.1
Load dump pulse
t
£ 300 ms
I
2
1.5
A
3.2
Internal Z-diode
I
2 = 10 mA
V
2
20
22
24
V
4
Oscillator Input f = 0.001 to 40 kHz, See Table 1
6
4.1
Internal discharge
resistance
V
6 = 5 V
R
6
1.6
2.0
2.4
k
W
4.2
Switching voltage
Lower
Upper
V
6L
V
6H
0.9
2.8
1.1
3.1
1.4
3.5
V
4.3
Input current
V
6 = 0 V
-I
6
1µA
5
Switching Time
5.1
Debounce time
t
3
5
7
cycles
5.2
Delay time
t
d
72704
74752
cycles
6
Inputs ON, OFF, TOGGLE
3, 4, 5
6.1
Switching threshold voltage
V
3,4,5
1.6
2.0
2.4
V
6.2
Internal Z-diode
I
3, 4, 5 = 10 mA
V
3,4,5
6.5
7.1
8.0
V
6.3
Pull-down resistance
V
3,4,5 = 5 V
R
3,4,5
13
20
50
k
W


Similar Part No. - U6046B-FP

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U6046B-FP TEMIC-U6046B-FP Datasheet
160Kb / 11P
   Rear Window Heating Timer
More results

Similar Description - U6046B-FP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6046B ATMEL-U6046B_05 Datasheet
197Kb / 16P
   REAR WINDOW HEATING TIMER / LONG-TERM TIMER
logo
Unisonic Technologies
UU6046B UTC-UU6046B Datasheet
210Kb / 6P
   REAR WINDOW HEATING TIMER
logo
TEMIC Semiconductors
U6046B TEMIC-U6046B Datasheet
160Kb / 11P
   Rear Window Heating Timer
logo
Unisonic Technologies
UU6047B UTC-UU6047B Datasheet
225Kb / 6P
   REAR WINDOW HEATING TIMER
logo
ATMEL Corporation
U5021M ATMEL-U5021M Datasheet
177Kb / 11P
   DIGITAL WINDOW WATCHDOG TIMER
logo
TEMIC Semiconductors
U5020M TEMIC-U5020M Datasheet
108Kb / 8P
   Digital Window Watchdog Timer
logo
Exar Corporation
XR2242 EXAR-XR2242 Datasheet
362Kb / 5P
   Long Range Timer
logo
ATMEL Corporation
U5020M ATMEL-U5020M Datasheet
171Kb / 10P
   DIGITAL WINDOW WATCHDOG TIMER
U5021M ATMEL-U5021M_05 Datasheet
225Kb / 11P
   Digital Window Watchdog Timer
logo
Renesas Technology Corp
ICM7242 RENESAS-ICM7242 Datasheet
571Kb / 11P
   Long Range Fixed Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com