Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U6046B-FP Datasheet(PDF) 11 Page - ATMEL Corporation

Part # U6046B-FP
Description  REAR WINDOW HEATING TIMER / LONG-TERM TIMER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U6046B-FP Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button U6046B-FP Datasheet HTML 5Page - ATMEL Corporation U6046B-FP Datasheet HTML 6Page - ATMEL Corporation U6046B-FP Datasheet HTML 7Page - ATMEL Corporation U6046B-FP Datasheet HTML 8Page - ATMEL Corporation U6046B-FP Datasheet HTML 9Page - ATMEL Corporation U6046B-FP Datasheet HTML 10Page - ATMEL Corporation U6046B-FP Datasheet HTML 11Page - ATMEL Corporation U6046B-FP Datasheet HTML 12Page - ATMEL Corporation U6046B-FP Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
U6046B
4674A–AUTO–01/03
Figure 11. Monostable Delay Time, t
d, can be Activated by the ON Push-button,
not Externally Deactivatable
Figure 12. Increasing the Contact Current by Parallel Resistors
8
47
mF/
16 V
R
1
510
W
V
Batt
1
2
6
5
7
3
4
U6046B
R
2
C
2
C
1
1
2
6
5
87
3
4
20 k
W
2 mA
V
Batt
20 k
W
5.6 k
W
5.6 k
W
U6046B


Similar Part No. - U6046B-FP

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U6046B-FP TEMIC-U6046B-FP Datasheet
160Kb / 11P
   Rear Window Heating Timer
More results

Similar Description - U6046B-FP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6046B ATMEL-U6046B_05 Datasheet
197Kb / 16P
   REAR WINDOW HEATING TIMER / LONG-TERM TIMER
logo
Unisonic Technologies
UU6046B UTC-UU6046B Datasheet
210Kb / 6P
   REAR WINDOW HEATING TIMER
logo
TEMIC Semiconductors
U6046B TEMIC-U6046B Datasheet
160Kb / 11P
   Rear Window Heating Timer
logo
Unisonic Technologies
UU6047B UTC-UU6047B Datasheet
225Kb / 6P
   REAR WINDOW HEATING TIMER
logo
ATMEL Corporation
U5021M ATMEL-U5021M Datasheet
177Kb / 11P
   DIGITAL WINDOW WATCHDOG TIMER
logo
TEMIC Semiconductors
U5020M TEMIC-U5020M Datasheet
108Kb / 8P
   Digital Window Watchdog Timer
logo
Exar Corporation
XR2242 EXAR-XR2242 Datasheet
362Kb / 5P
   Long Range Timer
logo
ATMEL Corporation
U5020M ATMEL-U5020M Datasheet
171Kb / 10P
   DIGITAL WINDOW WATCHDOG TIMER
U5021M ATMEL-U5021M_05 Datasheet
225Kb / 11P
   Digital Window Watchdog Timer
logo
Renesas Technology Corp
ICM7242 RENESAS-ICM7242 Datasheet
571Kb / 11P
   Long Range Fixed Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com