Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD590KF Datasheet(PDF) 7 Page - Analog Devices

Part # AD590KF
Description  Two-Twrminal IC Temperature Transducer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD590KF Datasheet(HTML) 7 Page - Analog Devices

Back Button AD590KF Datasheet HTML 3Page - Analog Devices AD590KF Datasheet HTML 4Page - Analog Devices AD590KF Datasheet HTML 5Page - Analog Devices AD590KF Datasheet HTML 6Page - Analog Devices AD590KF Datasheet HTML 7Page - Analog Devices AD590KF Datasheet HTML 8Page - Analog Devices AD590KF Datasheet HTML 9Page - Analog Devices AD590KF Datasheet HTML 10Page - Analog Devices AD590KF Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD590
Rev. C | Page 7 of 16
The AD590 is basically a PTAT (proportional to absolute
temperature)1 current regulator. That is, the output current is
equal to a scale factor times the temperature of the sensor in
degrees Kelvin. This scale factor is trimmed to 1 µA/K at the
factory, by adjusting the indicated temperature (that is, the
output current) to agree with the actual temperature. This is
done with 5 V across the device at a temperature within a few
degrees of 25°C (298.2K). The device is then packaged and
tested for accuracy over temperature.
CALIBRATION ERROR
At final factory test, the difference between the indicated
temperature and the actual temperature is called the calibration
error. Since this is a scale factory error, its contribution to the
total error of the device is PTAT. For example, the effect of the
1°C specified maximum error of the AD590L varies from
0.73°C at –55°C to 1.42°C at 150°C. Figure 6 shows how an
exaggerated calibration error would vary from the ideal over
temperature.
IACTUAL
298.2
298.2
TEMPERATURE (°K)
ACTUAL
TRANSFER
FUNCTION
IDEAL
TRANSFER
FUNCTION
CALIBRATION
ERROR
Figure 6. Calibration Error vs. Temperature
The calibration error is a primary contributor to maximum
total error in all AD590 grades. However, since it is a scale factor
error, it is particularly easy to trim. Figure 7 shows the most
elementary way of accomplishing this. To trim this circuit, the
temperature of the AD590 is measured by a reference
temperature sensor and R is trimmed so that VT = 1 mV/K at
that temperature. Note that when this error is trimmed out at
one temperature, its effect is zero over the entire temperature
range. In most applications there is a current-to-voltage
conversion resistor (or, as with a current input ADC, a
reference) that can be trimmed for scale factor adjustment.
1 T(°C) = T(K) –273.2. Zero on the Kelvin scale is “absolute zero”; there is no
lower temperature.
5V
R
100
VT = 1mV/K
AD590
950
+
+
+
Figure 7. One Temperature Trim
ERROR VERSUS TEMPERATURE: WITH
CALIBRATION ERROR TRIMMED OUT
Each AD590 is tested for error over the temperature range with
the calibration error trimmed out. This specification could also
be called the “variance from PTAT,” because it is the maximum
difference between the actual current over temperature and a
PTAT multiplication of the actual current at 25°C. This error
consists of a slope error and some curvature, mostly at the
temperature extremes. Figure 8 shows a typical AD590K
temperature curve before and after calibration error trimming.
AFTER
CALIBRATION
TRIM
2
0
–2
–55
150
TEMPERATURE (°C)
CALIBRATION
ERROR
BEFORE
CALIBRATION
TRIM
Figure 8. Effect to Scale Factor Trim on Accuracy
ERROR VERSUS TEMPERATURE: NO USER TRIMS
Using the AD590 by simply measuring the current, the total
error is the variance from PTAT, described above, plus the effect
of the calibration error over temperature. For example, the
AD590L maximum total error varies from 2.33°C at –55°C to
3.02°C at 150°C. For simplicity, only the large figure is shown on
the specification page.
NONLINEARITY
Nonlinearity as it applies to the AD590 is the maximum
deviation of current over temperature from a best-fit straight
line. The nonlinearity of the AD590 over the −55°C to +150°C
range is superior to all conventional electrical temperature
sensors such as thermocouples, RTDs, and thermistors. Figure 9
shows the nonlinearity of the typical AD590K from Figure 8.


Similar Part No. - AD590KF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD590KF AD-AD590KF Datasheet
3Mb / 16P
   Two-Terminal IC Temperature Transducer
REV. C
AD590KF AD-AD590KF Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD590KF AD-AD590KF Datasheet
423Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590KF AD-AD590KF Datasheet
411Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590KF AD-AD590KF Datasheet
417Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
More results

Similar Description - AD590KF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD590 AD-AD590 Datasheet
3Mb / 16P
   Two-Terminal IC Temperature Transducer
REV. C
logo
Sensitron
AD590 SENSITRON-AD590 Datasheet
32Kb / 2P
   TWO-TERMINAL TEMPERATURE TRANSDUCER
logo
Analog Devices
AD590JH AD-AD590JH Datasheet
417Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JH883B AD-AD590JH883B Datasheet
411Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590KF AD-AD590KF Datasheet
423Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JRZ AD-AD590JRZ Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD592 AD-AD592 Datasheet
302Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592ANZ AD-AD592ANZ Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592BNZ AD-AD592BNZ Datasheet
778Kb / 8P
   LOW COST, PRECISION IC TEMPERATURE TRANSDUCER
REV. A
AD592 AD-AD592_15 Datasheet
778Kb / 8P
   LOW COST PRECISION IC TEMPERATURE TRANSDUCER
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com