Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UG5HT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # UG5HT
Description  Ultrafast Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UG5HT Datasheet(HTML) 2 Page - Vishay Siliconix

  UG5HT Datasheet HTML 1Page - Vishay Siliconix UG5HT Datasheet HTML 2Page - Vishay Siliconix UG5HT Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UG5JT, UGF5JT, UGB5JT Series
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88764
2
02-Jul-02
Maximum Ratings (TC = 25°C unless otherwise noted)
Parameter
Symbol
UG5HT
UG5JT
Unit
Maximum repetitive peak reverse voltage
VRRM
500
600
V
Maximum working reverse voltage
VRWM
400
480
V
Maximum RMS voltage
VRMS
350
420
V
Maximum DC blocking voltage
VDC
500
600
V
Maximum average forward rectified current
IF(AV)
5.0
A
Peak forward surge current 8.3ms single half sine-wave
IFSM
65
A
superimposed on rated load (JEDEC Method) at TC = 100°C
Operating junction and storage temperature range
TJ, TSTG
–55 to +150
°C
RMS Isolation voltage (UGF types only)
4500(1)
from terminals to heatsink with t = 1.0 second, RH
≤ 30%
VISOL
3500(2)
V
1500(3)
Electrical Characteristics (TC = 25°C unless otherwise noted)
Parameter
Symbol
UG5HT
UG5JT
Unit
Maximum instantaneous
IF = 5A, TJ = 25°C
VF
1.75
V
forward voltage(4)
IF = 5A, TJ = 125°C
1.50
TJ = 25°C
30
µA
Maximum DC reverse current at VRWM
TJ = 100°C
IR
800
µA
TJ = 125°C
4.0
mA
Maximum reverse recovery time at
IF = 0.5A, IR = 1.0A, Irr = 0.25A
trr
25
ns
Maximum reverse recovery time at
trr
50
ns
IF = 1.0A, di/dt = 50A/
µs, VR = 30V, Irr = 0.1 IRM
Typical softness factor (tb/ta)
S
0.9
IF = 5.0A, di/dt = 240A/
µs, VR = 400V, Irr = 0.1 IRM
Maximum reverse recovery current at
IRM
3.0
A
IF = 5.0A, di/dt = 40A/
µs, VR = 400V, TC = 125°C
Maximum reverse recovery current at
IRM
9.0
A
IF = 5.0A, di/dt = 240A/
µs, VR = 400V, TC = 125°C
Peak forward recovery time at
tfr
500
ns
IF = 5.0A, di/dt = 64A/
µs, VF = 1.1VF max
Thermal Characteristics (TC = 25°C unless otherwise noted)
Parameter
Symbol
UG5
UGF5
UGB5
Unit
Typical thermal resistance from junction to case
R
θJC
3.0
5.5
3.0
°C/W
Notes: (1) Clip mounting (on case), where lead does not overlap heatsink with 0.110” offset
(2) Clip mounting (on case), where leads do overlap heatsink
(3) Screw mounting with 4-40 screw, where washer diameter is
≤ 4.9 mm (0.19”)
(4) Pulse test: 300
µs pulse width, 1% duty cycle
Ordering Information
Product
Case
Package Code
Package Option
UG5HT & UG5JT
TO-220AC
45
Anti-Static tube, 50/tube, 2K/carton
UGF5HT & UGF5JT
ITO-220AC
45
Anti-Static tube, 50/tube, 2K/carton
31
13” reel, 800/reel, 4.8K/carton
UGB5HT & UGB5JT
TO-263AB
45
Anti-Static tube, 50/tube, 2K/carton
81
Anti-Static 13” reel, 800/reel, 4.8K/carton


Similar Part No. - UG5HT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UG5HT VISHAY-UG5HT Datasheet
143Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 09-Nov-07
More results

Similar Description - UG5HT

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MUR460AX SMC-MUR460AX Datasheet
163Kb / 5P
   ULTRAFAST RECTIFIERS
MUR640AX SMC-MUR640AX Datasheet
155Kb / 4P
   ULTRAFAST RECTIFIERS
logo
Leshan Radio Company
UF4004 LRC-UF4004_15 Datasheet
201Kb / 7P
   Ultrafast Rectifiers
UF4005 LRC-UF4005_15 Datasheet
201Kb / 7P
   Ultrafast Rectifiers
UF5402 LRC-UF5402_15 Datasheet
195Kb / 7P
   Ultrafast Rectifiers
logo
EIC discrete Semiconduc...
MUR1620CT EIC-MUR1620CT Datasheet
49Kb / 2P
   ULTRAFAST RECTIFIERS
logo
Motorola, Inc
MUR1650CT MOTOROLA-MUR1650CT Datasheet
314Kb / 5P
   ULTRAFAST RECTIFIERS
logo
New Jersey Semi-Conduct...
MUR405 NJSEMI-MUR405 Datasheet
82Kb / 1P
   ULTRAFAST RECTIFIERS
logo
Vishay Siliconix
UGF12JT VISHAY-UGF12JT Datasheet
55Kb / 3P
   Ultrafast Rectifiers
30-Jul-02
logo
Motorola, Inc
MUR10005CT MOTOROLA-MUR10005CT Datasheet
620Kb / 2P
   ULTRAFAST RECTIFIERS
logo
Sangdest Microelectroni...
MURS320 SMC-MURS320 Datasheet
299Kb / 7P
   ULTRAFAST RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com