Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA901TU-A Datasheet(PDF) 6 Page - NEC

Part # UPA901TU-A
Description  NPN SiGe RF IC IN A 8-PIN LEAD-LESS MINIMOLD
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA901TU-A Datasheet(HTML) 6 Page - NEC

  UPA901TU-A Datasheet HTML 1Page - NEC UPA901TU-A Datasheet HTML 2Page - NEC UPA901TU-A Datasheet HTML 3Page - NEC UPA901TU-A Datasheet HTML 4Page - NEC UPA901TU-A Datasheet HTML 5Page - NEC UPA901TU-A Datasheet HTML 6Page - NEC UPA901TU-A Datasheet HTML 7Page - NEC UPA901TU-A Datasheet HTML 8Page - NEC UPA901TU-A Datasheet HTML 9Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
UPA901TU
ILLUSTRATION OF THE TEST CIRCUIT ASSEMBLED ON EVALUATION BOARD
C1 C2
C3
C4
C10
C9
R4
R3 C6
L1
L2
C5
C7
C8
R1
R2
C11
R5
L3
L4
VCC
GND
R : 1005 Chip resistor
L : 1005 Chip inductor
C : 1005 Chip cunductor
RFin
RFout
The dotted line are connected
with the back of substrate
Remarks
1. Substrate : 20 × 20 × 0.8 (t) mm FR-4 (4 Layer, each thickness 0.2 mm), copper
thickness 18 µm, gold flash plating
2. Back side : GND pattern
3. o : Through hole
USING THE NEC EVALUATION BOARD
SYMBOL
VALUES
SYMBOL
VALUES
R1
680 Ω
C2
0.5 pF
R2
10 Ω
C3
0.5 pF
R3
10 Ω
C4
1.0 pF
R4
10 Ω
C5
0.75 pF
R5
10 Ω
C6
1.0 pF
L1
100 nH
C7
1.0 pF
L2
5.6 nH
C8
1.0 pF
L3
5.6 nH
C9
1.0 pF
L4
12 nH
C10
10 nF
C1
0.75 pF
C11
10 nF


Similar Part No. - UPA901TU-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA901TU-A RENESAS-UPA901TU-A Datasheet
304Kb / 12P
   NPN SiGe RF ANALOG INTEGRATED CIRCUIT
2004
More results

Similar Description - UPA901TU-A

ManufacturerPart #DatasheetDescription
logo
NEC
UPA880TS NEC-UPA880TS Datasheet
54Kb / 6P
   NPN SiGe RF TRANSISTOR (WITH 2 DIFFERENT ELEMENTS) IN A 6-PIN SUPER LEAD-LESS MINIMOLD (1007 PACKAGE)
logo
California Eastern Labs
UPA863TD CEL-UPA863TD Datasheet
726Kb / 27P
   NPN SILICON RF TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN LEAD-LESS MINIMOLD
logo
NEC
NESG2031M16 NEC-NESG2031M16 Datasheet
119Kb / 12P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
logo
California Eastern Labs
NESG2021M16 CEL-NESG2021M16 Datasheet
861Kb / 11P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
logo
NEC
NESG2021M16 NEC-NESG2021M16 Datasheet
120Kb / 12P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
NESG2101M16 NEC-NESG2101M16_1 Datasheet
135Kb / 13P
   NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (125 mW) 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
2SC5787 NEC-2SC5787 Datasheet
100Kb / 22P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE 3-PIN LEAD-LESS MINIMOLD
2SC5801 NEC-2SC5801 Datasheet
33Kb / 1P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE 3-PIN LEAD-LESS MINIMOLD
2SC5746 NEC-2SC5746 Datasheet
100Kb / 22P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE 3-PIN LEAD-LESS MINIMOLD
NESG4030M14 NEC-NESG4030M14 Datasheet
112Kb / 10P
   NPN SiGe:C RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 4-PIN LEAD-LESS MINIMOLD (M14, 1208 PKG)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com