Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPD7006 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPD7006
Description  SURFACE MOUNT VERY HIGH VOLTAGE SILICO SWITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPD7006 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPD7006 Datasheet HTML 1Page - Central Semiconductor Corp CMPD7006 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINAR
Y
PRELIMINAR
Y
CMPD7006
CMPD7006A
CMPD7006C
CMPD7006S
SURFACE MOUNT
VERY HIGH VOLTAGE
SILICON SWITCHING DIODE
SOT-23 CASE
Central
Semiconductor Corp.
TM
R0 (8-December 2003)
DESCRIPTION:
The Central Semiconductor CMPD7006,
CMPD7006A, CMPD7006C and CMPD7006S
are silicon switching diodes with various diode
configurations, manufactured by the epitaxial
planar process and packaged in an epoxy
molded SOT-23 surface mount case. These
devices are designed for applications requiring
high voltage switching diodes.
The following configurations are available:
CMPD7006
SINGLE
MARKING CODE: C7006
CMPD7006A
DUAL, COMMON ANODE
MARKING CODE: C706A
CMPD7006C
DUAL, COMMON CATHODE
MARKING CODE: C706C
CMPD7006S
DUAL, IN SERIES
MARKING CODE: C706S
MAXIMUM RATINGS PER DIODE: (TA=25°C)
SYMBOL
UNITS
Continuous Reverse Voltage
VR
600
V
Peak Repetitive Reverse Voltage
VRRM
600
V
Continous Forward Current
IF
100
mA
Peak Repetitive Forward Current
IFRM
300
mA
Forward Surge Current, tp=1.0 µs
IFSM
4.0
A
Forward Surge Current, tp=1.0 s
IFSM
1.0
A
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IR
VR=480V
7.0
100
nA
IR
VR=480V, TA=150°C
100
µA
BVR
IR=1.0µA
600
675
V
VF
IF=10mA
0.88
1.0
V
VF
IF=50mA
1.04
1.2
V
VF
IF=100mA
1.16
1.4
V
CT
VR=0V, f=1.0 MHz
5.0
pF
trr
IR=IF=10mA, RL=100Ω, Rec. to 1.0mA
500
ns


Similar Part No. - CMPD7006

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPD7000 CENTRAL-CMPD7000 Datasheet
77Kb / 2P
   DUAL SILICON SWITCHING DIODE SERIES CONNECTION
CMPD7000E CENTRAL-CMPD7000E Datasheet
125Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT DUAL, SILICON SWITCHING DIODE SERIES CONNECTION
CMPD7000E CENTRAL-CMPD7000E_10 Datasheet
470Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT DUAL, IN SERIES SILICON SWITCHING DIODES
CMPD7000E CENTRAL-CMPD7000E_15 Datasheet
470Kb / 2P
   SILICON SWITCHING DIODES
CMPD7000 CENTRAL-CMPD7000_10 Datasheet
395Kb / 2P
   SURFACE MOUNT DUAL, IN SERIES SILICON SWITCHING DIODES
More results

Similar Description - CMPD7006

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPD7005 CENTRAL-CMPD7005 Datasheet
117Kb / 2P
   SURFACE MOUNT VERY HIGH VOLTAGE SILICON SWITCHING DIODE
CMDD7006 CENTRAL-CMDD7006 Datasheet
102Kb / 2P
   SURFACE MOUNT VERY HIGH VOLTAGE SILICON SWITCHING DIODE
CMHD7006 CENTRAL-CMHD7006 Datasheet
104Kb / 2P
   SURFACE MOUNT VERY HIGH VOLTAGE SILICON SWITCHING DIODE
logo
Pan Jit International I...
MMBD3004A PANJIT-MMBD3004A Datasheet
128Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Central Semiconductor C...
CMPD2003-1 CENTRAL-CMPD2003-1 Datasheet
110Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE
logo
Leshan Radio Company
LBAV3004T1G LRC-LBAV3004T1G_15 Datasheet
225Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Yea Shin Technology Co....
MMBD3004S YEASHIN-MMBD3004S Datasheet
193Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
MMBD2004S DIODES-MMBD2004S_1 Datasheet
82Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
DS30281 Rev. 8 - 2
logo
WILLAS ELECTRONIC CORP
MMBD3004C WILLAS-MMBD3004C Datasheet
343Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Shanghai Leiditech Elec...
LBAV3004T1G LEIDITECH-LBAV3004T1G Datasheet
561Kb / 4P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com