Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA4863OI-TR Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APA4863OI-TR
Description  Stereo 2.2W Audio Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA4863OI-TR Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APA4863OI-TR Datasheet HTML 1Page - Anpec Electronics Coropration APA4863OI-TR Datasheet HTML 2Page - Anpec Electronics Coropration APA4863OI-TR Datasheet HTML 3Page - Anpec Electronics Coropration APA4863OI-TR Datasheet HTML 4Page - Anpec Electronics Coropration APA4863OI-TR Datasheet HTML 5Page - Anpec Electronics Coropration APA4863OI-TR Datasheet HTML 6Page - Anpec Electronics Coropration APA4863OI-TR Datasheet HTML 7Page - Anpec Electronics Coropration APA4863OI-TR Datasheet HTML 8Page - Anpec Electronics Coropration APA4863OI-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.3 - Apr., 2001
APA4863
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Stereo 2.2W Audio Power Amplifier
Features
•••••
Depop Circuitry Integrated
•••••
Thermal Shutdown Circuitry Integrated
•••••
Bridge-Tied Load (BTL) or Single-Ended
(SE) Modes Operation
•••••
Output Power at 1% THD+N, V
DD=5V
- 2.2W/Ch (typ) into a 3
Ω Load
- 1.8W/Ch (typ) into a 4
Ω Load
- 1.2 W/Ch (typ) into a 8
Ω Load
•••••
Shutdown Control Mode, I
SD= 0.5 µA
•••••
Output Power (SE) at 0.5% THD+N, V
DD=5V
- 90mW/Ch (typ.) into a 32
Ω Load
•••••
Various Power Packages Available
SOP, TSSOP, TSSOP-P
Applications
•••••
Stereo Audio Power Amplifier for Notebook
Computer
•••••
Portable Televisions
•••••
Portable and Desktop Computers
General Description
Ordering Information
The APA4863 is a stereo bridge-tied audio power am-
plifier in various power packages , including SOP ,
TSSOP and TSSOP-P . When connecting to a 5V volt-
age supply , the APA4863 is capable of delivering
2.2W/1.8W/1.2W of continuous RMS power per chan-
nel into 3
Ω/4Ω/8Ω bridge-tied loads with less than
1% THD+N respectively . When APA4863 operates
in the single-ended load , it is capable of delivering
90mW of continuous RMS power per channel into
32
Ω load . The APA4863 simplifies design and frees
up board space for other features .
The APA4863 also served well in low-voltage appli-
cations , which provides 750mW (1% THD+N) per
channel into 4
Ω loads with a 3.3V supply voltage .
Both of the depop circuitry and the thermal shutdown
protection circuitry are integrated in the APA4863 ,
that reduces pops and clicks noise during power up
and when using the shutdown mode and protects the
chip from being destroyed by over-temperature fail-
ure . To simplify the audio system design in note-
book computer applications , the APA4863 combines
a stereo bridge-tied loads mode for speaker drive and
a stereo single-end mode for headphone drive into a
single chip , where both modes are easily switched
by the HP-IN input control pin signal . For power sen-
sitive applications , the APA4863 also features a shut-
down function which keeps the supply current only
0.5 µA (typ.) .
Package Code
K: SOP
O: TSSOP
R: TSSOP-P*
Temp. Range
I : -40 to 85 C
Handling Code
TU : Tube
TR : Tape & Reel
TY: Tray
APA4863
Handling Code
Temp. Range
Package Code
°
* TSSOP-P is a standard TSSOP package with a thermal pad exposed on the bottom of the package.


Similar Part No. - APA4863OI-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4863OI-TRG ANPEC-APA4863OI-TRG Datasheet
286Kb / 17P
   Stereo 2.2W Audio Power Amplifier
More results

Similar Description - APA4863OI-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4863 ANPEC-APA4863_09 Datasheet
286Kb / 17P
   Stereo 2.2W Audio Power Amplifier
logo
Texas Instruments
LM4866 TI1-LM4866 Datasheet
1Mb / 29P
[Old version datasheet]   2.2W Stereo Audio Amplifier
logo
National Semiconductor ...
LM4866 NSC-LM4866 Datasheet
644Kb / 21P
   2.2W Stereo Audio Amplifier
logo
Global Mixed-mode Techn...
G1426 GMT-G1426 Datasheet
309Kb / 13P
   2.2W Stereo Audio Amplifier
logo
Maxim Integrated Produc...
MAX9787 MAXIM-MAX9787 Datasheet
238Kb / 15P
   2.2W Stereo Audio Power Amplifier with Analog Volume Control
Rev 0; 10/05
MAX9787 MAXIM-MAX9787_V01 Datasheet
325Kb / 15P
   2.2W Stereo Audio Power Amplifier with Analog Volume Control
19-3882; Rev 1; 1/07
logo
Kingbor Technology Co
KB4863 KINGBOR-KB4863 Datasheet
600Kb / 19P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
National Semiconductor ...
LM4863 NSC-LM4863 Datasheet
513Kb / 16P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
L4863 UTC-L4863 Datasheet
449Kb / 10P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
LM4863 UTC-LM4863 Datasheet
347Kb / 11P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com