Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTZ6.8E Datasheet(PDF) 2 Page - Rohm

Part # FTZ6.8E
Description  Zener diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FTZ6.8E Datasheet(HTML) 2 Page - Rohm

  FTZ6.8E Datasheet HTML 1Page - Rohm FTZ6.8E Datasheet HTML 2Page - Rohm FTZ6.8E Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FTZ6.8E
Diodes
!
!
!
!Others
Item
Device configuration
Standard 1
Charge/discharge capacitance : 200 pF ± 10%
Discharge resistance
: 400
Ω ± 10%
Charge/discharge capacitance : 150 pF
Discharge resistance
: 330
5 repetitions
No spark or smoke emitted
: ± 25 kV
No element destruction
: ± 20 kV
No malfunction
: ± 8 kV
10 repetitions
No malfunction
Contact
: ± 8 kV
Suspended
: ± 15 kV
IEC1000-4-2
Judgment contents
!
!
!
!Electrical characteristic curves
(Ta=25
°C)
23
45
67
8
1
µ
10
µ
100
µ
1m
10m
100m
100n
ZENER VOLTAGE : Vz (V)
Fig.1 Zener characteristics
−20°C 25°C
70
°C
AMBIENT TEMPERATURE : Ta (˚C)
200
0
0
100
200
300
25
50
75
100
125
Fig.2 Derating curve


Similar Part No. - FTZ6.8E

ManufacturerPart #DatasheetDescription
logo
Rohm
FTZ6.8E ROHM-FTZ6.8E Datasheet
167Kb / 3P
   Zener diode
FTZ6.8E ROHM-FTZ6.8E Datasheet
331Kb / 6P
   Zener diode
FTZ6.8E ROHM-FTZ6.8E Datasheet
54Kb / 2P
   Zener diode
FTZ6.8EFH ROHM-FTZ6.8EFH Datasheet
826Kb / 6P
   Zener diode
FTZ6.8E ROHM-FTZ6.8E_08 Datasheet
167Kb / 3P
   Zener diode
More results

Similar Description - FTZ6.8E

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com