Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YMU762 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # YMU762
Description  Mobile Audio 3
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

YMU762 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button YMU762 Datasheet HTML 4Page - List of Unclassifed Manufacturers YMU762 Datasheet HTML 5Page - List of Unclassifed Manufacturers YMU762 Datasheet HTML 6Page - List of Unclassifed Manufacturers YMU762 Datasheet HTML 7Page - List of Unclassifed Manufacturers YMU762 Datasheet HTML 8Page - List of Unclassifed Manufacturers YMU762 Datasheet HTML 9Page - List of Unclassifed Manufacturers YMU762 Datasheet HTML 10Page - List of Unclassifed Manufacturers YMU762 Datasheet HTML 11Page - List of Unclassifed Manufacturers YMU762 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
YMU762
8
AC characteristics
/RST, CLKI
Item
Symbol
Min.
Typ.
Max.
Unit
/RST “L” pulse width
TRSTW
100
µs
/RST (indefinite → L) setup time
TRSTS
0
µs
CLKI frequency
1 / Tfreq
0
20
MHz
CLKI rise / fall time
Tr / Tf
30
ns
CLKI duty factor
Th / Tfreq
30
50
70
%
Note: TOP=-20 to 85°C, VDD, IOVDD=3.0±0.3V, Capacitor load=50 pF
The input to Clock can be stopped (=0Hz) during reset period and power down state (DP0=1).
However, the input level is to be H or L, and input of intermediate level is prohibited.
The reset width is defined as the time from the moment VDD or IOVDD has risen to 90%.
/RST has to be settled at “L” level at the time VDD or IOVDD has risen to 30%.
Measurement point
VIH
= 0.7*IOVDD
VIL
= 0.2*IOVDD
VOH = 0.8*IOVDD
VOL = 0.2*IOVDD
VIL= 0.2*IOVDD
/RST
TRSTW
VIL= 0.2*IOVDD
VDD, IOVDD
90%
30%
TRSTS
CLKI
Th
Tfreq
Tf
VIH= 0.7*IOVDD
VIL= 0.2*IOVDD
Tr
0.5*IOVDD


Similar Part No. - YMU762

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YMU757B YAMAHA-YMU757B Datasheet
663Kb / 43P
   MA-1C
logo
List of Unclassifed Man...
YMU759 ETC-YMU759 Datasheet
394Kb / 18P
   SYNTHESIS LSI FOR PORTABLE TELEPHONE
More results

Similar Description - YMU762

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES9010K2M ESS-ES9010K2M Datasheet
48Kb / 2P
   Premier Stereo Mobile Audio DAC
logo
Rohm
BH7826FVM ROHM-BH7826FVM Datasheet
107Kb / 3P
   Audio driver IC for mobile phones
logo
New Japan Radio
NJM2705 NJRC-NJM2705 Datasheet
283Kb / 14P
   Surround Audio Processor for Mobile Applications
logo
ESS Technology,Inc
ES9018K2M ESS-ES9018K2M Datasheet
65Kb / 2P
   32-bit Stereo Mobile Audio DAC
ES9016K2M ESS-ES9016K2M Datasheet
53Kb / 2P
   Ultra 32-bit Stereo Mobile Audio DAC
logo
Rohm
BH7824FVM ROHM-BH7824FVM Datasheet
172Kb / 5P
   Audio Driver (Speaker AMP) for Mobile telephone
logo
Cirrus Logic
CS42L73 CIRRUS-CS42L73 Datasheet
205Kb / 7P
   Ultra Low Power Mobile Audio and Telephony CODEC
logo
Realtek Semiconductor C...
ALC5616 REALTEK-ALC5616 Datasheet
1Mb / 104P
   Ultra-Low Power Audio CODEC for Mobile Devices
logo
Pasternack Enterprises,...
PE51008 PASTERNACK-PE51008 Datasheet
46Kb / 1P
   Mobile Antenna, 806 - 896 MHz, 3 dB
logo
STMicroelectronics
TDA7718N STMICROELECTRONICS-TDA7718N Datasheet
542Kb / 40P
   3 band car audio processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com