Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90050 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB90050
Description  On-Screen Display Controller
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90050 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB90050 Datasheet HTML 1Page - Fujitsu Component Limited. MB90050 Datasheet HTML 2Page - Fujitsu Component Limited. MB90050 Datasheet HTML 3Page - Fujitsu Component Limited. MB90050 Datasheet HTML 4Page - Fujitsu Component Limited. MB90050 Datasheet HTML 5Page - Fujitsu Component Limited. MB90050 Datasheet HTML 6Page - Fujitsu Component Limited. MB90050 Datasheet HTML 7Page - Fujitsu Component Limited. MB90050 Datasheet HTML 8Page - Fujitsu Component Limited. MB90050 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
MB90050
3
(Continued)
• Display colors and setting units
Character color
: 16 colors (set for each character)
Character background color
: 16 colors (set for each character)
Character trimming color
: 16 colors (set for each line)
Line background color
: 16 colors (set for each line)
Graphic character color
: 16 colors (set for each dot)
Sprite character color
: 16 colors (set for each dot)
Screen background character color
: 16 colors (set for each dot)
Screen background color
: 16 colors (set for all screen)
Shaded background frame highlight color : 16 colors (set for all screen)
Shaded background frame shadow color : 16 colors (set for all screen)
• Digital display signal output
Color signal output
: DCOL5 to DCOL0 pins (6 bits)
Display period signal output
: DB pin
Translucent display period signal output : DH pin
• Analog (video) signal input/output
Composit video input/output : VIN, VOUT pins
Y/C video input/output
: YIN, YOUT pins, CIN, COUT pins
• Internal sync control
Internal sync signal generator and video signal generator supporting the NTSC and PAL systems.
• External interface
16-bit serial input (3-signal input)
Chip select signal
Serial clock signal
Serial data signal
• Package
QFP-48P (FPT-48P-M15)
• Supply voltage
+5 V±10%
* : 1 dot of graphic characters is the same size as 2
× 2 dots of normal characters.


Similar Part No. - MB90050

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90075 FUJITSU-MB90075 Datasheet
1Mb / 42P
   ON-SCRREN DISPLAY CONTROLLER FOR NTSC/PAL
MB90075-P-SH FUJITSU-MB90075-P-SH Datasheet
1Mb / 42P
   ON-SCRREN DISPLAY CONTROLLER FOR NTSC/PAL
MB90075-PF FUJITSU-MB90075-PF Datasheet
1Mb / 42P
   ON-SCRREN DISPLAY CONTROLLER FOR NTSC/PAL
MB90089 FUJITSU-MB90089 Datasheet
2Mb / 30P
   ON-SCREEN DISPLAY CONTROLLER
MB90089-PF FUJITSU-MB90089-PF Datasheet
2Mb / 30P
   ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - MB90050

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
   On-screen Display Controller
logo
Sanyo Semicon Device
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
   On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90092 FUJITSU-MB90092_01 Datasheet
348Kb / 40P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74787 SANYO-LC74787 Datasheet
216Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90099 FUJITSU-MB90099 Datasheet
1Mb / 36P
   On-Screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com