Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD3055-150-1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NTD3055-150-1G
Description  Power MOSFET 9.0 A, 60 V
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD3055-150-1G Datasheet(HTML) 7 Page - ON Semiconductor

  NTD3055-150-1G Datasheet HTML 1Page - ON Semiconductor NTD3055-150-1G Datasheet HTML 2Page - ON Semiconductor NTD3055-150-1G Datasheet HTML 3Page - ON Semiconductor NTD3055-150-1G Datasheet HTML 4Page - ON Semiconductor NTD3055-150-1G Datasheet HTML 5Page - ON Semiconductor NTD3055-150-1G Datasheet HTML 6Page - ON Semiconductor NTD3055-150-1G Datasheet HTML 7Page - ON Semiconductor NTD3055-150-1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NTD3055−150
http://onsemi.com
7
PACKAGE DIMENSIONS
DPAK−3
CASE 369D−01
ISSUE B
STYLE 2:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN
12
3
4
V
S
A
K
−T−
SEATING
PLANE
R
B
F
G
D 3 PL
M
0.13 (0.005)
T
C
E
J
H
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.235
0.245
5.97
6.35
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.027
0.035
0.69
0.88
E
0.018
0.023
0.46
0.58
F
0.037
0.045
0.94
1.14
G
0.090 BSC
2.29 BSC
H
0.034
0.040
0.87
1.01
J
0.018
0.023
0.46
0.58
K
0.350
0.380
8.89
9.65
R
0.180
0.215
4.45
5.45
S
0.025
0.040
0.63
1.01
V
0.035
0.050
0.89
1.27
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
Z
Z
0.155
−−−
3.93
−−−


Similar Part No. - NTD3055-150-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD3055-150-1G ONSEMI-NTD3055-150-1G Datasheet
112Kb / 7P
   Power MOSFET
July, 2014 ??Rev. 6
logo
VBsemi Electronics Co.,...
NTD3055-150-1G VBSEMI-NTD3055-150-1G Datasheet
960Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - NTD3055-150-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTBS9D0N10MC ONSEMI-NTBS9D0N10MC Datasheet
166Kb / 6P
   MOSFET - Single N-Channel 100 V, 9.0 m, 60 A
May, 2020 ??Rev. 2
NTBV5605T4G ONSEMI-NTBV5605T4G Datasheet
144Kb / 7P
   Power MOSFET -60 V, -18.5 A
August, 2011 ??Rev. 4
NTD3055-094 ONSEMI-NTD3055-094 Datasheet
76Kb / 10P
   Power MOSFET 12 A, 60 V
August, 2004 ??Rev. 6
NTTFS5C471NL ONSEMI-NTTFS5C471NL Datasheet
276Kb / 7P
   MOSFET ??Power, Single N-Channel 40 V, 9.0 m, 41 A
September, 2019 ??Rev. 3
NTB60N06 ONSEMI-NTB60N06 Datasheet
216Kb / 10P
   MOSFET – Power, N-Channel, D2PAK 60 V, 60 A
May, 2019 - Rev. 0
NVB60N06T4G ONSEMI-NVB60N06T4G Datasheet
165Kb / 9P
   Power MOSFET 60 V, 60 A, N?묬hannel D2PAK
October, 2011 ??Rev. 0
NTTFS5116PLTAG ONSEMI-NTTFS5116PLTAG Datasheet
113Kb / 6P
   Power MOSFET 60 V, 20 A, 52m
November, 2011 ??Rev. 1
logo
Unisonic Technologies
UTT25P06 UTC-UTT25P06 Datasheet
150Kb / 3P
   -60 V, -27.5 A P-CHANNEL POWER MOSFET
logo
ON Semiconductor
NCP4421 ONSEMI-NCP4421 Datasheet
141Kb / 12P
   9.0 A High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
NTF3055L175 ONSEMI-NTF3055L175 Datasheet
66Kb / 6P
   Power MOSFET 2.0 A, 60 V, Logic Level
February, 2004 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com