Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T0800-PJQ Datasheet(PDF) 8 Page - ATMEL Corporation

Part # T0800-PJQ
Description  5-CHANNEL LASER DRIVER WITH RF OSCILLATOR AND 2 OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T0800-PJQ Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button T0800-PJQ Datasheet HTML 4Page - ATMEL Corporation T0800-PJQ Datasheet HTML 5Page - ATMEL Corporation T0800-PJQ Datasheet HTML 6Page - ATMEL Corporation T0800-PJQ Datasheet HTML 7Page - ATMEL Corporation T0800-PJQ Datasheet HTML 8Page - ATMEL Corporation T0800-PJQ Datasheet HTML 9Page - ATMEL Corporation T0800-PJQ Datasheet HTML 10Page - ATMEL Corporation T0800-PJQ Datasheet HTML 11Page - ATMEL Corporation T0800-PJQ Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
4503D–DVD–02/05
T0800
8.
Electrical Characteristics
V
CC = 5 V, IOUT = 40 mA DC with 40-mA pulse, Tamb = 25°C, unless otherwise specified
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
5
Outputs IOUTA and IOUTB, AC Performance
5.1
Write rise time
I
OUT = 40 mA (read)
+40 mA (10%-90%)
(1)
15, 16,
20, 21
t
RISE
1.0
3.0
ns
C
5.2
Write fall time
I
OUT = 40 mA (read)
+40 mA (10%-90%)
(1)
15, 16,
20, 21
tFALL
1.1
3.0
ns
C
5.3
Output current
overshoot
I
OUT = 40 mA (read) +
40 mA
(1)
15, 16,
20, 21
OS
5
%
C
5.4
I
OUT ON prop delay
NE 50% High-Low to
I
OUT at 50% of final value
15, 16,
20, 21
t
ON
2.0
ns
C
5.5
I
OFF OFF prop
delay
NE 50% Low-High to
I
OUT at 50% of final value
15, 16,
20, 21
tOFF
2.0
ns
C
5.6
Disable time
ENABLE 50% High-Low
to I
OUT at 50% of final
value
15, 16,
20, 21
t
DIS
20
ns
C
5.7
Enable time
ENABLE 50% Low-High
to I
OUT at 50% of final
value
15, 16,
20, 21
t
EN
20
ns
C
5.8
Disable time
oscillator
ENOSC 50% Low-High
to I
OUT at 50% of final
value
15, 16,
20, 21
T
DISO
4ns
C
5.9
Enable time
oscillator
ENOSC 50% High-Low
to I
OUT at 50% of final
value
15, 16,
20, 21
T
ENO
2ns
C
5.10
SELA delay
SELA Low-High 50% to
I
OUT at 50% of final value
15, 16,
20, 21
T
SAH
TBD
ns
C
5.11
SELA delay
SELA High-Low 50% to
I
OUT at 50% of final value
15, 16,
20, 21
T
SAL
TBD
ns
C
5.12
Amplifier
bandwidth
I
OUT = 50 mA, all
channels, -3 dB value
15, 16,
20, 21
BWLCA
20
MHz
C
6
Oscillator
6.1
Oscillator
frequency
RF = 4.7 k
15, 16,
20, 21
FOSC
380
470
560
MHz
A
6.2
Oscillator
temperature
coefficient
RF = 4.7 k
15, 16,
20, 21
TC
OSC
-150
ppm/°C
C
6.3
Disable time
oscillator
ENOSC 50% High-Low
to I
OUT, at 10%/90% of
final value
15, 16,
20, 21
T
DISO
4ns
C
6.4
Enable time
oscillator
ENOSC 50% Low-High
to I
OUT, at 10%/90% of
final value
15, 16,
20, 21
T
ENO
2ns
C
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter


Similar Part No. - T0800-PJQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T080 ETC1-T080 Datasheet
130Kb / 1P
   DIL 14 PIN SINGLE OUTPUT
T0805C220BCT ETC2-T0805C220BCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
T0805C220BCT ETC2-T0805C220BCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
T0805C220CCT ETC2-T0805C220CCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
T0805C220DCT ETC2-T0805C220DCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
More results

Similar Description - T0800-PJQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T0806 ATMEL-T0806 Datasheet
241Kb / 7P
   3 CHANNEL LASER DRIVER WITH RF OSCILLATOR AND 2 OUTPUTS
T0806 ATMEL-T0806_05 Datasheet
282Kb / 8P
   3-channel Laser Driver with RF Oscillator and 2 Outputs
ATR0808 ATMEL-ATR0808 Datasheet
240Kb / 8P
   Three Channel Laser Driver with RF Oscillator and Two Outputs
ATR0809 ATMEL-ATR0809 Datasheet
222Kb / 8P
   FOUR CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
ATR0807 ATMEL-ATR0807 Datasheet
230Kb / 8P
   THREE CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
T0816 ATMEL-T0816 Datasheet
352Kb / 14P
   3 - CHANNEL LASER DRIVER WITH RF OSCILLATOR
T0816 ATMEL-T0816_05 Datasheet
378Kb / 15P
   3-channel Laser Driver with RF Oscillator
T0820 ATMEL-T0820 Datasheet
187Kb / 11P
   4 CHANNEL LASER DRIVER WITH RF OSCILLATOR
T0820 ATMEL-T0820_05 Datasheet
278Kb / 12P
   4-channel Laser Driver with RF Oscillator
logo
Elantec Semiconductor
EL6252C ELANTEC-EL6252C Datasheet
39Kb / 2P
   2-Channel laser diode Driver Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com