Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT77C105ACB08V Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT77C105ACB08V
Description  FingerChip Thermal Fingerprint Sweep Sensor, Hardware Based Navigation and Click Functions, Extended I/O range(1.8-3.3V)
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT77C105ACB08V Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT77C105ACB08V Datasheet HTML 7Page - ATMEL Corporation AT77C105ACB08V Datasheet HTML 8Page - ATMEL Corporation AT77C105ACB08V Datasheet HTML 9Page - ATMEL Corporation AT77C105ACB08V Datasheet HTML 10Page - ATMEL Corporation AT77C105ACB08V Datasheet HTML 11Page - ATMEL Corporation AT77C105ACB08V Datasheet HTML 12Page - ATMEL Corporation AT77C105ACB08V Datasheet HTML 13Page - ATMEL Corporation AT77C105ACB08V Datasheet HTML 14Page - ATMEL Corporation AT77C105ACB08V Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
11
AT77C105A [Preliminary]
5419A–BIOM–01/05
Functional Description
The AT77C105A is a fingerprint sensor based on FingerChip technology. It is controlled
by an SPI serial interface through which output data is also transferred (a slow SPI for
the pointing function and a fast one for acquisition). Six modes are implemented:
Sleep Mode: A very low consumption mode controlled by the reset pin RST.
In this mode, the internal clocks are disabled and the registers are initialized.
Stand-by Mode: Also a low consumption mode that waits for an action from
the host. The slow serial port interface (SSPI) and control blocks are
activated. In this mode the oscillator can remain active.
Click Mode: Waits for a finger on the sensor. The SSPI and control blocks
are activated. The local oscillator, the click array and the click block are all
activated.
Navigation Mode: Calculates the finger’s x and y movements across the
sensor. The SSPI and control blocks are still activated. The local oscillator,
the navigation array and the navigation block are also activated.
Acquisition Mode: Slices are sent to the host for finger reconstruction and
identification. The SSPI and control blocks are still activated. The fast serial
port interface block (FSPI) and the acquisition array are activated, as well as
the local oscillator when watchdog is required.
Test: This mode is reserved for factory testing.
In the final application, three main modes are used:
Stand-by: Low consumption mode
Pointing: Equivalent to click and navigation modes
Acquisition: Fingerprint image capture
Note:
The term”host” describes the processor (controller, DSP...) linked to the sensor. It is the
master. In the description of n-bit registers (see “Function Registers” on page 13), the
term “b0” describes the Least Significant Bit (LSB). The term “b(n-1)” describes the Most
Significant Bit (MSB). Binary data is written as 0b_ and hexadecimal data as 0x_.


Similar Part No. - AT77C105ACB08V

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT77C101B ATMEL-AT77C101B Datasheet
272Kb / 21P
   Thermal Fingerprint Sensor with Sensing Area and Digital Output
AT77C102B ATMEL-AT77C102B Datasheet
299Kb / 19P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02 x 0.55) Sensing Area and Digital Output (On-chip ADC)
AT77C102B-CB01YV ATMEL-AT77C102B-CB01YV Datasheet
821Kb / 20P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02" x 0.55") Sensing Area and Digital Output (On-chip ADC)
AT77C102B-CB01YV- ATMEL-AT77C102B-CB01YV- Datasheet
299Kb / 19P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02 x 0.55) Sensing Area and Digital Output (On-chip ADC)
AT77C102B-CB02YV ATMEL-AT77C102B-CB02YV Datasheet
821Kb / 20P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02" x 0.55") Sensing Area and Digital Output (On-chip ADC)
More results

Similar Description - AT77C105ACB08V

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT77C104B ATMEL-AT77C104B Datasheet
412Kb / 36P
   FingerChip Thermal Fingerprint Sweep Sensor, Hardware Based, Navigation and Click Function, SPI Interface
AT77C104B ATMEL-AT77C104B_08 Datasheet
1Mb / 46P
   FingerChip Thermal Fingerprint Sweep Sensor, Hardware Based, Navigation and Click Function, SPI Interface
logo
Analog Devices
ADP5585 AD-ADP5585 Datasheet
83Kb / 2P
   Keypad Decoder and I/O Expansion GPIO functions GPIO functions
Rev. Sp0
logo
ATMEL Corporation
AT77C101B ATMEL-AT77C101B Datasheet
272Kb / 21P
   Thermal Fingerprint Sensor with Sensing Area and Digital Output
logo
NXP Semiconductors
PCF84C85A PHILIPS-PCF84C85A Datasheet
115Kb / 20P
   Microcontroller with extended I/O
1996 Nov 21
logo
Sony Corporation
CXA3271GE SONY-CXA3271GE Datasheet
180Kb / 17P
   Fingerprint Sensor
CXA3621GE SONY-CXA3621GE Datasheet
113Kb / 14P
   Fingerprint Sensor
logo
NHP Electrical Engineer...
1794-CE3 NHP-1794-CE3 Datasheet
496Kb / 1P
   FLEX I/O EXTENDED LOCAL I/O CABLE 0.9M
7 June 2023,
logo
Feature Integration Tec...
F71869E FINTEK-F71869E Datasheet
995Kb / 131P
   Super I/O Hardware Monitor
logo
NHP Electrical Engineer...
1794-CE1 NHP-1794-CE1 Datasheet
495Kb / 1P
   FLEX I/O EXTENDED LOCAL I/O CABLE 0.3M
7 June 2023,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com